Part Number Hot Search : 
TL1010 CUSTOM AX612 1N746A MAX8796G BIMM111 RT9618 1N4001
Product Description
Full Text Search
 

To Download COM-945GSE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  note: all specifications are subject to change without notice. 05-19 05 features com express cpu modules specifications COM-945GSE onboard intel? atom? n270 processor intel? 945gse + ich7m sodimm ddr2 400/533 memory, max. 2 gb gigabit ethernet crt, 18-bit dual-channel lvds lcd, sdvo high definition audio interface pata x 1, sata 1.5gb/s x 2 usb2.0 x 8 pci x 4, pci-express [x1] x 3 wide dc input range, +8.5v to +19v (optional) com express pin-out type 2 compact module size, 95mm x 95mm, com.0 rev. 1.0 com express type 2 cpu module with onboard intel? atom? n270 processor m2.5 screw x 4 ? product cd ? COM-945GSE ? packing list system form factor com express compact module, pin-out type 2, com.0 rev. 1.0 processor onboard intel? atom? n270 processor, 1.6 ghz, fsb 533 mhz system memory 200-pin ddr2 sodimm x 1, max. 2 gb (ddr2 400/533) chipset intel? 945gse + ich7m i/o chipset ich7m ethernet intel? 82574l, 10/100/1000base-tx bios award bios v8.0 spi type, 2 mb rom eeprom atmel? at24c02, save bios and configuration data (optional) wake on lan yes watchdog timer fintek f75111 h/w status monitoring supports cpu temperature monitoring expansion interface pci-express [x1] x 3 (82801gbm) pci-express [x1] x 5 (82801ghm) (optional) 32-bit pci x 4 lpc bus x 1 smbus x 1 i2c x 1 power requirement wide dc input range, +8.5v to +19v (optional) nominal: +12v 2-pin wafer for rtc battery power consumption (typical) intel? atom? n270 1.6 ghz, ddr2 533 1 gb 1.31a @ +12v 0.36a @ +5v (w/ecb-916m) board size 3.74" (l) x 3.74" (w) (95mm x 95mm) gross weight 0.55 lb (0.25 kg) operating temperature 32?f ~ 140?f (0?c ~ 60?c), -4 f ~ 158 f (-20 c ~ 70 c ) for witas 1 storage temperature -40?f ~ 176?f (-40?c ~ 80?c) operating humidity 0% ~ 90% relative humidity, non-condensing mtbf (hours) 100,000 display supports crt/lcd simultaneous/ dual view displays chipset intel? 945gse integrated memory shared system memory up to 224 mb/ dvmt 3.0 resolutions up to 2048 x 1536 (qxga) for crt up to 1600 x 1200 (uxga) for lcd lcd interface 18-bit dual-channel lvds sdvo supports sdvo x 1 i/o storage pata x 1 (two devices) sata 1.5gb/s x 2 usb usb2.0 x 8 audio high definition audio gpio up to 4 in or 4 out intel? ich7m ddr2 sodimm intel? 82574l gigabit ethernet onboard intel? atom? n270 processor intel? 945gse 2-pin wafer for rtc battery
05-20 dimension unit: mm COM-945GSE ordering information tf-ecb-916m-a10-02 ? com express carrier board, microatx, dual gigabit ethernet, 7.1ch audio, 4 com, usb, pci-express, at/atx, 6th standoff, rev. a1.0 tf-per-a060 ? cpu cooler, for COM-945GSE, onboard cpu, 12v fan tf-per-a055 ? passive heatsink, for COM-945GSE, onboard cpu tf-per-a056 ? heat speader kit, for COM-945GSE, onboard cpu optional accessories part number com express type cpu memory display lvds storage lan usb urat expansion slot power temp tf-COM-945GSE-a11-01 2 (com.0 rev.1.0) intel? atom? n270/1.6g ddr2 sodimm x 1 max.2gb crt, lvds, sdvo 18-bit dual channel sata2 x 2 pata x 1 gbe x 1 usb2.0 x 8 pci-e[1] x 3 32-bit pci x 4 12v 0c ~ 60c tf-COM-945GSEw1-a11 2 (com.0 rev.1.0) intel? atom? n270/1.6g ddr2 sodimm x 1 max.2gb crt, lvds, sdvo 18-bit dual channel sata2 x 2 pata x 1 gbe x 1 usb2.0 x 8 pci-e[1] x 3 32-bit pci x 4 12v witas 1 -20c ~ 70c


▲Up To Search▲   

 
Price & Availability of COM-945GSE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X