Part Number Hot Search : 
IRGBC20 LTC405 AN1366 CNY17F2 DA114 TS50P05G UPA1792G BD00FC
Product Description
Full Text Search
 

To Download COM-945 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  note: all specifications are subject to change without notice. 05-21 05 features com express cpu modules specifications COM-945 intel? core? 2 duo/ core? duo/ celeron? m (socket-m based) processor intel? 945gme + ich7m sodimm ddr2 400/533/667 memory, max. 2 gb gigabit ethernet crt, 18-bit dual-channel lvds lcd, sdvo high definition audio interface pata x 1, sata 1.5gb/s x 2 usb2.0 x 8 pci x 4, pci-express [x16] x 1, pci-express [x1] x 3 wide dc input range, +8.5v to +19v (optional) com express basic module, pin-out type 2, com.0 rev. 1.0 com express type 2 cpu module with intel? core? 2 duo/ core? duo/ celeron? m (socket-m based) processor m2.5 screw x 5 ? product cd ? COM-945 ? packing list system form factor com express basic module, pin-out type 2, com.0 rev. 1.0 processor intel? core? 2 duo/ core? duo/ celeron? m (socket-m based) processor system memory 200-pin ddr2 sodimm x 1, max. 2 gb (ddr2 400/533/667) chipset intel? 945gme + ich7m i/o chipset ich7m ethernet intel? 82573l, 10/100/1000base-tx bios award bios v6.0 spi type, 2 mb rom eeprom atmel? at24c02, save bios and configuration data (optional) wake on lan yes watchdog timer fintek f75111 h/w status monitoring supports cpu temperature monitoring expansion interface pci-express [x16] x 1 (shared with 2 sdvo ports) pci-express [x1] x 3 32-bit pci x 4 lpc bus x 1 smbus x 1 i2c x 1 power requirement wide dc input range, +8.5v to +19v (optional) nominal: +12v 2-pin wafer for rtc battery power consumption (typical) intel? core? 2 duo t7400 2.16ghz, ddr2 667 2 gb 3.97a @ +12v 0.82a @ +5v (w/ecb-916m) board size 4.92" (l) x 3.74" (w) (125 mm x 95 mm) gross weight 0.66 lb (0.3 kg) operating temperature 32?f ~ 140?f (0?c ~ 60?c) storage temperature -40?f ~ 176?f (-40?c ~ 80?c) operating humidity 0% ~ 90% relative humidity, non-condensing mtbf (hours) 100,000 display supports crt/lcd simultaneous/ dual view displays chipset intel? 945gme integrated memory shared system memory up to 224 mb/ dvmt 3.0 resolutions up to 2048 x 1536 (qxga) for crt up to 1600 x 1200 (uxga) for lcd lcd interface 18-bit dual-channel lvds sdvo supports sdvo x 2 (shared with pci-express [x16]) i/o storage pata x 1 (two devices), sata 1.5gb/s x 2 usb usb2.0 x 8 audio high definition audio gpio up to 4 in or 4 out ddr2 sodimm fc-pga (socket m) intel? 945gme intel? 82573l gigabit ethernet intel? ich7m 2-pin wafer for rtc battery
05-22 dimension unit: mm COM-945 ordering information tf-ecb-916m-a10-01 ? com express carrier board, microatx, dual gigabit ethernet, 7.1ch audio, 4 com, usb, pci-express, at/atx, rev. a1.0 tf-per-a078 ? cpu cooler, for COM-945, socket-type cpu, 12v fan tf-per-a076 ? passive heatsink, for COM-945, socket-type cpu tf-per-a086 ? heat spreader kit, for COM-945, socket-type cpu optional accessories part number com express type cpu memory display lvds storage lan usb urat expansion slot power temp tf-COM-945-a20 2 (com.0 rev.1.0) intel? core?2 duo mobile (socket m) ddr2 sodimm x 1 max.2gb crt, lvds, sdvo 24-bit dual channel sata2 x 2 pata x 1 gbe x 1 usb2.0 x 8 pci-e[16] x 1 pci-e[1] x 3 32-bit pci x 4 12v 0c ~ 60c


▲Up To Search▲   

 
Price & Availability of COM-945

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X