Part Number Hot Search : 
WT7514 5TRMPB ON1278 SOD123 02527 L6375D K2312 74AVC
Product Description
Full Text Search
 

To Download CM50DU-24F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 trench gate design dual igbtmod? 50 ampere s / 1200 volts CM50DU-24F powerex, inc., 200 e. hillis street, youngwood, pennsylvania 15697-1800 (724) 925-7272 outline drawing and circuit diagram 1 dimensions inches millimeters a 3.70 94.0 b 1.89 48.0 c 1.18 +0.04/-0.02 30.0 +1.0/-0.5 d 3.150.01 80.00.25 e 0.43 11.0 f 0.16 4.0 g 0.71 18.0 h 0.02 0.5 j 0.53 13.5 k 0.91 23.0 l 0.83 21.2 m 0.67 17.0 dimensions inches millimeters n 0.28 7.0 p m5 m5 q dia. 0.26 6.5 dia. r 0.02 4.0 s 0.30 7.5 t 0.63 16.0 u 0.10 2.5 v 1.0 25.0 w 0.94 24.0 x 0.51 13.0 y 0.47 12.0 z 0.47 12.0 description: powerex igbtmod? modules are designed for use in switching applications. each module con - sists of two igbt transistors in a half-bridge con?guration with each transistor having a reverse-con - nected super-fast recovery free- wheel diode. all components and interconnects are isolated from the heat sinking baseplate, offering simpli?ed system assembly and thermal management. features: low drive power low v ce(sat) discrete super-fast recovery free-wheel diode isolated baseplate for easy heat sinking applications: ac motor control ups battery powered supplies ordering information: example: select the complete module number you desire from the table - i.e. CM50DU-24Fis a 1200v (v ces ), 50 ampere dual igbtmod? power module. current rating v ces type amperes volts (x 50) cm 50 24 q (2 pla ces) cm a b w c d r u u t v t k k p - nuts (3 typ) c2e1 e2 c1 x m n e f g f j y l s h (4 pla ces) e2 g2 g1 e1 t c measured point c2e1 rt c rt c e2 e1 g1 c1 e2 g2
2 CM50DU-24F trench gate design dual igbtmod? 50 ampere s / 1200 volts powerex, inc., 200 e. hillis street, youngwood, pennsylvania 15697-1800 (724) 925-7272 absolute maximum ratings, t j = 25c unless otherwise speci?ed ratings symbol CM50DU-24F units junction temperature t j -40 to 150 c storage temperature t stg -40 to 125 c collector-emitter voltage (g-e short) v ces 1200 volts gate-emitter voltage (c-e short) v ges 20 volts collector current (t c = 25c) i c 50 amperes peak collector current i cm 100* amperes emitter current** (t c = 25c) i e 50 amperes peak emitter current** i em 100* amperes maximum collector dissipation (t c = 25c, t j 150c) p c 320 watts mounting torque, m5 main terminal C 31 in-lb mounting torque, m6 mounting C 40 in-lb weight C 310 grams isolation voltage (main terminal to baseplate, ac 1 min.) v iso 2500 volts static electrical characteristics, t j = 25c unless otherwise speci?ed characteristics symbol test conditions min. typ. max. units collector-cutoff current i ces v ce = v ces , v ge = 0v C C 1 ma gate leakage current i ges v ge = v ges , v ce = 0v C C 20 a gate-emitter threshold voltage v ge(th) i c = 5ma, v ce = 10v 5 6 7 volts collector-emitter saturation voltage v ce(sat) i c = 50a, v ge = 15v, t j = 25c C 1.8 2.4 volts i c = 50a, v ge = 15v, t j = 125c C 1.9 C volts total gate charge q g v cc = 600v, i c = 50a, v ge = 15v C 550 C nc emitter-collector voltage** v ec i e = 50a, v ge = 0v C C 3.2 volts * pulse width and repetition rate should be such that the device junction temperature (t j ) does not exceed t j(max) rating. ** represents characteristics of the anti-parallel, emitter-to-collector free-wheel diode (fwdi). 2
3 CM50DU-24F trench gate design dual igbtmod? 50 ampere s / 1200 volts powerex, inc., 200 e. hillis street, youngwood, pennsylvania 15697-1800 (724) 925-7272 dynamic electrical characteristics, t j = 25c unless otherwise speci?ed characteristics symbol test conditions min. typ. max. units input capacitance c ies C C 20 nf output capacitance c oes v ce = 10v, v ge = 0v C C 0.85 nf reverse transfer capacitance c res C C 0.5 nf inductive turn-on delay time t d(on) v cc = 600v, i c = 50a, C C 100 ns load rise time t r v ge1 = v ge2 = 15v, C C 50 ns switch turn-off delay time t d(off) r g = 6.3 , C C 300 ns times fall time t f inductive load C C 300 ns diode reverse recovery time** t rr switching operation C C 150 ns diode reverse recovery charge** q rr i e = 50a C 2.1 C c thermal and mechanical characteristics, t j = 25 c unless otherwise speci?ed characteristics symbol test conditions min. typ. max. units thermal resistance, junction to case r th(j-c) q per igbt 1/2 module, t c reference C 0.39 c/w point per outline drawing thermal resistance, junction to case r th(j-c) d per fwdi 1/2 module, t c reference C C 0.70 c/w point per outline drawing thermal resistance, junction to case r th(j-c) 'q per igbt 1/2 module, C 0.26 c/w t c reference point under chip contact thermal resistance r th(c-f) per module, thermal grease applied C 0.045 C c/w ** represents characteristics of the anti-parallel, emitter-to-collector free-wheel diode (fwdi).
4 CM50DU-24F trench gate design dual igbtmod? 50 ampere s / 1200 volts powerex, inc., 200 e. hillis street, youngwood, pennsylvania 15697-1800 (724) 925-7272 gate charge, q g , (nc) gate-emitter voltage, v ge , (volts) gate charge, v ge 20 0 200 16 12 8 4 0 400 800 v cc = 600v 600 v cc = 400v i c = 50a emitter current, i e , (amperes) reverse recovery time, t rr , (ns) reverse recovery characteristics (typical) 10 2 10 0 10 1 10 2 10 1 10 0 t rr i rr 10 2 10 1 10 0 reverse recovery current, i rr , (amperes) collector current, i c , (amperes) 10 3 10 0 10 1 10 2 10 2 10 1 10 0 t d(off) t d(on) t r v cc = 600v v ge = 15v r g = 6.3 ? t j = 125 c inductive load t f switching time, (ns) half-bridge switching characteristics (typical) collector-emitter voltage, v ce , (volts) capacitance, c ie s , c oes , c res , (nf) capacitance vs. v ce (typical) 10 -1 10 0 10 2 10 2 10 1 10 0 10 -1 v ge = 0v 10 1 c ie s c oes 0 1.0 2.0 3.0 4.0 10 0 10 1 emitter-collector voltage, v ec , (volts) free-wheel diode forward characteristics (typical) 10 2 emitter current, i e , (amperes ) gate-emitter voltage, v ge , (volts) collector-emitter saturation voltage, v ce(sat ) , (volts) collector-emitter saturation voltage characteristics (typical) 5 0 6 8 1 2 10 18 16 14 20 4 3 2 1 0 t j = 25 c i c = 20a i c = 100a i c = 50a collector-current, i c , (amperes) collector-emitter saturation voltage, v ce(sat) , (volts ) collector-emitter saturation voltage characteristics (typical) 3 0 20 40 60 8 0 2 1 0 100 v ge = 15v t j = 25 c t j = 125 c collector-emitter voltage, v ce , (volts) collector current, i c , (amperes) output characteristics (typical) 0 1 2 3 4 0 t j = 25 o c 20 40 60 80 100 v ge = 20v 15 10 9.5 9 8.5 8 11 v cc = 600v v ge = 15v r g = 6.3 ? t j = 25 c inductive load c re s t j = 25 c time, (s ) normalized transient thermal impedance, z th( j-c) transient thermal impedance characteristics (igbt & fwdi) 10 1 10 -5 10 -4 10 -3 10 0 10 -1 10 -2 10 -3 10 -3 10 -2 10 -1 10 0 10 1 10 -1 10 -2 10 -3 z th = r th ? (normalized value) per unit base r th( j-c ) = 0.39 c/w (igbt) r th( j-c ) = 0.7 c/w (fwdi) single pulse t c = 25 c


▲Up To Search▲   

 
Price & Availability of CM50DU-24F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X