Part Number Hot Search : 
C101A 81CNQ040 RL102 STUS020 ARX1009 2N5142 MC74AC1 MC74AC1
Product Description
Full Text Search
 

To Download BAV20WS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds30119 rev. 8 - 2 1 of 2 bav19ws - bav21ws www.diodes.com  diodes incorporated bav19ws - bav21ws surface mount fast switching diode  case: sod-323, molded plastic  case material - ul flammability rating classification 94v-0  moisture sensitivity: level 1 per j-std-020a  terminals: solderable per mil-std-202, method 208  also available in lead free plating (matte tin finish). please see ordering information, note 4, on page 2  terminal connections: cathode band, see page 2  bav19ws marking: a8 or t2 or t3  BAV20WS marking: t2 or t3  bav21ws marking: t3  weight: 0.004 grams (approx.) mechanical data characteristic symbol bav19ws BAV20WS bav21ws unit repetitive peak reverse voltage v rrm 120 200 250 v working peak reverse voltage dc blocking voltage v rwm v r 100 150 200 v rms reverse voltage v r(rms) 71 106 141 v forward continuous current (note 1) i fm 400 ma average rectified output current (note 1) i o 200 ma non-repetitive peak forward surge current @ t = 1.0  s @ t = 1.0s i fsm 2.5 0.5 a repetitive peak forward surge current i frm 625 ma power dissipation p d 200 mw thermal resistance junction to ambient air (note 1) r  ja 625  c/w operating and storage temperature range t j ,t stg -65 to +150  c maximum ratings @ t a = 25  c unless otherwise specified note: 1. part mounted on fr-4 pc board with recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 2. short duration pulse test used to minimize self-heating effect. characteristic symbol min max unit test condition reverse breakdown voltage (note 2) bav19ws BAV20WS bav21ws v (br)r 120 200 250  v i r = 100  a forward voltage (note 2) v fm  1.0 1.25 v i f = 100ma i f = 200ma peak reverse current @ rated dc blocking voltage (note 2) i rm  100 15 na  a t j = 25  c t j = 100  c total capacitance c t  5.0 pf v r = 0, f = 1.0mhz reverse recovery time t rr  50 ns i f = i r = 30ma, i rr = 0.1 x i r ,r l = 100  electrical characteristics @ t a = 25  c unless otherwise specified  fast switching speed  surface mount package ideally suited for automatic insertion  for general purpose switching applications  high conductance  also available in lead free version a b c d e g h j sod-323 dim min max a 2.30 2.70 b 1.60 1.80 c 1.20 1.40 d 1.05 typical e 0.25 0.35 g 0.20 0.40 h 0.10 0.15 j 0.05 typical  0  8  all dimensions in mm features
notes: 3. for packaging details, go to our website at: http://www.diodes.com/datasheets/ap02007.pdf. 4. for lead free version (with lead free terminal finish) part number, please add "-f" suffix to the part numb er above. example: bav21ws-7-f. ds30119 rev. 8 - 2 2 of 2 bav19ws - bav21ws www.diodes.com 0.001 0.01 0.1 1 0 0.4 0.2 0. 6 i , instantane o us f o rward current (a) f v , instantaneous forward voltage (v) f fig. 1 typical forward characteristics 0.8 1.2 1.0 1. 4 t = 0oc a t = 150oc a t = -40oc a t = 25oc a t = 75oc a t = 125oc a 0.0001 0.01 0.001 0.1 1 10 100 0 50 100 200 150 250 v , instantaneous reverse voltage (v) r fig. 2 typical reverse characteristics t = -40oc a t = 25oc a t = 75oc a t = 125oc a t = 150oc a t = 0oc a 0.0 0.5 1.0 1.5 3.5 3.0 2.5 2.0 4. 0 0 10 20 40 30 c , total capacitance (pf) t v , reverse voltage (v) r fi g .3 t y pical capacitance vs. reverse volta g e f = 1.0mhz xx = product type marking code (see page 1) xx marking information device packaging shipping bav19ws-7 sod-323 3000/tape & reel BAV20WS-7 sod-323 3000/tape & reel bav21ws-7 sod-323 3000/tape & reel ordering information (note 3) 0 100 200 250 200 150 50 100 0 t , ambient temperature ( c) a fig. 4 power derating curve, total package p,p o wer dissipati o n (mw) d


▲Up To Search▲   

 
Price & Availability of BAV20WS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X