Part Number Hot Search : 
DTA14 2PA1774J 7C135 S16S35PT DTA14 2815T 377B1 STK62
Product Description
Full Text Search
 

To Download ATMEGA644P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features ? high-performance, low-power atmel ? avr ? 8-bit microcontroller ? advanced risc architecture ? 131 powerful instructions ? mo st single-clock cycle execution ? 32 8 general purpose working registers ? fully static operation ? up to 20 mips throughput at 20 mhz ? on-chip 2-cycle multiplier ? high endurance non-volatile memory segments ? 16k/32k/64k bytes of in-system se lf-programmable flash program memory ? 512b/1k/2k bytes eeprom ? 1k/2k/4k bytes internal sram ? write/erase cycles: 10,000 flash/ 100,000 eeprom ? data retention: 20 years at 85 c/100 years at 25 c (1) ? optional boot code section with independent lock bits in-system programming by on-chip boot program true read-while-write operation ? programming lock for software security ? jtag (ieee std. 1149.1 compliant) interface ? boundary-scan capabilities according to the jtag standard ? extensive on-chip debug support ? programming of flash, eeprom, fuses, and lock bits through the jtag interface ? peripheral features ? two 8-bit timer/counters with separate prescalers and compare modes ? one 16-bit timer/counter with separate prescaler, compare mode, and capture mode ? real time counter with separate oscillator ? six pwm channels ? 8-channel, 10-bit adc differential mode with selectable gain at 1, 10 or 200 ? byte-oriented two-wire serial interface ? two programmable serial usart ? master/slave spi serial interface ? programmable watchdog timer with separate on-chip oscillator ? on-chip analog comparator ? interrupt and wake-up on pin change ? special microcontroller features ? power-on reset and progra mmable brown-out detection ? internal calibrated rc oscillator ? external and internal interrupt sources ? six sleep modes: idle, adc noise reductio n, power-save, power-down, standby and extended standby ? i/o and packages ? 32 programmable i/o lines ? 40-pin pdip, 44-lead tqfp, 44-pad vqfn/qfn/mlf (atmega164p/324p/644p) ? 44-pad drqfn ( atmega164p ) ? operating voltages ? 1.8v - 5.5v for atmega164p/324p/644pv ? 2.7v - 5.5v for atmega164p/324p/644p ? speed grades ? atmega164p/324p/644pv: 0 - 4 mhz @ 1.8v - 5.5v, 0 - 10 mhz @ 2.7v - 5.5v ? atmega164p/324p/644p: 0 - 10 mhz @ 2.7v - 5.5v, 0 - 20 mhz @ 4.5v - 5.5v ? power consumption at 1 mhz, 1.8v, 25 c for atmega164p/324p/644pv ? active: 0.4 ma ? power-down mode: 0.1 a ? power-save mode: 0.6 a (including 32 khz rtc) note: 1. see ?data retention? on page 8 . 8-bit microcontroller with 16k/32k/64k bytes in-system programmable flash atmega164p/v atmega324p/v ATMEGA644P/v summary 8011os?avr?07/10
2 8011os?avr?07/10 atmega164p/324p/644p 1. pin configurations 1.1 pinout - pdip/tq fp/vqfn/qfn/mlf figure 1-1. pinout atmega164p/324p/644p note: the large center pad underneath the vqfn/qfn/mlf package should be soldered to ground on the board to ensure good mechanical stability. (pcint8/xck0/t0) pb0 (pcint9/clko/t1) pb1 (pcint10/int2/ain0) pb2 (pcint11/oc0a/ain1) pb3 (pcint12/oc0b/ss) pb4 (pcint13/mosi) pb5 (pcint14/miso) pb6 (pcint15/sck) pb7 reset vcc gnd xtal2 xtal1 (pcint24/rxd0) pd0 (pcint25/txd0) pd1 (pcint26/rxd1/int0) pd2 (pcint27/txd1/int1) pd3 (pcint28/xck1/oc1b) pd4 (pcint29/oc1a) pd5 (pcint30/oc2b/icp) pd6 pa0 (adc0/pcint0) pa1 (adc1/pcint1) pa2 (adc2/pcint2) pa3 (adc3/pcint3) pa4 (adc4/pcint4) pa5 (adc5/pcint5) pa6 (adc6/pcint6) pa7 (adc7/pcint7) aref gnd avcc pc7 (tosc2/pcint23) pc6 (tosc1/pcint22) pc5 (tdi/pcint21) pc4 (tdo/pcint20) pc3 (tms/pcint19) pc2 (tck/pcint18) pc1 (sda/pcint17) pc0 (scl/pcint16) pd7 (oc2a/pcint31) pdip pa4 (adc4/pcint4) pa5 (adc5/pcint5) pa6 (adc6/pcint6) pa7 (adc7/pcint7) aref gnd avcc pc7 (tosc2/pcint23) pc6 (tosc1/pcint22) pc5 (tdi/pcint21) pc4 (tdo/pcint20) (pcint13/mosi) pb5 (pcint14/miso) pb6 (pcint15/sck) pb7 reset vcc gnd xtal2 xtal1 (pcint24/rxd0) pd0 (pcint25/txd0) pd1 (pcint26/rxd1/int0) pd2 (pcint27/txd1/int1) pd3 (pcint28/xck1/oc1b) pd4 (pcint29/oc1a) pd5 (pcint30/oc2b/icp) pd6 (pcint31/oc2a) pd7 vcc gnd (pcint16/scl) pc0 (pcint17/sda) pc1 (pcint18/tck) pc2 (pcint19/tms) pc3 pb4 (ss/oc0b/pcint12) pb3 (ain1/oc0a/pcint11) pb2 (ain0/int2/pcint10) pb1 (t1/clko/pcint9) pb0 (xck0/t0/pcint8) gnd vcc pa0 (adc0/pcint0) pa1 (adc1/pcint1) pa2 (adc2/pcint2) pa3 (adc3/pcint3) tqfp/vqfn/qfn/mlf
3 8011os?avr?07/10 atmega164p/324p/644p 1.2 pinout - drqfn figure 1-2. drqfn - pinout atmega164p table 1-1. drqfn - pinout atmega164p/324p a1 pb5 a7 pd3 a13 pc4 a19 pa 3 b1 pb6 b6 pd4 b11 pc5 b16 pa 2 a2 pb7 a8 pd5 a14 pc6 a20 pa 1 b2 reset b7 pd6 b12 pc7 b17 pa 0 a3 vcc a9 pd7 a15 avcc a21 vcc b3 gnd b8 vcc b13 gnd b18 gnd a4 xtal2 a10 gnd a16 aref a22 pb0 b4 xtal1 b9 pc0 b14 pa 7 b19 pb1 a5 pd0 a11 pc1 a17 pa 6 a23 pb2 b5 pd1 b10 pc2 b15 pa 5 b20 pb3 a6 pd2 a12 pc3 a18 pa 4 a24 pb4 top view bottom view a1 b1 a2 b2 a3 b3 a4 b4 a5 b5 a6 a18 b15 a17 b14 a16 b13 a15 b12 a14 b11 a13 a12 b10 a11 b9 a10 b8 a9 b7 a8 b6 a7 a24 b20 a23 b19 a22 b18 a21 b17 a20 b16 a19 a18 b15 a17 b14 a16 b13 a15 b12 a14 b11 a13 a1 b1 a2 b2 a3 b3 a4 b4 a5 b5 a6 a7 b6 a8 b7 a9 b8 a10 b9 a11 b10 a12 a19 b16 a20 b17 a21 b18 a22 b19 a23 b20 a24
4 8011os?avr?07/10 atmega164p/324p/644p 2. overview the atmega164p/324p/644p is a low-power cmos 8-bit microcontroller based on the avr enhanced risc architecture. by executing powerful instructions in a single clock cycle, the atmega164p/324p/644p achieves throughputs approaching 1 mips per mhz allowing the sys- tem designer to optimize power cons umption versus processing speed. 2.1 block diagram figure 2-1. block diagram the avr core combines a rich instruction set with 32 general purpose working registers. all the 32 registers are directly connected to the arithmetic logic unit (alu), allowing two independent registers to be accessed in one single instruction executed in one clock cycle. the resulting architecture is more code efficient while achiev ing throughputs up to ten times faster than con- ventional cisc microcontrollers. cpu gnd vcc reset power supervision por / bod & reset watchdog oscillator watchdog timer oscillator circuits / clock generation xtal1 xtal2 port a (8) port d (8) pd7..0 port c (8) pc5..0 twi spi eeprom jtag/ocd 16 bit t/c 1 8 bit t/c 2 8 bit t/c 0 sram flash usart 0 internal bandgap reference analog comparator a/d converter pa7..0 port b (8) pb7..0 usart 1 tosc1/pc6 tosc2/pc7
5 8011os?avr?07/10 atmega164p/324p/644p the atmega164p/324p/644p provides the following features: 16k/32k/64k bytes of in-system programmable flash with read-while-write capabilities, 512b/1k/2k bytes eeprom, 1k/2k/4k bytes sram, 32 general purpose i/o lines, 32 general purpose working registers, real time counter (rtc), three flexible timer/counters with compare modes and pwm, 2 usarts, a byte oriented 2-wire serial interface, a 8-channel, 10-bit adc with optional differen- tial input stage with programmabl e gain, programmable watchdog timer with internal oscillator, an spi serial port, ieee std. 1149.1 compliant jt ag test interface, also used for accessing the on-chip debug system and programming and six software selectable power saving modes. the idle mode stops the cpu while allowing the sram, timer/counters, spi port, and interrupt sys- tem to continue functioning. the power-down mode saves the register contents but freezes the oscillator, disabling all other ch ip functions until the next interr upt or hardware reset. in power- save mode, the asynchronous timer continues to run, allowing the user to maintain a timer base while the rest of the device is sleeping. the adc noise reduction mode stops the cpu and all i/o modules except asynchronous timer and adc, to minimize switching noise during adc conversions. in standby mode, the crystal/resonato r oscillator is running while the rest of the device is sleeping. this allows very fast st art-up combined with lo w power consumption. in extended standby mode, bo th the main oscillator and the asynchronous ti mer continue to run. the device is manufactured using atmel?s high- density nonvolatile memory technology. the on- chip isp flash allows the prog ram memory to be repr ogrammed in-system th rough an spi serial interface, by a conventional nonvolatile memory programmer, or by an on-chip boot program running on the avr core. the boot program can use any interface to download the application program in the applicatio n flash memory. software in the boot flash section will continue to run while the application flash section is updated, providing true read-while-write operation. by combining an 8-bit risc cpu with in-system self-programmable flash on a monolithic chip, the atmel atmega164p/324p/644p is a powerful mi crocontroller that provides a highly flexible and cost effective solution to many embedded control applications. the atmega164p/324p/644p avr is supported with a full suite of program and system devel- opment tools including: c comp ilers, macro assemblers, program debugger/simulato rs, in-circuit emulators, and evaluation kits. 2.2 comparison between atme ga164p, atmega324p and ATMEGA644P table 2-1. differences between atmega164p and ATMEGA644P device flash eeprom ram atmega164p 16 kbyte 512 bytes 1 kbyte atmega324p 32 kbyte 1 kbyte 2 kbyte ATMEGA644P 64 kbyte 2 kbyte 4 kbyte
6 8011os?avr?07/10 atmega164p/324p/644p 2.3 pin descriptions 2.3.1 vcc digital supply voltage. 2.3.2 gnd ground. 2.3.3 port a (pa7:pa0) port a serves as analog inputs to the analog-to-digital converter. port a also serves as an 8-bit bi-directional i/o port with internal pull-up resistors (selected for each bit). the port a output buffers have symmetr ical drive characterist ics with both high sink and source capability. as inputs, port a pins that are externally pulled low will source current if the pull-up resistors are activated. the port a pins are tri-stated when a reset condition becomes active, even if the clock is not running. port a also serves the functions of various special features of the atmega164p/324p/644p as listed on page 81 . 2.3.4 port b (pb7:pb0) port b is an 8-bit bi-directional i/o port with internal pull-up resistors (selected for each bit). the port b output buffers have symmetrical drive characteristics with both high sink and source capability. as inputs, port b pi ns that are externally pulled low will source current if the pull-up resistors are activated. the port b pins are tri-stated when a reset condition becomes active, even if the clock is not running. port b also serves the functions of various special features of the atmega164p/324p/644p as listed on page 83 . 2.3.5 port c (pc7:pc0) port c is an 8-bit bi-directional i/o port with internal pull-up resistors (selected for each bit). the port c output buffers have symmetrical drive c haracteristics with bot h high sink and source capability. as inputs, port c pi ns that are externally pulled lo w will source current if the pull-up resistors are activated. the port c pins are tri-stated when a reset condition becomes active, even if the clock is not running. port c also serves the functions of the jtag interface, along with special features of the atmega164p/324p/644p as listed on page 86 . 2.3.6 port d (pd7:pd0) port d is an 8-bit bi-directional i/o port with internal pull-up resistors (selected for each bit). the port d output buffers have symmetrical drive c haracteristics with bot h high sink and source capability. as inputs, port d pi ns that are externally pulled lo w will source current if the pull-up resistors are activated. the port d pins are tri-stated when a reset condition becomes active, even if the clock is not running. port d also serves the functions of various special features of the atmega164p/324p/644p as listed on page 88 .
7 8011os?avr?07/10 atmega164p/324p/644p 2.3.7 reset reset input. a low level on this pin for longer than the minimum pulse length will generate a reset, even if the clock is not runni ng. the minimum pulse length is given in ?system and reset characteristics? on page 332 . shorter pulses are not guaranteed to generate a reset. 2.3.8 xtal1 input to the inverting oscillato r amplifier and input to the in ternal clock operating circuit. 2.3.9 xtal2 output from the invert ing oscillator amplifier. 2.3.10 avcc avcc is the supply voltage pin for port a and the analog-to-digital converter. it should be exter- nally connected to v cc , even if the adc is not used. if the adc is used, it should be connected to v cc through a low-pass filter. 2.3.11 aref this is the analog reference pin for the analog-to-digital converter.
8 8011os?avr?07/10 atmega164p/324p/644p 3. about 3.1 resources a comprehensive set of development tools, application notes and datasheetsare available for download on http:// www.atmel.com/avr. 3.2 about code examples this documentation contains simple code examples that briefly show how to use various parts of the device. be aware that not all c compiler vendors include bit definitions in the header files and interrupt handling in c is compiler dependent. please confirm with the c compiler documen- tation for more details. the code examples assume that the part specific header file is included before compilation. for i/o registers located in extended i/o map, "in", "out", "sbis", "sbic", "cbi", and "sbi" instruc- tions must be replaced with instructions that allow access to extended i/o. typically "lds" and "sts" combined with "sbrs", "sbrc", "sbr", and "cbr". 3.3 data retention reliability qualification results show that the pr ojected data retention failure rate is much less than 1 ppm over 20 years at 85c or 100 years at 25c.
9 8011os?avr?07/10 atmega164p/324p/644p 4. register summary address name bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 page (0xff) reserved - - - - - - - (0xfe) reserved - - - - - - - - (0xfd) reserved - - - - - - - - (0xfc) reserved - - - - - - - - (0xfb) reserved - - - - - - - (0xfa) reserved - - - - - - - - (0xf9) reserved - - - - - - - (0xf8) reserved - - - - - - - - (0xf7) reserved - - - - - - - - (0xf6) reserved - - - - - - - - (0xf5) reserved - - - - - - - (0xf4) reserved - - - - - - - - (0xf3) reserved - - - - - - - - (0xf2) reserved - - - - - - - - (0xf1) reserved - - - - - - - (0xf0) reserved - - - - - - - - (0xef) reserved - - - - - - - (0xee) reserved - - - - - - - - (0xed) reserved - - - - - - - - (0xec) reserved - - - - - - - - (0xeb) reserved - - - - - - - (0xea) reserved - - - - - - - - (0xe9) reserved - - - - - - - - (0xe8) reserved - - - - - - - - (0xe7) reserved - - - - - - - (0xe6) reserved - - - - - - - - (0xe5) reserved - - - - - - - - (0xe4) reserved - - - - - - - - (0xe3) reserved - - - - - - - (0xe2) reserved - - - - - - - - (0xe1) reserved - - - - - - - (0xe0) reserved - - - - - - - (0xdf) reserved - - - - - - - - (0xde) reserved - - - - - - - - (0xdd) reserved - - - - - - - - (0xdc) reserved - - - - - - - (0xdb) reserved - - - - - - - - (0xda) reserved - - - - - - - - (0xd9) reserved - - - - - - - - (0xd8) reserved - - - - - - - - (0xd7) reserved - - - - - - - - (0xd6) reserved - - - - - - - - (0xd5) reserved - - - - - - - - (0xd4) reserved - - - - - - - - (0xd3) reserved - - - - - - - - (0xd2) reserved - - - - - - - - (0xd1) reserved - - - - - - - - (0xd0) reserved - - - - - - - - (0xcf) reserved - - - - - - - - (0xce) udr1 usart1 i/o data register 190 (0xcd) ubrr1h - - - - usart1 baud rate register high byte 194/207 (0xcc) ubrr1l usart1 baud rate register low byte 194/207 (0xcb) reserved - - - - - - - - (0xca) ucsr1c umsel11 umsel10 - - - udord1 ucpha1 ucpol1 192/206 (0xc9) ucsr1b rxcie1 txcie1 udrie1 rxe n1 txen1 ucsz12 rxb81 txb81 191/205 (0xc8) ucsr1a rxc1 txc1 udre1 fe1 dor1 upe1 u2x1 mpcm1 190/205 (0xc7) reserved - - - - - - - - (0xc6) udr0 usart0 i/o data register 190 (0xc5) ubrr0h - - - - usart0 baud rate register high byte 194/207 (0xc4) ubrr0l usart0 baud rate register low byte 194/207 (0xc3) reserved - - - - - - - - (0xc2) ucsr0c umsel01 umsel00 - - - udord0 ucpha0 ucpol0 192/206 (0xc1) ucsr0b rxcie0 txcie0 udrie0 rxe n0 txen0 ucsz02 rxb80 txb80 191/205
10 8011os?avr?07/10 atmega164p/324p/644p (0xc0) ucsr0a rxc0 txc0 udre0 fe0 dor0 upe0 u2x0 mpcm0 190/205 (0xbf) reserved - - - - - - - - (0xbe) reserved - - - - - - - - (0xbd) twamr twam6 twam5 twam4 twam3 twam2 twam1 twam0 -236 (0xbc) twcr twint twea twsta twsto twwc twen -twie 233 (0xbb) twdr 2-wire serial interface data register 235 (0xba) twar twa6 twa5 twa4 tw a3 twa2 twa1 twa0 twgce 236 (0xb9) twsr tws7 tw s6 tws5 tws4 tws3 - twps1 twps0 235 (0xb8) twbr 2-wire serial interface bit rate register 233 (0xb7) reserved - - - - - - - - (0xb6) assr - exclk as2 tcn2ub ocr2aub ocr2bub tcr2aub tcr2bub 158 (0xb5) reserved - - - - - - - - (0xb4) ocr2b timer/counter2 output compare register b 158 (0xb3) ocr2a timer/counter2 output compare register a 158 (0xb2) tcnt2 timer/counter2 (8 bit) 157 (0xb1) tccr2b foc2a foc2b - - wgm22 cs22 cs21 cs20 156 (0xb0) tccr2a com2a1 com2a0 com2b1 com2b0 - - wgm21 wgm20 153 (0xaf) reserved - - - - - - - - (0xae) reserved - - - - - - - - (0xad) reserved - - - - - - - - (0xac) reserved - - - - - - - - (0xab) reserved - - - - - - - - (0xaa) reserved - - - - - - - - (0xa9) reserved - - - - - - - - (0xa8) reserved - - - - - - - - (0xa7) reserved - - - - - - - - (0xa6) reserved - - - - - - - - (0xa5) reserved - - - - - - - - (0xa4) reserved - - - - - - - - (0xa3) reserved - - - - - - - - (0xa2) reserved - - - - - - - - (0xa1) reserved - - - - - - - - (0xa0) reserved - - - - - - - - (0x9f) reserved - - - - - - - - (0x9e) reserved - - - - - - - - (0x9d) reserved - - - - - - - - (0x9c) reserved - - - - - - - - (0x9b) reserved - - - - - - - - (0x9a) reserved - - - - - - - - (0x99) reserved - - - - - - - - (0x98) reserved - - - - - - - - (0x97) reserved - - - - - - - - (0x96) reserved - - - - - - - - (0x95) reserved - - - - - - - - (0x94) reserved - - - - - - - - (0x93) reserved - - - - - - - - (0x92) reserved - - - - - - - - (0x91) reserved - - - - - - - - (0x90) reserved - - - - - - - - (0x8f) reserved - - - - - - - - (0x8e) reserved - - - - - - - - (0x8d) reserved - - - - - - - - (0x8c) reserved - - - - - - - - (0x8b) ocr1bh timer/counter1 - output compare register b high byte 137 (0x8a) ocr1bl timer/counter1 - output compare register b low byte 137 (0x89) ocr1ah timer/counter1 - output compare register a high byte 137 (0x88) ocr1al timer/counter1 - output compare register a low byte 137 (0x87) icr1h timer/counter1 - input capture register high byte 138 (0x86) icr1l timer/counter1 - input capture register low byte 138 (0x85) tcnt1h timer/counter1 - counter register high byte 137 (0x84) tcnt1l timer/counter1 - counter register low byte 137 (0x83) reserved - - - - - - - - (0x82) tccr1c foc1a foc1b - - - - - -136 (0x81) tccr1b icnc1 ices1 - wgm13 wgm12 cs12 cs11 cs10 135 (0x80) tccr1a com1a1 com1a0 com1b1 com1b0 - - wgm11 wgm10 133 (0x7f) didr1 - - - - - -ain1dain0d 240 address name bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 page
11 8011os?avr?07/10 atmega164p/324p/644p (0x7e) didr0 adc7d adc6d adc5d adc4d adc3d adc2d adc1d adc0d 260 (0x7d) reserved - - - - - - - - (0x7c) admux refs1 refs0 adlar mux4 mux3 mux2 mux1 mux0 256 (0x7b) adcsrb -acme - - - adts2 adts1 adts0 239 (0x7a) adcsra aden adsc adate adif adie adps2 adps1 adps0 258 (0x79) adch adc data register high byte 259 (0x78) adcl adc data register low byte 259 (0x77) reserved - - - - - - - - (0x76) reserved - - - - - - - - (0x75) reserved - - - - - - - - (0x74) reserved - - - - - - - - (0x73) pcmsk3 pcint31 pcint30 pcint29 pcint28 pcint27 pcint26 pcint25 pcint24 71 (0x72) reserved - - - - - - - - (0x71) reserved - - - - - - - - (0x70) timsk2 - - - - - ocie2b ocie2a toie2 159 (0x6f) timsk1 - -icie1 - - ocie1b ocie1a toie1 138 (0x6e) timsk0 - - - - - ocie0b ocie0a toie0 110 (0x6d) pcmsk2 pcint23 pcint22 pcint21 pcint20 pcint19 pcint18 pcint17 pcint16 71 (0x6c) pcmsk1 pcint15 pcint14 pcint13 p cint12 pcint11 pcint10 pcint9 pcint8 71 (0x6b) pcmsk0 pcint7 pcint6 pcint5 pc int4 pcint3 pcint2 pcint1 pcint0 72 (0x6a) reserved - - - - - - - - (0x69) eicra - - isc21 isc20 isc11 isc10 isc01 isc00 68 (0x68) pcicr - - - - pcie3 pcie2 pcie1 pcie0 70 (0x67) reserved - - - - - - - - (0x66) osccal oscillator calibration register 41 (0x65) reserved - - - - - - - - (0x64) prr prtwi prtim2 prtim0 prus art1 prtim1 prspi prusart0 pradc 49 (0x63) reserved - - - - - - - - (0x62) reserved - - - - - - - - (0x61) clkpr clkpce - - - clkps3 clkps2 clkps1 clkps0 41 (0x60) wdtcsr wdif wdie wdp3 wdce wde wdp2 wdp1 wdp0 60 0x3f (0x5f) sreg i t h s v n z c 11 0x3e (0x5e) sph sp15 sp14 sp13 sp12 sp11 sp10 sp9 sp8 12 0x3d (0x5d) spl sp7 sp6 sp5 sp4 sp3 sp2 sp1 sp0 12 0x3c (0x5c) reserved - - - - - - - - 0x3b (0x5b) rampz - - - - - - - rampz0 15 0x3a (0x5a) reserved - - - - - - - - 0x39 (0x59) reserved - - - - - - - - 0x38 (0x58) reserved - - - - - - - - 0x37 (0x57) spmcsr spmie rwwsb sigrd rwwsre blbset pgwrt pgers spmen 292 0x36 (0x56) reserved - - - - - - - - 0x35 (0x55) mcucr jtd bods bodse pud - - ivsel ivce 92/276 0x34 (0x54) mcusr - - - jtrf wdrf borf extrf porf 59/276 0x33 (0x53) smcr - - - - sm2 sm1 sm0 se 48 0x32 (0x52) reserved - - - - - - - - 0x31 (0x51) ocdr on-chip debug register 266 0x30 (0x50) acsr acd acbg aco aci acie acic acis1 acis0 258 0x2f (0x4f) reserved - - - - - - - - 0x2e (0x4e) spdr spi 0 data register 171 0x2d (0x4d) spsr spif0 wcol0 - - - - -spi2x0 170 0x2c (0x4c) spcr spie0 spe0 dord0 mstr0 cpol0 cpha0 spr01 spr00 169 0x2b (0x4b) gpior2 general purpose i/o register 2 29 0x2a (0x4a) gpior1 general purpose i/o register 1 29 0x29 (0x49) reserved - - - - - - - - 0x28 (0x48) ocr0b timer/counter0 output compare register b 110 0x27 (0x47) ocr0a timer/counter0 output compare register a 109 0x26 (0x46) tcnt0 timer/counter0 (8 bit) 109 0x25 (0x45) tccr0b foc0a foc0b - - wgm02 cs02 cs01 cs00 108 0x24 (0x44) tccr0a com0a1 com0a0 com0b1 com0b0 - - wgm01 wgm00 110 0x23 (0x43) gtccr tsm - - - - - psrasy psr5sync 160 0x22 (0x42) eearh - - - - eeprom address register high byte 24 0x21 (0x41) eearl eeprom address register low byte 24 0x20 (0x40) eedr eeprom data register 24 0x1f (0x3f) eecr - - eepm1 eepm0 eerie eempe eepe eere 24 0x1e (0x3e) gpior0 general purpose i/o register 0 29 0x1d (0x3d) eimsk - - - - - int2 int1 int0 69 address name bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 page
12 8011os?avr?07/10 atmega164p/324p/644p notes: 1. for compatibility with future devices, reserved bits s hould be written to zero if accessed. reserved i/o memory address es should never be written. 2. i/o registers within the address range $00 - $1f are directly bit-accessible using th e sbi and cbi instructions. in these reg - isters, the value of single bits can be checked by using the sbis and sbic instructions. 3. some of the status flags are cleared by writing a logical o ne to them. note that the cbi and sbi instructions will operate on all bits in the i/o register, writing a one back into any flag r ead as set, thus clearing the fl ag. the cbi and sbi instruction s work with registers 0x00 to 0x1f only. 4. when using the i/o specific commands in and out, the i/o addresses $00 - $3f must be used. when addressing i/o regis- ters as data space using ld and st instructions, $20 must be added to these addresses. the atmega164p/324p/644p is a complex microcontroller with more peripheral units than can be supported within the 64 location reserved in opcode for the in and out instructions. for the extended i/o space from $60 - $ff , only the st/sts/std and ld/lds/ldd instructions can be used. 0x1c (0x3c) eifr - - - - - intf2 intf1 intf0 69 0x1b (0x3b) pcifr - - - - pcif3 pcif2 pcif1 pcif0 70 0x1a (0x3a) reserved - - - - - - - - 0x19 (0x39) reserved - - - - - - - - 0x18 (0x38) reserved - - - - - - - - 0x17 (0x37) tifr2 - - - - - ocf2b ocf2a tov2 160 0x16 (0x36) tifr1 - -icf1 - - ocf1b ocf1a tov1 139 0x15 (0x35) tifr0 - - - - - ocf0b ocf0a tov0 110 0x14 (0x34) reserved - - - - - - - - 0x13 (0x33) reserved - - - - - - - - 0x12 (0x32) reserved - - - - - - - - 0x11 (0x31) reserved - - - - - - - - 0x10 (0x30) reserved - - - - - - - - 0x0f (0x2f) reserved - - - - - - - - 0x0e (0x2e) reserved - - - - - - - - 0x0d (0x2d) reserved - - - - - - - - 0x0c (0x2c) reserved - - - - - - - - 0x0b (0x2b) portd portd7 portd6 portd5 portd4 portd3 portd2 portd1 portd0 93 0x0a (0x2a) ddrd ddd7 ddd6 ddd5 ddd4 ddd3 ddd2 ddd1 ddd0 93 0x09 (0x29) pind pind7 pind6 pi nd5 pind4 pind3 pind2 pind1 pind0 93 0x08 (0x28) portc portc7 portc6 portc5 portc4 portc3 portc2 portc1 portc0 93 0x07 (0x27) ddrc ddc7 ddc6 ddc5 ddc4 ddc3 ddc2 ddc1 ddc0 93 0x06 (0x26) pinc pinc7 pinc6 pi nc5 pinc4 pinc3 pinc2 pinc1 pinc0 93 0x05 (0x25) portb portb7 portb6 portb5 portb4 portb3 portb2 portb1 portb0 92 0x04 (0x24) ddrb ddb7 ddb6 ddb5 d db4 ddb3 ddb2 ddb1 ddb0 92 0x03 (0x23) pinb pinb7 pinb6 pinb5 pinb4 pinb3 pinb2 pinb1 pinb0 92 0x02 (0x22) porta porta7 porta6 porta5 porta4 porta3 porta2 porta1 porta0 92 0x01 (0x21) ddra dda7 dda6 dda5 d da4 dda3 dda2 dda1 dda0 92 0x00 (0x20) pina pina7 pina6 pina5 pina4 pina3 pina2 pina1 pina0 92 address name bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 page
13 8011os?avr?07/10 atmega164p/324p/644p 5. instruction set summary mnemonics operands description operation flags #clocks arithmetic and logic instructions add rd, rr add two registers rd rd + rr z,c,n,v,h 1 adc rd, rr add with carry two registers rd rd + rr + c z,c,n,v,h 1 adiw rdl,k add immediate to word rdh:rdl rdh:rdl + k z,c,n,v,s 2 sub rd, rr subtract two registers rd rd - rr z,c,n,v,h 1 subi rd, k subtract constant from register rd rd - k z,c,n,v,h 1 sbc rd, rr subtract with carry two registers rd rd - rr - c z,c,n,v,h 1 sbci rd, k subtract with carry constant from reg. rd rd - k - c z,c,n,v,h 1 sbiw rdl,k subtract immediate from word rdh:rdl rdh:rdl - k z,c,n,v,s 2 and rd, rr logical and registers rd rd ? rr z,n,v 1 andi rd, k logical and register and constant rd rd ? k z,n,v 1 or rd, rr logical or registers rd rd v rr z,n,v 1 ori rd, k logical or register and constant rd rd v k z,n,v 1 eor rd, rr exclusive or registers rd rd rr z,n,v 1 com rd one?s complement rd 0xff ? rd z,c,n,v 1 neg rd two?s complement rd 0x00 ? rd z,c,n,v,h 1 sbr rd,k set bit(s) in register rd rd v k z,n,v 1 cbr rd,k clear bit(s) in register rd rd ? (0xff - k) z,n,v 1 inc rd increment rd rd + 1 z,n,v 1 dec rd decrement rd rd ? 1 z,n,v 1 tst rd test for zero or minus rd rd ? rd z,n,v 1 clr rd clear register rd rd rd z,n,v 1 ser rd set register rd 0xff none 1 mul rd, rr multiply unsigned r1:r0 rd x rr z,c 2 muls rd, rr multiply signed r1:r0 rd x rr z,c 2 mulsu rd, rr multiply signed with unsigned r1:r0 rd x rr z,c 2 fmul rd, rr fractional multiply unsigned r1:r0 (rd x rr) << 1 z,c 2 fmuls rd, rr fractional multiply signed r1:r0 (rd x rr) << 1 z,c 2 fmulsu rd, rr fractional multiply signed with unsigned r1:r0 (rd x rr) << 1 z,c 2 branch instructions rjmp k relative jump pc pc + k + 1 none 2 ijmp indirect jump to (z) pc z none 2 jmp k direct jump pc knone3 rcall k relative subroutine call pc pc + k + 1 none 4 icall indirect call to (z) pc znone4 call k direct subroutine call pc knone5 ret subroutine return pc stack none 5 reti interrupt return pc stack i 5 cpse rd,rr compare, skip if equal if (rd = rr) pc pc + 2 or 3 none 1/2/3 cp rd,rr compare rd ? rr z, n,v,c,h 1 cpc rd,rr compare with carry rd ? rr ? c z, n,v,c,h 1 cpi rd,k compare register with immediate rd ? k z, n,v,c,h 1 sbrc rr, b skip if bit in register cleared if (rr(b)=0) pc pc + 2 or 3 none 1/2/3 sbrs rr, b skip if bit in register is set if (rr(b)=1) pc pc + 2 or 3 none 1/2/3 sbic p, b skip if bit in i/o register cleared if (p(b)=0) pc pc + 2 or 3 none 1/2/3 sbis p, b skip if bit in i/o register is set if (p(b)=1) pc pc + 2 or 3 none 1/2/3 brbs s, k branch if status flag set if (sreg(s) = 1) then pc pc+k + 1 none 1/2 brbc s, k branch if status flag cleared if (sreg(s) = 0) then pc pc+k + 1 none 1/2 breq k branch if equal if (z = 1) then pc pc + k + 1 none 1/2 brne k branch if not equal if (z = 0) then pc pc + k + 1 none 1/2 brcs k branch if carry set if (c = 1) then pc pc + k + 1 none 1/2 brcc k branch if carry cleared if (c = 0) then pc pc + k + 1 none 1/2 brsh k branch if same or higher if (c = 0) then pc pc + k + 1 none 1/2 brlo k branch if lower if (c = 1) then pc pc + k + 1 none 1/2 brmi k branch if minus if (n = 1) then pc pc + k + 1 none 1/2 brpl k branch if plus if (n = 0) then pc pc + k + 1 none 1/2 brge k branch if greater or equal, signed if (n v= 0) then pc pc + k + 1 none 1/2 brlt k branch if less than zero, signed if (n v= 1) then pc pc + k + 1 none 1/2 brhs k branch if half carry flag set if (h = 1) then pc pc + k + 1 none 1/2 brhc k branch if half carry flag cleared if (h = 0) then pc pc + k + 1 none 1/2 brts k branch if t flag set if (t = 1) then pc pc + k + 1 none 1/2 brtc k branch if t flag cleared if (t = 0) then pc pc + k + 1 none 1/2 brvs k branch if overflow flag is set if (v = 1) then pc pc + k + 1 none 1/2
14 8011os?avr?07/10 atmega164p/324p/644p brvc k branch if overflow flag is cleared if (v = 0) then pc pc + k + 1 none 1/2 brie k branch if interrupt enabled if ( i = 1) then pc pc + k + 1 none 1/2 brid k branch if interrupt disabled if ( i = 0) then pc pc + k + 1 none 1/2 bit and bit-test instructions sbi p,b set bit in i/o register i/o(p,b) 1none2 cbi p,b clear bit in i/o register i/o(p,b) 0none2 lsl rd logical shift left rd(n+1) rd(n), rd(0) 0 z,c,n,v 1 lsr rd logical shift right rd(n) rd(n+1), rd(7) 0 z,c,n,v 1 rol rd rotate left through carry rd(0) c,rd(n+1) rd(n),c rd(7) z,c,n,v 1 ror rd rotate right through carry rd(7) c,rd(n) rd(n+1),c rd(0) z,c,n,v 1 asr rd arithmetic shift right rd(n) rd(n+1), n=0..6 z,c,n,v 1 swap rd swap nibbles rd(3..0) rd(7..4),rd(7..4) rd(3..0) none 1 bset s flag set sreg(s) 1 sreg(s) 1 bclr s flag clear sreg(s) 0 sreg(s) 1 bst rr, b bit store from register to t t rr(b) t 1 bld rd, b bit load from t to register rd(b) tnone1 sec set carry c 1c1 clc clear carry c 0 c 1 sen set negative flag n 1n1 cln clear negative flag n 0 n 1 sez set zero flag z 1z1 clz clear ze ro flag z 0 z 1 sei global interrupt enable i 1i1 cli global interrupt disable i 0 i 1 ses set signed test flag s 1s1 cls clear signed test flag s 0 s 1 sev set twos complement overflow. v 1v1 clv clear twos complement overflow v 0 v 1 set set t in sreg t 1t1 clt clear t in sreg t 0 t 1 seh set half carry flag in sreg h 1h1 clh clear half carry flag in sreg h 0 h 1 data transfer instructions mov rd, rr move between registers rd rr none 1 movw rd, rr copy register word rd+1:rd rr+1:rr none 1 ldi rd, k load immediate rd knone1 ld rd, x load indirect rd (x) none 2 ld rd, x+ load indirect and post-inc. rd (x), x x + 1 none 2 ld rd, - x load indirect and pre-dec. x x - 1, rd (x) none 2 ld rd, y load indirect rd (y) none 2 ld rd, y+ load indirect and post-inc. rd (y), y y + 1 none 2 ld rd, - y load indirect and pre-dec. y y - 1, rd (y) none 2 ldd rd,y+q load indirect with displacement rd (y + q) none 2 ld rd, z load indirect rd (z) none 2 ld rd, z+ load indirect and post-inc. rd (z), z z+1 none 2 ld rd, -z load indirect and pre-dec. z z - 1, rd (z) none 2 ldd rd, z+q load indirect with displacement rd (z + q) none 2 lds rd, k load direct from sram rd (k) none 2 st x, rr store indirect (x) rr none 2 st x+, rr store indirect and post-inc. (x) rr, x x + 1 none 2 st - x, rr store indirect and pre-dec. x x - 1, (x) rr none 2 st y, rr store indirect (y) rr none 2 st y+, rr store indirect and post-inc. (y) rr, y y + 1 none 2 st - y, rr store indirect and pre-dec. y y - 1, (y) rr none 2 std y+q,rr store indirect with displacement (y + q) rr none 2 st z, rr store indirect (z) rr none 2 st z+, rr store indirect and post-inc. (z) rr, z z + 1 none 2 st -z, rr store indirect and pre-dec. z z - 1, (z) rr none 2 std z+q,rr store indirect with displacement (z + q) rr none 2 sts k, rr store direct to sram (k) rr none 2 lpm load program memory r0 (z) none 3 lpm rd, z load program memory rd (z) none 3 lpm rd, z+ load program memory and post-inc rd (z), z z+1 none 3 elpm extended load program memory r0 (rampz:z) none 3 elpm rd, z extended load program memory rd (z) none 3 elpm rd, z+ extended load program memory rd (rampz:z), rampz:z rampz:z+1 none 3 mnemonics operands description operation flags #clocks
15 8011os?avr?07/10 atmega164p/324p/644p spm store program memory (z) r1:r0 none - in rd, p in port rd pnone1 out p, rr out port p rr none 1 push rr push register on stack stack rr none 2 pop rd pop register from stack rd stack none 2 mcu control instructions nop no operation none 1 sleep sleep (see specific descr. for sleep function) none 1 wdr watchdog reset (see specific descr. for wdr/timer) none 1 break break for on-chip debug only none n/a mnemonics operands description operation flags #clocks
16 8011os?avr?07/10 atmega164p/324p/644p 6. ordering information 6.1 atmega164p notes: 1. this device can also be supplied in wafer form. please contact your local atmel sales office for detailed ordering info rmation and minimum quantities. 2. pb-free packaging, complies to the european directive for restriction of hazardous substances (rohs directive). also halide free and fully green. 3. for speed vs. v cc see ?speed grades? on page 329 . speed (mhz) (3) power supply ordering code package (1) operational range 10 1.8v - 5.5v atmega164pv-10au (2) atmega164pv-10pu (2) atmega164pv-10mu (2) 44a 40p6 44m1 industrial (-40 o c to 85 o c) 20 2.7v - 5.5v atmega164p-20au (2) atmega164p-20pu (2) atmega164p-20mu (2) 44a 40p6 44m1 package type 44a 44-lead, thin (1.0 mm) plastic gull wing quad flat package (tqfp) 40p6 40-pin, 0.600? wide, plastic dual inline package (pdip) 44m1 44-pad, 7 7 1.0 mm body, lead pitch 0.50 mm, ther mally enhanced plastic very thin quad flat no-lead (vqfn)
17 8011os?avr?07/10 atmega164p/324p/644p 6.2 atmega324p notes: 1. this device can also be supplied in wafer form. please contact your local atmel sales office for detailed ordering info rmation and minimum quantities. 2. pb-free packaging, complies to the european directive for restriction of hazardous substances (rohs directive). also halide free and fully green. 3. for speed vs. v cc see ?speed grades? on page 329 . speed (mhz) (3) power supply ordering code package (1) operational range 10 1.8v - 5.5v atmega324pv-10au (2) atmega324pv-10pu (2) atmega324pv-10mu (2) 44a 40p6 44m1 industrial (-40 o c to 85 o c) 20 2.7v - 5.5v atmega324p-20au (2) atmega324p-20pu (2) atmega324p-20mu (2) 44a 40p6 44m1 package type 44a 44-lead, thin (1.0 mm) plastic gull wing quad flat package (tqfp) 40p6 40-pin, 0.600? wide, plastic dual inline package (pdip) 44m1 44-pad, 7 7 1.0 mm body, lead pitch 0.50 mm, ther mally enhanced plastic very thin quad flat no-lead (vqfn)
18 8011os?avr?07/10 atmega164p/324p/644p 6.3 ATMEGA644P notes: 1. this device can also be supplied in wafer form. please contact your local atmel sales office for detailed ordering info rmation and minimum quantities. 2. pb-free packaging, complies to the european directive for restriction of hazardous substances (rohs directive). also halide free and fully green. 3. for speed vs. v cc see ?speed grades? on page 329 . speed (mhz) (3) power supply ordering code package (1) operational range 10 1.8v - 5.5v ATMEGA644Pv-10au (2) ATMEGA644Pv-10pu (2) ATMEGA644Pv-10mu (2) 44a 40p6 44m1 industrial (-40 o c to 85 o c) 20 2.7v - 5.5v ATMEGA644P-20au (2) ATMEGA644P-20pu (2) ATMEGA644P-20mu (2) 44a 40p6 44m1 package type 44a 44-lead, thin (1.0 mm) plastic gull wing quad flat package (tqfp) 40p6 40-pin, 0.600? wide, plastic dual inline package (pdip) 44m1 44-pad, 7 7 1.0 mm body, lead pitch 0.50 mm, thermall y enhanced plastic very thin quad flat no-lead (vqfn)
19 8011os?avr?07/10 atmega164p/324p/644p 7. packaging information 7.1 44a 2325 orchard parkway san jose, ca 95131 title drawing no. r rev. 44a, 44-lead, 10 x 10 mm body size, 1.0 mm body thickness, 0.8 mm lead pitch, thin profile plastic quad flat package (tqfp) b 44a 10/5/2001 pin 1 identifier 0?~7? pin 1 l c a1 a2 a d1 d e e1 e b common dimensions (unit of measure = mm) symbol min nom max note notes: 1. this package conforms to jedec reference ms-026, variation acb. 2. dimensions d1 and e1 do not include mold protrusion. allowable protrusion is 0.25 mm per side. dimensions d1 and e1 are maximum plastic body size dimensions including mold mismatch. 3. lead coplanarity is 0.10 mm maximum. a 1.20 a1 0.05 0.15 a2 0.95 1.00 1.05 d 11.75 12.00 12.25 d1 9.90 10.00 10.10 note 2 e 11.75 12.00 12.25 e1 9.90 10.00 10.10 note 2 b 0.30 0.45 c 0.09 0.20 l 0.45 0.75 e 0.80 typ
20 8011os?avr?07/10 atmega164p/324p/644p 7.2 40p6 2325 orchard parkway san jose, ca 95131 title drawing no. r rev. 40p6 , 40-lead (0.600"/15.24 mm wide) plastic dual inline package (pdip) b 40p6 09/28/01 pin 1 e1 a1 b ref e b1 c l seating plane a 0?~ 15? d e eb common dimensions (unit of measure = mm) symbol min nom max note a 4.826 a1 0.381 d 52.070 52.578 note 2 e 15.240 15.875 e1 13.462 13.970 note 2 b 0.356 0.559 b1 1.041 1.651 l 3.048 3.556 c 0.203 0.381 eb 15.494 17.526 e 2.540 typ notes: 1. this package conforms to jedec reference ms-011, variation ac. 2. dimensions d and e1 do not include mold flash or protrusion. mold flash or protrusion shall not exceed 0.25 mm (0.010").
21 8011os?avr?07/10 atmega164p/324p/644p 7.3 44m1 title dra wing no . rev . package drawing contact: packagedrawings@atmel.com 44mc a 9/13/07 d2 e2 l l b15 a18 b11 a13 b10 a12 b6 a7 a6 b5 b1 b20 a1 a24 et l b r0.20 0.40 er a19 b16 et/2 side view a1 a y c d e pin 1 id top view bottom view note: 1. the terminal #1 id is a laser-marked feature . common dimensions (unit of measure = mm) symbol min nom max n o t e a 0.80 0.90 1.00 a1 0.00 0.02 0.05 b 0.18 0.23 0.30 c 0.20 ref d 4.90 5.00 5.10 d2 2.55 2.60 2.65 e 4.90 5.00 5.10 e2 2.55 2.60 2.65 et ? 0.70 ? er ? 0.40 ? k 0.45 ? ? l 0.30 0.35 0.40 y 0.00 ? 0.075 44mc, 44qfn (2-row staggered), 5 x 5 x 1.00 mm body, 2.60 x 2.60 mm exposed pad, quad flat no lead package
22 8011os?avr?07/10 atmega164p/324p/644p 8. errata 8.1 atmega164p 8.1.1 rev. a no known errata. 8.2 atmega324p 8.2.1 rev. a no known errata. 8.3 ATMEGA644P 8.3.1 rev. a not sampled. 8.3.2 rev. b no known errata.
23 8011os?avr?07/10 atmega164p/324p/644p 9. datasheet revision history please note that the referring page numbers in th is section are referred to this document. the referring revision in this section are referring to the document revision. 9.1 rev. 8011o- 07/10 9.2 rev. 8011n- 10/09 9.3 rev. 8011m- 08/09 9.4 rev. 8011l- 02/09 1. corrected use of comma in formula for rp in table 25-10, ?2-wire serial bus require- ments,? on page 333 2. updated document according to atmel standard 1. updated section 6.5 ?low frequency cr ystal oscillator? on page 34 2. added table 6-8 on page 34 . 1. updated ?features? on page 1 . 2. removed vfbga - pinout from ?pin configurations? on page 2 . 3. updated ?system control and reset? on page 50 . 4. updated input hysteresis unit (v) in the ?typical characteristics?. 5. updated ?ordering information? on page 420 . removed 44mc and 49c2 packages. 6. updated ?packaging information? on page 423 . 1. updated ?features? on page 1 by inserting a table note 1. 2. merged sections 3.1 , 3.2 and 3.3 in one section ?about? on page 9 . 3. updated the front page by removing ?preliminary?. 4. updated the ?dc characteristics? on page 326 by removing v il3 / v ih3 and v ol3 /v oh3 and the table note 5. 5. updated the table note1 of the table 25-6 on page 332 . 6. updated ?typical characteristics? on page 339 . 6. updated ?typical characteristics? on page 339
24 8011os?avr?07/10 atmega164p/324p/644p 9.5 rev. 8011k- 09/08 9.6 rev. 8011j- 09/08 9.7 rev. 8011i- 05/08 1. updated ?features? on page 1 , ?pin configurations? on page 2 and ?ordering informa- tion? on page 15 according to the updated 44m1 package drawing. 2. updated v ol in the table of ?dc characteristics? on page 326 . 3. updated t rst and t bod unites in the table of ?system and reset characteristics? on page 332 . 4. updated typical values for atmega324p and ATMEGA644P in the tables of ?dc char- acteristics? on page 326 . 5. replaced the package drawing ?44m1? on page 426 by a rev h update. 2. added 49-ball vfbga pinout for atmega164p/324p in ?pinout - vfbga? on page 4 . 6. added 49-ball vfbga (49c2) to ?packaging information? on page 19 . 1. updated ATMEGA644P ?errata? on page 428 . 2. added 49-ball vfbga pinout for atmega164p/324p in ?pinout - vfbga? on page 4 . 6. added 49-ball vfbga (49c2) to ?packaging information? on page 425 . 1. updated description in ?avcc? on page 7 . 2. updated ?stack pointer? on page 14 . 3. updated data memory map addresses, figure 7-2 on page 21 . 4. updated description of use of external capacitors in ?low frequency crystal oscillator? on page 35 . 5. updated typo in ?alternate functions of port c? on page 86 . 6. updated bit description in ?twsr ? twi status register? on page 235 . 7. updated typo in ?programming via the jtag interface? on page 313 . 8. updated conditions for v ol in the table of ?dc characteristics? on page 326 . 9. updated ?external clock drive? on page 331 . 10. updated conditions for v int2 in table 27-11 (single ended channels) in ?adc charac- teristics? on page 336 . 11. updated minimum reference voltage in table 27-12 (differential channels) in ?adc characteristics? on page 336 . 12. updated bit bit field typos in ?register summary? on page 414 . 2. added 49-ball vfbga pinout for atmega164p/324p in ?pinout - vfbga? on page 4 . 6. added 49-ball vfbga (49c2) to ?packaging information? on page 425 .
25 8011os?avr?07/10 atmega164p/324p/644p 9.8 rev. 8011h- 04/08 9.9 rev. 8011g- 08/07 9.10 rev. 8011f- 04/07 9.11 rev. 8011e - 04/07 1. added 44-pad drqfn pinout for atmega164p in ?pinout - drqfn? on page 3 . 2. added 49-ball vfbga pinout for atmega164p/324p in ?pinout - vfbga? on page 4 . 2. added note to ?address match unit? on page 215 . 3. updated atmega164p ?ordering information? on page 421 . 4. added 44-lead qfn (44mc) to ?packaging information? on page 424 . 6. added 49-ball vfbga (49c2) to ?packaging information? on page 425 . 1. updated ?features? on page 1 2. added ?data retention? on page 9 . 3. updated ?sph and spl ? stack pointer high and stack pointer low? on page 15 . 4. lcd reference removed from table note in ?sleep modes? on page 43 . 5. updated code example in ?bit 0 ? ivce: interrupt vector change enable? on page 66 . 6. removed reference to external memory interface in ?alternate functions of port a? on page 81 . 7. updated ?data reception ? the usart receiver? on page 181 . 8. updated ?adcsrb ? adc control and status register b? on page 239 . 9. updated overview in ?adc - analog-to-digital converter? on page 241 . 10. added ?ATMEGA644P typical characteristic? on page 389 . 11. updated figure 28-31 on page 355 , figure 28-32 on page 356 , figure 28-33 on page 356 12. updated notes in table 8-3 on page 33 . table 8-8 on page 36 , table 8-9 on page 37 , and table 8-11 on page 38 . 13. updated table 13-7 on page 85 , table 13-8 on page 85 , table 13-10 on page 87 , table 13-11 on page 88 , table 13-14 on page 91 , table 27-1 on page 328 , table 27-2 on page 328 , table 27-5 on page 331 , table 27-9 on page 333 , and table 27-12 on page 337 14. updated ?atmega324p dc characteristics? on page 328 and ?ATMEGA644P dc char- acteristics? on page 329 . 15. updated table 27-7 on page 332 and table 8-13 on page 38 . 1. updated ?watchdog timer configuration? on page 60 . 1. updated ?gtccr ? general timer/counter control register? on page 160 . 2. updated ?eecr ? the eeprom control register? on page 24 .
9.12 rev. 8011d - 02/07 9.13 rev. 8011c - 10/06 9.14 rev. 8011b - 09/06 1. updated ?pinout atmega164p/324p/644p? on page 2 . 2. updated ?power-down mode? on page 45 . 3. updated note in table 12-1 on page 69 . 4. updated table 24-1 on page 273 . 5. updated ?boot size configuration (1) ? on page 290 . 6. updated v ol limits in ?dc characteristics? on page 326 . 7. updated note 3 and 4 in ?dc characteristics? on page 326 . 8. added note to ?atmega164p dc characteristics? on page 328 . 9. added note to ?atmega324p dc characteristics? on page 328 . 10. updated figure 28-13 on page 346 and figure 28-60 on page 371 . 1. updated ?dc characteristics? on page 326 . 1. updated ?dc characteristics? on page 326 .
27 8011os?avr?07/10 atmega164p/324p/644p 9.15 rev. 8011a - 08/06 1. initial revision.
8011os?avr?07/10 headquarters international atmel corporation 2325 orchard parkway san jose, ca 95131 usa tel: 1(408) 441-0311 fax: 1(408) 487-2600 atmel asia unit 1-5 & 16, 19/f bea tower, millennium city 5 418 kwun tong road kwun tong, kowloon hong kong tel: (852) 2245-6100 fax: (852) 2722-1369 atmel europe le krebs 8, rue jean-pierre timbaud bp 309 78054 saint-quentin-en- yvelines cedex france tel: (33) 1-30-60-70-00 fax: (33) 1-30-60-71-11 atmel japan 9f, tonetsu shinkawa bldg. 1-24-8 shinkawa chuo-ku, tokyo 104-0033 japan tel: (81) 3-3523-3551 fax: (81) 3-3523-7581 product contact web site www.atmel.com technical support avr@atmel.com sales contact www.atmel.com/contacts literature requests www.atmel.com/literature disclaimer: the information in this document is provided in connection with atmel products. no license, express or implied, by estoppel or otherwise, to any intellectual property right is granted by this document or in connection with the sale of atmel products. except as set forth in atmel?s terms and condi- tions of sale located on atmel?s web site, atmel assumes no li ability whatsoever and disclaims any express, implied or statutor y warranty relating to its products including, but not limited to, the implied warranty of merchantability, fitness for a particu lar purpose, or non-infringement. in no event shall atmel be liable for any direct, indirect, consequential, punitive, special or i nciden- tal damages (including, without limitation, damages for loss of profits, business interruption, or loss of information) arising out of the use or inability to use this document, even if atme l has been advised of the possibility of such damages. atmel makes no representations or warranties with respect to the accuracy or comp leteness of the contents of this document and reserves the rig ht to make changes to specifications and product descriptions at any time without notice. atmel does not make any commitment to update the information contained her ein. unless specifically provided otherwise, atmel products are not suitable for, and shall not be used in, automotive applications. atmel?s products are not int ended, authorized, or warranted for use as components in applications in tended to support or sustain life. ? 2010 atmel corporation. all rights reserved. atmel?, atmel logo and combinations thereof avr?, avr? logo and others are registered trademarks or trademarks of atmel corporation or its subsidiaries. microsoft?, windows?, microsoft windows nt? and others are registered trademarks of microsoft corporation. other terms and product names may be trademarks of others.


▲Up To Search▲   

 
Price & Availability of ATMEGA644P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X