Part Number Hot Search : 
SFA60PME 3296X SI91845D SL74HC ML2713 TA8488AF DS2501 24000
Product Description
Full Text Search
 

To Download 824013 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  customer : ordercode : description: package: symbol unit i pp a v dc v v esd,io kv v esd,vdd kv v io v t op c t sto c properties value value unit min max v rwm 3.3 v v bv 4.5 v i r 5 a v f 0.6 1 v v c v v cl,io v c io 3.5 pf c x 0.6 pf 3.8 low capacitance: 3pf typical v pin5 =4v, v pin2 =0v, v io =2.5v, f=1mhz, i/o to gnd peak pulse current (tp = 8/20s) pin 5 to pin 2 v pin5 =5v, pin 5 to pin 2 packaging: tape & reel storage temperature operating supply voltage, vdd to gnd rating c absolute maximum ratings: iec 61000-4-2 (esd) 15kv (air), 8kv (contact) 12 d electrical characterisitcs: iec 61000-4-4 (eft) 80a (5/50ns) mechanical characteristics: jedec sot23-6l package molding compound flamability rating: ul94v-0 up to 3.3v operating voltage a features: b schematic and pin configuration: esd protection for 4 high-speed i/o channels and vdd provide esd protection for each channel to dc voltage at any i/o pin iec 61000-4-5 (lightning) 12a (8/20 s) esd per iec 61000-4-2 (air / contact), vdd to gnd 30 / 24 esd per iec 61000-4-2 (air / contact), i/o to gnd test conditions i pp =5a, tp=8/20 s, i/o to gnd i f = 15ma, pin 2 to pin 5 6.0 3.0 i tlp = 17a, i/o to gnd v pin5 =5v, v pin2 =0v, v io =2.5v f=1mhz, between i/o pins wrth elektronik eisos gmbh & co. kg d-74638 waldenburg max-eyth-strasse 1 germany phone (+49) (0) 7942 - 945 - 0 fax (+49) (0) 794 2 - 945 - 400 http://www.we-online.com i bv =1ma, pin 5 to pin 2 sot23-6l -20 to +60 9.0 -55 to +125 30 / 24 0.4 typ value specification for release datum / date : 2012-02-22 tvs diode array we-tvs 824013 (gnd -0,5) to (vdd +0,5) operating temperature 6 5 4 i/o 4 vdd i/o 3 1 2 3 i/o 1 gnd i/o 2 page 1 of 5
customer : ordercode : description : package: temp ipp current voltage 0 100 4,7 6,2 25 100 12 9,4 125 20 125 0 u c c u c c 0 3,3 0,8 0 0,45 0,8 0,5 3,15 0,77 0,5 0,42 0,77 1,2 3,02 0,76 1,2 0,76 1,65 3 0,75 1,65 0,4 0,75 2,2 3,02 0,74 2,2 0,74 2,7 3,15 0,73 2,7 0,43 0,73 3,3 3,4 0,75 3,3 0,48 0,75 specification for release d-74638 waldenburg max-eyth-strasse 1 germany phone (+49) (0) 7942 - 945 - 0 fax (+49) (0) 794 2 - 945 - 400 e typical characteristics: datum / date : 2012-02-22 http://www.we-online.com clamping voltage vs. peak pulse current variation of c x vs. v io tvs diode array we-tvs sot23-6l 824013 variation of c io vs. v io power derating curve wrth elektronik eisos gmbh & co. kg 0 20 40 60 80 100 120 0 25 50 75 100 125 150 peak pulse derating in % of peakpulse current in % ambient temperature t a ( ) 0 2 4 6 8 10 12 14 4 6 8 10 12 clamping voltage [v] peak pulse current [a] waveform parameters: tr= 8 s td = 20s 0,0 0,5 1,0 1,5 2,0 2,5 3,0 3,5 4,0 0 0,825 1,65 2,475 3,3 capacitance [pf] voltage [v] vdd = 3.3v gnd = 0v f = 1mhz 0,0 0,1 0,2 0,3 0,4 0,5 0,6 0,7 0,8 0 0,825 1,65 2,475 3,3 capacitance [pf] voltage [v] vdd = 3.3v gnd = 0v f = 1mhz page 2 of 5
customer : ordercode : description : package: u i/o to gnd vdd to gnd 0,5 0,1 0,1 9 0,1 0,1 9,5 0,1 0,1 i/o start 4,8 0,2 i/o end 9 17 vdd start 4,4 0,2 vdd end 6,5 17 a 0.60 mm b 1.10 mm c 0.95 mm d 2.50 mm e 1.40 mm f 3.60 mm w13: device code x: date code y: control code specification for release wrth elektronik eisos gmbh & co. kg tvs diode array we-tvs e typical characteristic: d-74638 waldenburg max-eyth-strasse 1 germany phone (+49) (0) 7942 - 945 - 0 fax (+49) (0) 794 2 - 945 - 400 sot23-6l http://www.we-online.com datum / date : 2012-02-22 f recommended land layout: 824013 g body marking: transmission line pulsing (tlp) measurement transmis sion line pulsing system 0,0 2,0 4,0 6,0 8,0 10,0 12,0 14,0 16,0 18,0 0 2 4 6 8 10 tlp current [a] tlp voltage [v] i/o to gnd vdd to gnd dut rise time: 1ns 100ns pulse v i a e b f d c 6 5 4 1 2 3 w 13 xy page 3 of 5
customer : ordercode : description : package: sot23-6l specification for release d-74638 waldenburg max-eyth-strasse 1 germany phone (+49) (0) 7942 - 945 - 0 fax (+49) (0) 794 2 - 945 - 400 tvs diode array we-tvs h dimensions: 824013 http://www.we-online.com datum / date : 2012-02-22 wrth elektronik eisos gmbh & co. kg page 4 of 5
customer : ordercode : description : package: a 3.15 0.15 mm b 4.00 0.10 mm c 8.00 0.20 mm d 1.55 0.05 mm e 4.00 0.10 mm f 2.00 0.05 mm g 1.75 0.10 mm h 3.50 0.05 mm i 3.25 0.15 mm j 1.35 0.15 mm k 0.25 0.02 mm a 178.0 2.0 mm b 13.0 0.8 mm c 10.0 1.5 mm d 12.5 2.0 mm 165 to 180 quantity per reel: 3000 jb version 2 2012-02-22 jb version 1 2010-01-27 name modification date sot23-6l 824013 tvs diode array we-tvs specification for release ................................................... ............................... j reel: customer ................................................... ............................... wrth elektronik date signature http://www.we-online.com checked approved wrth elektronik eisos gmbh & co. kg d-74638 waldenburg max-eyth-strasse 1 germany phone (+49) (0) 7942 - 945 - 0 fax (+49) (0) 794 2 - 945 - 400 ................................................... ............................... ................................................... ............................... i tape: general release: this electronic component has been designed and dev eloped for usage in general electronic equipment. b efore incorporating this component into any equipme nt where higher safety and reliability is especially required or if there is the possibility of direct damage or injury to hu man body, for example in the range of aerospace, av iation, nuclear control, submarine, transportation, (automotive control, train control, ship control), transportation signal, disaster pre vention, medical, public information network etc, w rth elektronik eisos gmbh must be informed before the design-in stage. in addition, s ufficient reliability evaluation checks for safety must be performed on every electronic component whic h is used in electrical circuits that require high safety and reliability functions or performance . b a e ? d f g h c j i k a b c d pin 1 feeding direction page 5 of 5


▲Up To Search▲   

 
Price & Availability of 824013

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X