Part Number Hot Search : 
MMSZ526 L8150 2SC3995 EDREDRED EUP2570 17S682K BT138 CL766
Product Description
Full Text Search
 

To Download 8240116 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  customer : ordercode : description: package: symbol unit i pp a v dc v v esd,io kv v esd,vdd kv v io v t op c t sto c properties value value unit min max v rwm 5 v v bv 6.1 v i r 5 a v f 1 v v c 9.0 v v cl,io v c io 3 pf c x 0.2 pf specification for release datum / date : 2010-01-27 6 tvs diode array we-tvs 8240116 (gnd -0,5) to (vdd +0,5) operating temperature 7.8 13 -55 to +125 20 / 12 sot143-4l -20 to +60 i f = 15ma, pin 1 to pin 4 0.1 i bv =1ma, pin 4 to pin 1 v pin4 =5v, v pin1 =0v, v io =2.5v f=1mhz, between i/o pins wrth elektronik eisos gmbh & co. kg wrth elektronik eisos gmbh & co. kg wrth elektronik eisos gmbh & co. kg wrth elektronik eisos gmbh & co. kg d-74638 waldenburg max-eyth-strasse 1 germany phone (+49) (0) 7942 - 945 - 0 fax (+49) (0) 794 2 - 945 - 400 http://www.we-online.com 0.7 2 i tlp = 17a, i/o to gnd i pp =5a, tp=8/20 s, i/o to gnd value esd per iec 61000-4-2 (air / contact), i/o to gnd test conditions a features: b schematic and pin configuration: esd protection for 2 high-speed i/o channels and vdd provide esd protection for each channel to dc voltage at any i/o pin iec 61000-4-5 (lightning) 12a (8/20 s) esd per iec 61000-4-2 (air / contact), vdd to gnd 20 / 12 typ rating c absolute maximum ratings: iec 61000-4-2 (esd) 15kv (air), 8kv (contact) 12.0 d electrical characterisitcs: iec 61000-4-4 (eft) 40a (5/50ns) mechanical characteristics: jedec sot143-4l package molding compound flamability rating: ul94v-0 below 5v operating voltage: 2.5 - 3.3 - 4.2 - 5.0v low capacitance: 2pf typical v pin4 =5v, v pin1 =0v, v io =2.5v, f=1mhz, i/o to gnd peak pulse current (tp = 8/20s) pin 4 to pin 1 v pin5 =5v, pin 4 to pin 1 packaging: tape & reel storage temperature operating supply voltage, vdd to gnd 1 2 4 3 vdd i/o 2 gnd i/o 1 page 1 of 5
customer : ordercode : description : package: temp ipp current voltage 0 100 4,7 7,7 25 100 12 10,1 125 20 125 0 u c c t c c 0 2,5 0,8 25 2 0,055 0,5 2,2 0,77 75 2,020 0,052 1,5 2,05 0,76 125 2,15 0,05 2,5 2 0,75 0,5 0,049 3,5 2,05 0,74 1 0,048 4 2,1 0,73 2 0,047 5 2,3 0,75 4 0,045 wrth elektronik eisos gmbh & co. kg wrth elektronik eisos gmbh & co. kg wrth elektronik eisos gmbh & co. kg wrth elektronik eisos gmbh & co. kg tvs diode array we-tvs sot143-4l variation of c io vs. v io power derating curve clamping voltage vs. peak pulse current variation of c io vs. temperature e typical characteristics: http://www.we-online.com specification for release d-74638 waldenburg max-eyth-strasse 1 germany phone (+49) (0) 7942 - 945 - 0 fax (+49) (0) 794 2 - 945 - 400 datum / date : 2010-01-27 8240116 0 20 40 60 80 100 120 0 25 50 75 100 125 150 peak pulse derating in % of peakpulse current in % ambient temperature t a ( ) 0 2 4 6 8 10 12 14 16 4 6 8 10 12 clamping voltage [v] peak pulse current [a] waveform parameters: tr= 8 s td = 20s 0,0 0,5 1,0 1,5 2,0 2,5 3,0 3,5 4,0 0 1 2 3 4 5 capacitance [pf] voltage [v] vdd = 5v gnd = 0v f = 1mhz 0 1 2 3 4 20 40 60 80 100 120 140 capacitance [pf] ambient temperature t a [c] vdd = 5v gnd = 0v f = 1mhz page 2 of 5
customer : ordercode : description : package: u i/o to gnd vdd to gnd 0,5 0,1 0,1 9 0,1 0,1 9,5 0,1 0,1 i/o start 6,4 0,2 i/o end 13 17 vdd start 6,8 0,2 vdd end 9,1 17 a 1.00 mm a1 1.40 mm b 1.40 mm c 1.90 mm c1 1.70 mm d 2.20 mm e 0.80 mm f 3.60 mm w10: device code x: date code y: control code transmission line pulsing (tlp) measurement transmission line pulsing system f recommended land layout: 8240116 http://www.we-online.com datum / date : 2010-01-27 g body marking: e typical characteristic: sot143-4l d-74638 waldenburg max-eyth-strasse 1 germany phone (+49) (0) 7942 - 945 - 0 fax (+49) (0) 794 2 - 945 - 400 wrth elektronik eisos gmbh & co. kg wrth elektronik eisos gmbh & co. kg wrth elektronik eisos gmbh & co. kg wrth elektronik eisos gmbh & co. kg tvs diode array we-tvs specification for release 0,0 2,0 4,0 6,0 8,0 10,0 12,0 14,0 16,0 18,0 0 2 4 6 8 10 12 14 tlp current [a] tlp voltage [v] i/o to gnd dut rise time: 1ns 100ns pulse v i 4 3 1 2 w 10 xy a eb f d c a a a1 c1 page 3 of 5
customer : ordercode : description : package: wrth elektronik eisos gmbh & co. kg wrth elektronik eisos gmbh & co. kg wrth elektronik eisos gmbh & co. kg wrth elektronik eisos gmbh & co. kg http://www.we-online.com datum / date : 2010-01-27 h dimensions: 8240116 d-74638 waldenburg max-eyth-strasse 1 germany phone (+49) (0) 7942 - 945 - 0 fax (+49) (0) 794 2 - 945 - 400 tvs diode array we-tvs sot143-4l specification for release page 4 of 5
customer : ordercode : description : package: a 3.15 0.15 mm b 4.00 0.10 mm c 8.00 0.20 mm d 1.55 0.05 mm e 4.00 0.10 mm f 2.00 0.05 mm g 1.75 0.10 mm h 3.50 0.05 mm i 3.25 0.15 mm j 1.35 0.15 mm k 0.25 0.02 mm a 178.0 2.0 mm b 13.0 0.8 mm c 10.0 1.5 mm d 12.5 2.0 mm 165 to 180 quantity per reel: 3000 jb version 1 2010-01-27 name modification date i tape: general release: http://www.we-online.com checked approved wrth elektronik eisos gmbh & co. kg wrth elektronik eisos gmbh & co. kg wrth elektronik eisos gmbh & co. kg wrth elektronik eisos gmbh & co. kg d-74638 waldenburg max-eyth-strasse 1 germany phone (+49) (0) 7942 - 945 - 0 fax (+49) (0) 794 2 - 945 - 400 ................................................... ............................... ................................................... ............................... ................................................... ............................... j reel: customer ................................................... ............................... wrth elektronik date signature specification for release sot143-4l 8240116 tvs diode array we-tvs this electronic component has been designed and dev eloped for usage in general electronic equipment. b efore incorporating this component into any equipme nt where higher safety and reliability is especially required or if there is the possibility of direct damage or injury to hu man body, for example in the range of aerospace, av iation, nuclear control, submarine, transportation, (automotive control, train control, ship control), transportation signal, disaster pre vention, medical, public information network etc, w rth elektronik eisos gmbh must be informed before the design-in stage. in addition, s ufficient reliability evaluation checks for safety must be performed on every electronic component whic h is used in electrical circuits that require high safety and reliability functions or performance. b a e ? d f g h c j i k a b c d pin 1 feeding direction page 5 of 5


▲Up To Search▲   

 
Price & Availability of 8240116

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X