Part Number Hot Search : 
WSC0001 RT9266GE 0843MW SM7745HY XCV200 MC332 MMSZ5250 VISHAY
Product Description
Full Text Search
 

To Download 2W04MG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features surge overload rating -60 amperes peak ldeal for printed circuit board reliable low cost construction utilizing molded plastic technique results in expensive product mounting position :any lead:sliver plated copper lead. maximum ratings and electrical characteristics rating at 25 ambient temperature unless otherwise specified. single phase, half wave ,60hz, resistive or inductive load. for capacitive load, derate current by 20% 2w005g 2w01g 2w02g 2w04g 2w06g 2w08g 2w10g 2w005mg2w01mg2w02mg2W04MG2w06mg2w08mg2w10mg maximum recurrent peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms bridge input voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum average forward rectified current @t a =25 peak forward surge current , 8.3ms single half sine-wave super imposed on rated load i 2 t rating for fusing (t 8.3ms) i 2 t a 2 s maximum forward voltage drop per element at 2.0a peak maximum reverse current at rated t j =25 a dc blocking voltage t j =100 ma typical junction capacitance per element (note1) c j pf operating temperature range t j operating temperature range t stg note:1.measured at 1.0mhz and applied reverse voltage of 4.0v dc. glass passivated bridge rectifiers 60 i (av) i fsm characteristics symbol ~ 400 ~ 30 2woxg/2woxmg series a 2.0 dimensions in inches and (millimeters) reverse voltage - 50 to 1000 volts forward current - 2.0 amperes unit i r 1.1 v 10.0 v f a 1.0 -55 to +150 -55 to +150 15.0 wob .180(4.6) .220(5.6) spacing .350(8.9) .366(9.3) .220(5.6) .200(5.1) min (27.9) 1.1 1.0 (25.4) min .180(4.6) .220(5.6) .032(0.81) .028(0.71) pos. lead wobm .386(9.8) .354(9.0) .181(4.6) .150(3.8) 1.1 (27.9) min min (25.4) 1.0 .032(0.81) .028(0.71) .220(5.6) .180(4.6) pos. lead spacing .220(5.6) .180(4.6)
rating and charactertic curves ~ 401 ~ 2woxg/2woxmg series ambient temperature a v e r a g e f o r w a r d o u t p u t c u r r e n t a m p e r e s fig.1-forating curve output rectified cuurrent 0 2.0 50 100 150 reverse voltage,volts fig.5-typical junction capacitance per bridge element c a p a c i t a n c e , ( p f ) 1.0 2.0 4.0 6.0 10 20 40 60 100 0.1 1.0 2.0 4.0 10 20 40 100 0.2 0.4 t j = 25 , f=1m hz v sig =50m p-p fig.3-typiacl reverse characteristics percent of rated peak reverse voltage i n s t a n t a n e o u s r e v e r s e c u r r e n t , m i c r o a m p e r r e s 0.01 0.1 1.0 10 0 120 40 60 80 100 140 20 t j =25 t j =100 fig.2-maximum non-repetitive peak forward surge current number of cycles at 60hz p e a k f o r w a r d s u r g e c u r r e n t , a m p e r e s 0 10 20 30 40 50 1 2 5 10 20 50 100 60 single sine-wave jedec method i n s t a n t a n e o u s f o r w a r d c u r r e n t a m p e r e s fig.3-typical forward characteristics instantaneous forward voltage. volts 0.4 0.6 0.8 1.0 1.2 1.4 0.01 0.1 1.0 10.0 t j =25 typical distribution


▲Up To Search▲   

 
Price & Availability of 2W04MG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X