Part Number Hot Search : 
11N60E 48S15 2SC2922 MOC30 L6450 PSC7002 79L15 PRM251
Product Description
Full Text Search
 

To Download 2W04G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features surge overload rating -60 amperes peak ldeal for printed circuit board reliable low cost construction utilizong molded plastic technique results in expensive product mounting position :any lead:sliver plated copper lead. maximum ratings and electrical characteristics rating at 25 ambient temperature unless otherwise specified. single phase, half wave ,60hz, resistive or inductive load. for capacitive load, derate current by 20% characteristics symbol 2w005g 2w01g 2w02g 2W04G 2w06g 2w08g 2w10g unit maximum recurrent peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms bridge input voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum average forward rectified current @t a =25 peak forward surage current ,8.3m single 8.3ms single half sine-wave super imposed on rated load i 2 t rating for fusing (t 8.3ms) i 2 t a 2 s maximum forward voltage drop per element at 2.0a peak maximum reverse current at rated t a =25 ua dc blocking voltage per element t a =100 ma maximum temperature voltage drop t j per element at 2.0a peak t stg operating temperature range t j t j operating temperature range t stg t stg glass passivated bridge rectifiers 60 i (av) i fsm v f ~ 247 ~ pf 30 2w005g thru 2w10g a 2.0 dimensions in inches and (millimeters) reverse voltage - 50 to 1000 volts forward current - 2.0 amperes a 1.0 notes 1.measured at 1.0mh z and applied reverse voltage of 4.0 volts. -55 to +150 -55 to +150 15.0 i r 1.1 v 10.0 wob .180(4.6) .220(5.6) spacing .350(8.9) .366(9.3) .220(5.6) .200(5.1) min (27.9) 1.1 1.0 (25.4) min .180(4.6) .220(5.6) .032(0.81) .028(0.71) pos. lead
rating and charactertic curves ~ 248 ~ 2w005g thru 2w10g ambient temperature a v e r a g e f o r w a r d o u t p u t c u r r e n t a m p e r e s fig.1-forating curve output rectified cuurrent 0 2.0 50 100 150 number of cycles at 60h z p e a k f o r w a r d s u r g e c u r r e n t a m p e r e s fig.2-maximum non-repetitive peak forward surge current 0 10 20 30 40 50 60 10 1 100 t a =25 single sine-wave jedec method reverse voltage,volts fig.5-typical junction capacitance per bridge element c a p a c i t a n c e , ( p f ) 1.0 2.0 4.0 6.0 10 20 40 60 100 0.1 1.0 2.0 4.0 10 20 40 100 0.2 0.4 t j = 25 , f=1m hz v sig =50m p-p fig.3-typiacl reverse characteristics percent of rated peak reverse voltage i n s t a n t a n e o u s r e v e r s e c u r r e n t , m i c r o a m p e r r e s 0.01 0.1 1.0 10 0 120 40 60 80 100 140 20 t j =25 t j =100 i n s t a n t a n e o u s f o r w a r d c u r r e n t , a m p e r e s fig.4-typical instantaneous forward characteristics instantaneous forward voltage. volts 0.05 0.3 0.7 0.1 0.01 0.02 0.03 0.07 0.2 0.5 1.0 2.0 3.0 5.0 7.0 10 20 0.2 0.4 0.8 1.0 1.2 1.4 0 0.6 t j =25 pulse width:300 s 1% duty cycle


▲Up To Search▲   

 
Price & Availability of 2W04G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X