Part Number Hot Search : 
AN77L05 300HF80M 9LV16 LM2035 XN06214 04008 R1632 B3941
Product Description
Full Text Search
 

To Download 2SA1979U Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ksd-t5d035-000 1 2SA1979U pnp silicon transistor sot-323 pin connection description ? medium power amplifier features ? large collector current : i cmax =-500ma ? suitable for low-voltage operation because of its low saturation voltage ? complementary pair with 2sc5342u ordering information type no. marking package code a 2SA1979U sot-323 device code hfe rank year&week code absolute maximum ratings (ta=25 c) characteristic symbol ratings unit collector-base voltage v cbo -40 v collector-emitter voltage v ceo -32 v emitter-base voltage v ebo -5 v collector current i c -500 ma collector dissipation p c 200 mw junction temperature t j 150 c storage temperature t stg -55~150 c electrical characteristics (ta=25 c) characteristic symbol test condition min. typ. max. unit collector-base breakdown voltage bv cbo i c =-100 a, i e =0 -40 - - v collector-emitter breakdown voltage bv ceo i c =-1ma, i b =0 -32 - - v emitter-base breakdown voltage bv ebo i e =-10 a, i c =0 -5 - - v collector cut-off current i cbo v cb =-40v, i e =0 - - -0.1 a emitter cut-off current i ebo v eb =-5v, i c =0 - - -0.1 a dc current gain h fe * v ce =-1v, i c =-100ma 70 - 240 - collector-emitter saturation voltage v ce(sat) i c =-100ma, i b =-10ma - - -0.25 v transistor frequency f t v ce =-6v, i c =-20ma - 200 - mhz collector output capacitance c ob v cb =-6v, i e =0, f=1mhz - 7.5 - pf * : h fe rank / o : 70~140, y : 120~240 1 2 3
ksd-t5d035-000 2 2SA1979U electrical characteristic curves fig. 3 i c - v ce fig. 5 h fe - i c fig. 6 h fe - i c fig. 2 i c - v be fig. 1 p c - t a fig. 4 v ce(sat) - i c
ksd-t5d035-000 3 2SA1979U outline dimension recommend pcb solder land [unit: mm]
ksd-t5d035-000 4 2SA1979U the auk corp. products are intended for the use as components in general electronic equipment (office and co mmunication equipment, m easuring equipment, home appliance, etc.). please make sure that you consult with us before you use these auk corp. products in equipments which require high quality and / or reliability, and in equipments which could have major impact to th e welfare of human life(atomi c energy control, airplane, spaceship, transportation, co mbustion control, all types of safety device, etc.). auk corp. cannot accept liability to any damage which may occur in case these auk corp. products were used in the mentioned equi pments without prior consultation with auk corp.. specifications mentioned in this publicati on are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of 2SA1979U

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X