Part Number Hot Search : 
M54685E T93C56 74HC53 PC184 SM5168CX SR170S MMBZ5 10X687M0
Product Description
Full Text Search
 

To Download 0780610061 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 04/13/2010 please check www.molex.com for latest part information part number: 0780610061 status: active description: 1.00mm (.039") pitch fully buffered dimm socket, vertical, through hole, 0.76m (30") gold(au) selective plating, 240 circuits, with beveled metal pins, with black latches, 2.67mm (.105") solder tail length, lead-free documents: 3d model product specification ps-78061-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr 19980 ul e29179 general product family memory module sockets series 78061 comments
  • latches in black color
  • solder tail length at 2.67mm (.105") component type memory module jedec outline mo-256 product name fb dimm physical circuits (loaded) 240 color - resin black durability (mating cycles max) 25 entry angle vertical (top entry) flammability 94v-0 keying to mating part yes material - metal brass, phosphor bronze material - plating mating gold material - plating termination tin material - resin high temperature thermoplastic pc tail length (in) 0.105 in pc tail length (mm) 2.67 mm pcb locator yes pcb retention yes pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm packaging type tray pitch - mating interface (in) 0.039 in pitch - mating interface (mm) 1.00 mm temperature range - operating -55c to +85c termination interface: style through hole electrical current - maximum per contact 1a voltage - maximum 30v voltage key 1.8v, center solder process data duration at max. process temperature (seconds) 5 lead-free process capability smc & wave capable (th only) max. cycles at max. process temperature 1 process temperature max. c 265 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 78061 series mates with jedec mo-256 modules
    material info reference - drawing numbers product specification ps-78061-001, rps-78061-001 sales drawing sd-78061-001 this document was generated on 04/13/2010 please check www.molex.com for latest part information






  • ▲Up To Search▲   

     
    Price & Availability of 0780610061

    All Rights Reserved © IC-ON-LINE 2003 - 2022  

    [Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
    Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


     . . . . .
      We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X