Part Number Hot Search : 
DA332M M30620F SMCJ1 23A10 DSB1A40 40007 23A10 STM6930A
Product Description
Full Text Search
 

To Download 0751981004 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/28/2010 please check www.molex.com for latest part information part number: 0751981004 status: active overview: vhdm__hsd description: 2.00mm (.079") pitch 8-row vhdm? lite backplane header, guide pin signal module, pin end version, 80 circuits, pin length 5.15mm (.203") documents: drawing (pdf) rohs certificate of compliance (pdf) product specification ps-74031-999 (pdf) general product family backplane connectors series 75198 application backplane application tooling documents tooling manual comments no keying position component type pcb header overview vhdm__hsd product name vhdm lite? style n/a physical circuits (loaded) 80 circuits (maximum) 80 color - resin black durability (mating cycles max) 200 first mate / last break no guide to mating part yes keying to mating part none material - metal high performance alloy (hpa), stainless steel material - plating mating gold material - plating termination tin-lead material - resin high temperature thermoplastic number of columns 10 number of pairs open pin field number of rows 8 orientation vertical pcb retention yes pcb thickness recommended (in) 0.070 in pcb thickness recommended (mm) 1.80 mm packaging type tube pitch - mating interface (in) 0.079 in pitch - mating interface (mm) 2.00 mm plating min: mating (in) 30 plating min: mating (m) 0.75 plating min: termination (in) 30 plating min: termination (m) 0.75 polarized to pcb yes stackable yes surface mount compatible (smc) yes temperature range - operating -55c to +105c termination interface: style through hole - compliant pin electrical current - maximum per contact 1a series image - reference only eu rohs china rohs rohs compliant by exemption reach svhc contains svhc: no halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 75198 series mates with 75191 vhdm? lite-series board-to-board daughtercard use with daughtercard modules application tooling | faq tooling specifications and manuals are found by selecting the products below. crimp height specifications are then contained in the application tooling specification document. global description product # vhdm? signal pin inserter repair tool 0622015700 vhdm? insertion module for standard shield signal header, 8 row by 0622020209
data rate 622.0 mbps real signals (per 25mm) 72 voltage - maximum 120v ac (rms)/dc material info reference - drawing numbers packaging specification pk-74061-003 product specification ps-74031-999 sales drawing sd-75198-001 vhdm and very high density metric are trademarks of amphenol corporation 10 wide, 20.00mm (.787") this document was generated on 05/28/2010 please check www.molex.com for latest part information



▲Up To Search▲   

 
Price & Availability of 0751981004

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X