Part Number Hot Search : 
2SB1503 UR551607 DZD30 APTGT 014SBDY CEM9425 1SMA100A CEM9425
Product Description
Full Text Search
 

To Download 0315150HXP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  317 ? 2009 littelfuse, inc. specications are subject to change without notice. axial lead & cartridge fuses 313/315 series 3ag > time lag > 313/315 series please refer to www.littelfuse.com/series/313.html or /315.html for current information. 313/315 series 313/315 series lead-free 3ag, slo-blo ? fuse the 3ag slo-blo ? fuse solves a broad range of application requirements while offering reliable performance and cost- effective circuit protection. the fuse catalog number with the sufx id instantly identies itself upon opening by showing a discoloration of its glass body. guesswork and time consuming circuit testing are eliminated. this unique design offers the same quality performance characteristics as the standard 3ag slo-blo ? fuse design. agency approvals agency agency file number ampere range e10480 10ma - 10a** lr 29862 10ma - 10a**/15a** e10480 10a - 30a ps e nbk 040205- e10480b/d/f/g/h 1a - 10a**/ 15a** su05001- 5007/5008/5009/6004 2.25a - 8a 10ma - 10a**/15a** features electrical characteristics by series t *obddpsebodfxjui6- standard 248-14 t "wbjmbcmfjodbsusjehf and axial lead format and with various forming dimensions t 3p)4dpnqmjbouboe lead-free applications used as supplementary protection in appliance or utilization equipment to provide individual protection for components or internal circuits. % of ampere rating ampere rating opening time 100% 10ma C 30a 4 hours, minimum 135% 10ma C 30a 1 hour, maximum 200% 10ma C 15a 5 sec., min., 30 sec., max 20a C 30a 5 sec., min., 60 sec max ps e description revised: april 26, 2011
introduction to circuit protection introduction to circuit protection transientology 318 ? 2009 littelfuse, inc. specications are subject to change without notice. axial lead & cartridge fuses 313/315 series 3ag > time lag > 313/315 series please refer to www.littelfuse.com/series/313.html or /315.html for current information. electrical characteristic specications by item amp code ampere rating (a) voltage rating (v) interrupting rating nominal cold resistance (ohms) nominal melting i 2 t (a 2 sec) agency approvals ps e .010 0.01 250 35a@250vac 10ka@125vac 4300.0000 0.000121 xx x .031 0.031 250 430. 0000 0.0 0303 x x x .040 0.04 250 300. 0000 0.0 0630 x x x .062 0.062 250 120. 0000 0.0210 x x x .100 0.1 250 43.0000 0.0850 x x x .125 0.125 250 30.0000 0.152 x x x .150 0.15 250 20.0000 0.270 x x x .175 0.175 250 8.6700 0.177 x x x .187 0.187 250 8.0100 0.230 x x x .200 0.2 250 6.5900 0.270 x x x .250 0.25 250 4.2700 0.385 x x x .300 0.3 250 3.1350 0.730 x x x .375 0.375 250 2.0950 1.23 x x x .400 0.4 250 1.8750 1.35 x x x .500* 0.5 250 1.2600 2.55 x x x .600 0.6 250 0.9120 4.00 x x x .700 0.7 250 0.7000 5.90 x x x .750 0.75 250 0.6215 7.16 x x x .800 0.8 250 0.5540 8.00 x x x 001.* 1 250 0.3750 14.0 x x x x 01.2 1.2 250 100a@250vac 10ka@125vac 0.2780 21.5 x x x x 1.25 1.25 250 0.2600 24.0 x x x x 01.5* 1.5 250 0.1910 38.0 x x x x 01.6 1.6 250 0.1710 49.6 x x x x 01.8 1.8 250 0.1410 58.0 x x x x 002.* 2 250 0.1169 77.0 x x x x 2.25 2.25 250 0.0968 121 x x x x x 02.5 2.5 250 0.0811 130 x x x x x 02.8 2.8 250 0.0675 170 x x x x x 003.* 3 250 0.0593 200 x x x x x 03.2 3.2 250 0.0529 209 x x x x x 004.* 4 250 200@250vac 10ka@125vac 0.0311 76.1 x x x x x 005.* 5 250 0.0214 140 x x x x x 6.25* 6.25 250 0.0154 242 x x x x x 06.3 6.3 250 0.0154 242 x x x x x 007.* 7 250 0.0128 347 x x x x x 008.* 8 250 0.0111 445 x x x x x 010.** 10 250 300a@32vac 0.0083 760 x x x x 010.* 10 32 0.0083 760 x 012. 12 32 0.0065 1200 x 015.** 15 125 0.0050 1870 x x x x 015. 15 32 0.0050 1870 x 020. 20 32 0.0022 9560 x 025. 25 32 0.0017 16500 x 030. 30 32 0.0012 26900 x * for 313series, these ratings available with an indicating option. add the id designation to the series number. i.e. 313.5 00id. ** these 2 ratings are designed for special voltage requirement. for 10a, it is available as 250vac rated and the part number i s 0313010. mx250p; for 15a, it is available as 125vac rated and the part number is 0315015.mx125p.
319 ? 2009 littelfuse, inc. specications are subject to change without notice. axial lead & cartridge fuses 313/315 series 3ag > time lag > 313/315 series please refer to www.littelfuse.com/series/313.html or /315.html for current information. 313/315 series average time current curves 1000 100 10 1 0.1 0.01 1/16a 0.05 0.1 1 10 100 1000 1/10a 15/10 0 .175 a 1/4a 3/8a 1/2a 3/4a 1a 1 1/2 a 2a 3a 4a 5a 7a 8a 10a 12a 15a 20a 30a 25a time in seconds current in amperes temperature rerating curve a b a b soldering parameters - wave soldering dwell t ime 0 20 40 60 80 100 120 140 160 180 200 220 240 260 280 300 0 10 20 30 40 5 0 60 70 80 90 100 110 120 130 140 1 5 0 160 170 180 190 200 210 220 230 240 t ime (seconds) t emperature (c) - measured on bottom side of board cooling t ime preheat t ime wave parameter lead-free recommendation preheat: (depends on flux activation temperature) (typical industry recommendation) temperature minimum: 100 c temperature maximum: 150 c preheat time: 60-180 seconds solder pot temperature: 260 c maximum solder dwell time: 2-5 seconds recommended hand-solder parameters: solder iron temperature: 350 c +/- 5c heating time: 5 seconds max. note: these devices are not recommended for ir or convection reow process. recommended process parameters: a - for 313/315 series, from 10ma to 150ma b - for all other ampere ratings of 313/315 series
introduction to circuit protection introduction to circuit protection transientology 320 ? 2009 littelfuse, inc. specications are subject to change without notice. axial lead & cartridge fuses 313/315 series 3ag > time lag > 313/315 series please refer to www.littelfuse.com/series/313.html or /315.html for current information. product characteristics dimensions 313 000p series 31 5 000p series 6.35 (.25") 32.385 (1.275") 31.75 (1.25") 6.985 (.275") 38.1 (1.50") typ. axial lead material: tin coated copper. 0.813 (.032") ( - 15a) 1.016 (.040") (20 - 30a) 1 100 / packaging packaging option packaging specication quantity quantity & packaging code taping width 313 series bulk n/a 1000 mx n/a bulk n/a 100 hx n/a 315 series bulk n/a 1000 mx n/a bulk n/a 100 hx n/a bulk n/a 1000 mxb n/a materials body: glass cap: nickelCplated brass leads: tinCplated copper terminal strength mil-std-202g, method 211a, test condition a solderability reference iec 60127 second edition 2003-01 annex a product marking cap1: brand logo, current and voltage ratings cap2: series and agency approval marks operating temperature C55oc to +125oc thermal shock mil-std-202g, method 107g, test condition b: (5 cycles -65c to +125c) vibration mil-std-202g, method 201 a humidity mil-std-202g, method 103b, test condition a: high rh (95%) and elevated temperature (40c) for 240 hours salt spray mil- std-202g, method 101d, test condition b part numbering system 0313 m x p xxxx lead-free packaging code quantity code amp code series x = filler m = 1000 refer to amp code column of electrical characteristics table


▲Up To Search▲   

 
Price & Availability of 0315150HXP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X