Part Number Hot Search : 
HY5DU568 B60K460 2G40UM AD2833 WDW3T SY88149 3362W254 S2N65
Product Description
Full Text Search
 

To Download 0208375DRT1P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  247 ? 2009 littelfuse, inc. specications are subject to change without notice. axial lead & cartridge fuses 2ag > fast-acting > 208 series 208 series please refer to www.littelfuse.com/series/208.html for current information. 208 series agency agency file number ampere range e10480 125ma - 10a ps e nbk200405-e10480 c/d nbk060405-e10480 e/f 1a - 5a 6a - 10a 125ma - 10a 208 series lead-free 2ag, fast-acting fuse littelfuse 208 series (2ag) 350v fast-acting fuses are available in cartridge form or with axial leads. this series provides the same performance characteristics as its 3ag counterpart, while occupying one-third the space. sleeved fuses are available. agency approvals features electrical characteristics for series t *obddpsebodf with underwriters laboratories standard ul 248-14 t "wbjmbcmfjodbsusjehf and axial lead form and with various lead forming dimensions t 3p)4dpnqmjbouboe lead-free applications % of ampere rating opening time 100% )pvst  min. 135% )pvs  max. 200% 1 second, max. amp code amp rating voltage rating interrupting rating nominal cold resistance (ohms) nominal melting i 2 t (a 2 sec) agency approvals ps e .125 0.125 350 100a @ 350v ac 3.900 0.00286 x x .250 0.250 350 1.150 0.0300 x x .375 0.375 350 0.395 0.171 x x .500 0.500 350 0.265 0.365 x x .750 0.750 350 0.152 1.050 x x 001. 1.0 350 0.103 2.220 x x x 01.5 1.5 350 0.0712 0.800 x x x 002. 2.0 350 0.0497 1.50 x x x 02.5 2.5 350 0.0372 2.68 x x x 003. 3.0 350 0.0317 4.62 x x x 03.5 3.5 350 0.0265 6.70 x x x 004. 4 350 0.0240 9.40 x x x 005. 5 350 0.0186 17.00 x x x 006. 6 350 0.0154 22.10 x x x 007. 7 350 0.0130 40 x x x 008. 8 350 0.0107 56 x x x 010. 10 350 0.0075 116 x x x electrical characteristic specications by item t &mfdusjdbmcbmmbtutvtfejoyvpsftdfoumjhiujohboepuifs applications ps e description revised: april 1, 2010
introduction to circuit protection introduction to circuit protection transientology 248 ? 2009 littelfuse, inc. specications are subject to change without notice. axial lead & cartridge fuses 2ag > fast-acting > 208 series 208 series please refer to www.littelfuse.com/series/208.html for current information. average time current curves 100 10 1 0.1 0.01 0.001 0.1 1 10 100 100 0 1/8a 1/10a 1/4a 3/8a 1/2a 3/4a 1a 1 1/2a 2a 2 1/2a 3a 4a 5a 6a 7a 8a 10a time in seconds current in amperes soldering parameters - wave soldering temperature rerating curve dwell t ime 0 20 4 0 60 80 100 120 1 4 0 160 180 200 220 2 4 0 260 280 300 0 10 20 30 4 0 50 60 70 80 90 100 110 120 130 1 4 0 150 160 170 180 190 200 210 220 230 2 4 0 t ime (seconds) t emperature (c) - measured on bottom side of board cooling t ime preheat t ime wave parameter lead-free recommendation preheat: (depends on flux activation temperature) 5zqjdbm*oevtusz3fdpnnfoebujpo
temperature minimum: 100 c temperature maximum: 150 c preheat time: 60-180 seconds solder pot temperature: 260 c maximum solder dwell time: 2-5 seconds recommended hand-solder parameters: 4pmefs*spo5fnqfsbuvsf?$ ?$ )fbujoh5jnftfdpoetnby note: these devices are not recommended for ir or convection reow process. recommended process parameters:
249 ? 2009 littelfuse, inc. specications are subject to change without notice. axial lead & cartridge fuses 2ag > fast-acting > 208 series 208 series please refer to www.littelfuse.com/series/208.html for current information. 208 series product characteristics dimensions materials body : glass cap : nickelCplated brass leads: tinCplated copper terminal strength .*-45%( .fuipe"  test condition a solderability 3fgfsfodf*&$4fdpoe&ejujpo 2003-01 annex a product marking cap1 : brand logo, current and voltage ratings cap2 : series and agency approval marks operating temperature: C55oc to 125oc. thermal shock: .*-45%( .fuipe( 5ftu$poejujpo# $zdmft?$up ?$
 vibration .*-45%( .fuipe" humidity .*-45%( .fuipe# 5ftu$poejujpo ")jhi3) 
boefmfwbufeufnq ?$
 for 240 hours salt spray .*-45%( .fuipe% 5ftu$poejujpo# packaging option packaging specication quantity quantity & packaging code taping width 208 series bulk n/a 1000 mx n/a bulk n/a 1000 mxe n/a 3ffmboe5bqf &*"& 1500 %35 t1=52mm (2.062) packaging 208 000p series 208 000ep series 4.7 (.184") 14.48 (.57") 14.48 (.57") 4.7 (.184") .635 (.025") 38.1 (1.50") typ. part numbering system 0208 m x e p xxxx option codes lead-free packaging code quantity code current rating code series blank = cartridge type fuse e = axial leaded fuse x = loose pack m = 1000 refer to amp code column of electrical characteristics table
introduction to circuit protection introduction to circuit protection transientology 2 5 0 ? 2009 littelfuse, inc. specications are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of 0208375DRT1P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X