this document was generated on 06/08/2010 please check www.molex.com for latest part information part number: 0190020001 status: active description: avikrimp? fully insulated quick disconnect, female for 18-22 awg wire, box documents: drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr18689 ul e79133 general product family quick disconnects series 19002 crimp quality equipment yes molexkits yes product name avikrimp? type quick disconnect physical barrel type closed flammability 94v-2 gender female glow-wire compliant no insulation nylon (pa) lock to mating part none material - metal brass orientation straight packaging type bag polarized to mating part no tab thickness 0.81mm (.032") tab width 6.35mm (.250") temperature range - operating -65c to +105c wire insulation diameter 3.17mm (.125") max. wire size awg 18, 20, 22 wire size mm2 0.35 - 0.80 electrical voltage - maximum 300v material info old part number aa-5261 reference - drawing numbers sales drawing sd-19002-003 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 19002 series use with 19001-0001 , 19001-0002 application tooling | faq tooling specifications and manuals are found by selecting the products below. crimp height specifications are then contained in the application tooling specification document. global description product # hand crimp tool 0640010800 crimp head for the at-200? pneumatic hand tool 0640050800 this document was generated on 06/08/2010 please check www.molex.com for latest part information
|