Part Number Hot Search : 
SFH464 2LUG11 C107S RKEF500 4025R 4025R 4025R 1N6300
Product Description
Full Text Search
 

To Download WBN13002LD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  c o p y r igh t @ w i n s em i microelectronics c o . , lt d . , a l l ri g h t r e s er v ed . w w w w bn1300 bn1300 bn1300 bn1300 2ld 2ld 2ld 2ld rev.a may .201 1 high voltage fast -switching npn power transistor features ? very high switching speed ? high voltage capability ? wide reverse bias soa general description this device is designed for high voltage , high speed switching characteristics required such as lighting system, switching mode power supply. absolute maximum ratings symbol parameter test conditions value units v ces collector-emitter voltage v be =0 350 v v ceo collector-emitter voltage i b =0 200 v v ebo emitter-base voltage i c =0 7 v i c collector current 1.5 a i cp collector pulse current 3.0 a i b base current 1 a i bm base peak current t p =5ms 2 a p c total dissipation at tc=25 1 w t j operation junction temperature -40~150 t stg storage temperature -40~150 tc:case temperature(good cooling) thermal characteristics symbol parameter value units r qja thermal resistance junction to ambient max) 125 /w
w w w w bn1300 bn1300 bn1300 bn1300 2ld 2ld 2ld 2ld 2 / 5 steady, steady, steady, steady, keep keep keep keep you you you you advance advance advance advance electrical characteristics (tc=25 unless otherwise noted) symbol parameter test conditions value units min typ max v ceo(sus) collector-emitter breakdown voltage ic=10ma,ib=0 2 00 - - v v ce(sat) collector-emitter saturation voltage ic=0.5a,ib=0.1a ic=1.0a,ib=0.25a - - 1.0 1.5 v v be(sat) base -emitter saturation voltage ic=0.5a,ib=0.1a ic=1.0a,ib=0.25a - - 1.0 1. 5 v i cbo collector - base cutoff current vcb= 350 v, ie=0 - - 100 a i c e o collector - emitter cutoff current vce=200v, ib=0 - - 50 a i e bo emitte r - base cutoff current veb=7v, ic=0 - - 10 a hfe dc current gain vce= 5 v,ic=0. 2 a vce= 5 v,ic=1.0a 8 5 - - 50 - ts tf storage time fall time v cc = 24 v,ic= 0.5 a i b1 = - i b2 = 0.1 a - - 1.8 0. 21 4 .0 0. 5 s f t current gain bandwidth product vce=10v,ic=0.5a 4 - - mhz note: pulse test : pulse width 300,duty cycle 2%
w w w w bn1300 bn1300 bn1300 bn1300 2ld 2ld 2ld 2ld 3 / 5 steady, steady, steady, steady, keep keep keep keep you you you you advance advance advance advance fig.1 dc current gain fig.2 base -emitter saturation voltage fig.3 collector-emitter saturation voltage fig.5 static characteristics fig.6 power derating
w w w w bn1300 bn1300 bn1300 bn1300 2ld 2ld 2ld 2ld 4 / 5 steady, steady, steady, steady, keep keep keep keep you you you you advance advance advance advance resistive load switching test circuit inductive load switching & rbsoa test circuit
w w w w bn1300 bn1300 bn1300 bn1300 2ld 2ld 2ld 2ld 5 / 5 steady, steady, steady, steady, keep keep keep keep you you you you advance advance advance advance to-92 to-92 to-92 to-92 package package package package dimension dimension dimension dimension unit:mm


▲Up To Search▲   

 
Price & Availability of WBN13002LD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X