Part Number Hot Search : 
1N3994 Z89390 FT21M08D HICM250 AN7707 E000781 S24VDC MSK4852
Product Description
Full Text Search
 

To Download TS39300CM25 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ts39300/1/2/3 3a ultra low dropout voltage regulator with multi-function 1/ 12 version: b07 to - 22 0 to - 263 (d 2 pak) to - 220 - 5l to - 263 - 5l (d 2 pak) general description ts3930 0/1/2/3 are 3a ultra low dropout linear voltage regulators that provide low vol tage, high current output with a minimum of external components. the ts3930 x series offers extremely low dropout (typically 400mv at 3a) and low quiescent current (typically 36ma at 3a). ts3930 0/1/2/3 is ideal for pc add - in cards that need to convert from standard 3.3v to 2.5v or 2.5v to 1.8v. a guaranteed maximum dropout voltage of 500mv over all operating conditions allows the ts3930 0/1/2/3 to provide 2.5v from a supply as low as 3v, and 1.8v from a supply as low as 2.5v. the ts3930 0/1/2/3 also has fast transient response for heavy switching applications. the device requires only 47 u f of output capacitor to maintain stability and achieve fast transient response. on the ts3930 0/1/2/3 , the enable pin may be tied to input voltage if it is not required for en able control. features dropout voltage typically 0.4v @io=3a output current up to 3a low ground current extremely fast transient response current limit & thermal shutdown reversed leakage & reverse battery protection error flag signals output (ts39301 o nly) adjustable version (ts39302 only) output voltage sense (ts39303 only) application powerpc tm power supplies battery powered equipment consumer and personal electronics high efficiency linear power supplies smps post regulator and dc to d c modules high - efficiency post regulator for switching supply low voltage microcontrollers and digital logic ordering information part no. package packing ts39300cz xx c0 to - 220 50pcs / tube ts39300cm xx rn to - 263 800pcs / 13 reel ts39301cz5 xx c0 to - 220 - 5l 50pcs / tube ts39301cm5 xx rn to - 263 - 5l 800pcs / 13 reel ts39302cz5 c0 to - 220 - 5l 50pcs / tube ts39302cm5 rn to - 263 - 5l 800pcs / 13 reel ts39303cz xx c0 to - 220 - 5l 50pcs / tube ts39303cm xx rn to - 263 - 5l 800pcs / 13 reel note: where xx denotes voltage option, available are 50 =5v, 33 =3.3v, 25 =2.5v, 18 =1.8v contact to factory for addition output voltage option. pin definition : ts39301 xx ts39302 ts393 03 xx 1. enable 1. enable 1. enable 2. input 2. input 2. input 3. ground 3. ground 3. ground 4. output 4. output 4. output 5. flag 5. adjust 5. sense pin definition : ts39300 1. input 2. ground (tab) 3. output
ts39300/1/2/3 3a ultra low dropout voltage regulator with multi-function 2/ 12 version: b07 absolute maximum rating (note 1) supply voltage v in - 20v ~ +20 v enable voltage v en +20 v storage temperature range t stg - 65 ~ +150 o c lead soldering temperature (260 o c) 5 s esd (note 3) operating rating (note 2) operation input voltage v in (operate) +2.25 ~ +16 v operation enable voltage v en (operate) +2.25 ~ +16 v power dissipation (note 4) p d internally limited w operating junct ion temperature range t j - 40 ~ +125 o c electrical characteristics v in = v out + 1v , v in =2.5v for fixed reference output voltage, venable= 2.25v, t a = 25 o c, unless otherwise specified. parameter conditions min typ max u nit fixed output voltage 10 ma i l 3 a, vo+1v v in 8v 0.9 8 0|vo| v out 1.0 2 0|vo| v fixed reference output voltage i l =10ma 0.9 8 0|vo| 1.0 2 0|vo| fixed reference output voltage 10 ma i l 3 a, 2.5v v in 8v 0.9 7 0|vo| 1.24 (v ref ) 1.0 3 0|vo| v line regulation i l =10ma , vo+1v v in 8 v -- 0. 05 0. 5 % load regulation v in = vout+1v, 10 ma i l 3a -- 0. 2 1.0 % output voltage temp . coefficient -- 40 100 ppm/ o c dropout voltage (note 5 ) v out = - 1% i l =100ma i l =750ma i l =1.5a i l = 3 a -- -- -- -- 65 185 250 400 20 0 -- -- 550 mv quiescent cur rent (note 6 ) v in = v out +1v i l =100ma i l = 750 ma i l =1.5a i l = 3 a -- -- -- 6 10 17 45 10 20 -- -- ma current limited v out =0 , v in = v out +1v -- 4.5 -- a reference (ts39302) reference voltage 0.9 8 0|vo| 1.0 2 0|vo| reference voltage (note 7) 0.9 7 0|vo| 1.24 1.0 3 0 |vo| v adjust pin bias current -- 40 120 na reference voltage temp . coefficient (note 8) -- 20 -- ppm/ o c adjust pin bias current temp . coefficient -- 0. 1 -- na / o c enable input (ts393 01/2/3 ) low (off) -- -- 0.8 input logic voltage high (on) 2. 25 -- -- v v en = 2.25 v -- -- 75 enable pin input current v en =0.8v -- -- 4 ua
ts39300/1/2/3 3a ultra low dropout voltage regulator with multi-function 3/ 12 version: b07 electrical characteristics (continue) flag output (ts39301) output leakage current v oh = 16v -- -- 2 ua output low voltage (note 9) v in =0.9 * v out , i ol = 250u a -- -- 400 mv up per threshold voltage % of v out -- -- 99 % lower threshold voltage % of v out 93 -- -- % hysteresis -- 1 -- % thermal performance condition package type typ u nit to - 220 / to - 220 - 5l 80 thermal resistance junction to case to - 263 / to - 263 - 5l 80 o c/w note 1. exceeding the absolute maximum ratings may be damaged the device. note 2. the device is not guaranteed to function outside its operating rating. note 3. devices are esd sensitive. handling precautions recommended. note 4. p d( max) = (t j( max) - ta) + ? ja , where ? ja depends upon the printed circuit layout. see applications information. note 5. output voltage temperature coefficient is v out (worst case) +(t j( max) t j( min) ) where t j( max) is +125 o c and t jmin) is - 40 o c. note 6. v drop = v in - v out when v out decreases to 99% of its nominal output voltage with v in = v out + 1. for output voltages below 2.5v, dropout voltage is the input- to -output voltage differential with the minimum input voltage being 2.5v. minimum input operating voltage is 2.5v note 7. i gnd is the quiescent current. i in = i gnd + i out note 8. v en <0.8v, v in <8v and v out =0 note 9. for 1.8v device, v in = 2.25v (device is in dropout) pin description pin configuration pin description enable ttl/com s compatible input. logic high is enable; logic low or open is shutdown input unregulated input: +16v maximum supply ground ground: ground pin and tab / heat sink are internally connected. output regulator output flag (fixed voltage) error flag (output ): open - collector output. active low indicates an output fault condition, if no used, leave open. feed back (adjustable) adjustment input: feedback input. connect to resistive voltage - divider network. sense sense pin is the input to the error amplifier
ts39300/1/2/3 3a ultra low dropout voltage regulator with multi-function 4/ 12 version: b07 functional diagram ts39300 fixed regulator block diagram ts39301/3 fixed regulator with flag, sense and enable block diagram ts39302 adjustable regulator block diagram
ts39300/1/2/3 3a ultra low dropout voltage regulator with multi-function 5/ 12 version: b07 application information the ts39300/1/2/3 are high performance with low dropout voltage regulator suitable for moderate to high current and voltage regulator application. its 630mv dropout voltage at full load and over temperature makes it especially valuable in battery power systems and as high efficiency noise filters in post regulator applications. unlike normal npn transistor design, where the base to emitter voltage drop and collector to emitter saturation voltage limit the minimum dropout voltage, dropout performance of the pnp output of these devices is limited only by low v ce saturation voltage. the ts39300/1/2/3 is fully protected from damage due to fault conditions. linear current limiting is provided. output current during overload conditions is constant. thermal shutdown the device when the die temperature exceeds t he maximum safe operating temperature. transient protection allows device survival even when the input voltage spikes above and below nominal. the output structure of these regulators allows voltages in excess of the desired output voltage to be applied without reverse current flow. output capacitor requirement the ts39300/1/2/3 requires an output capacitor to maintain stability and improve transient response is necessary. the value of this capacitor is dependent upon the output current, lower currents allow smaller capacitors. ts39300/1/2/3 output capacitor selection is dependent upon the esr of the output capacitor to maintain stability. when the output capacitor is 10uf or greater, the output capacitor should have an esr less than 2 . this will improve transient response as well as promote stability. ultra low esr capacitors (<100m ), such as ceramic chip capacitors, may promote instability. these very low esr levels may cause an oscillation and/or under damped transient response. a low esr solid tantalum capacitor works extremely well and provides good transient response and stability over temperature aluminum electrolytes can also be used, as long as the esr of the capacitor is <2 . the value of the output capacitor can be increased without limit. higher capacitance values help to improve transient response and ripple rejection and reduce output noise. input capacitor requirement an input capacitor of 1uf or greater is recommended when the device is more than 4 away from the bulk ac supply capacitance or when the supply is a battery. small, surface mount, ceramic chip capacitors can be used for bypassing. larger values will help to improve ripple rejection by bypassing the input to the regulator, further improving the integrity of the output voltage. minimum load current the ts39300/1/2/3 is specified between finite loads. if the output current is too small leakage currents dominate and the output voltage rises. a 10ma minimum load current is necessary for proper regulation. adjustable regulator design the adjustable regulator versions (ts39302) is allow to programming the output voltage anywhere between 1.25 and the 16v maximum operating rating of the family. two resistors are used. resistors can be quite large up to 1m , because of the very high input impedance and low bias current of the sense comparator, the resistor values are calculated by: where v out is the desired output voltage. above application circuit shows component definition. applications with widely varying load currents may scale the resistors to draw the minimum load current required for proper operation.
ts39300/1/2/3 3a ultra low dropout voltage regulator with multi-function 6/ 12 version: b07 application information (continue) enable input ts39301/2/3 versions feature an active-high enable (en) input that allows on/off control of the regulator. current drain reduces to zero when the device is shutdown, with only micro-amperes of leakage current. the en input has ttl/cmos compatible thresholds for simple interfacing with logic interfacing. en may be directly tied to v in and pulled up to the maximum supply voltage. error flag ts39301 versions feature an error flag, which looks at the output voltage and signals an error condition when this voltage drops 5% below its expected value. the error flag is an open-collector output that pulls low under fault conditions. it may sink 10ma. low output voltage signifies a number of possible problems, including an over-current fault (the device is in current limit) or low input voltage. the flag output is inoperative during over temperature shutdown conditions. a pull-up resistor from error flag to either v in or v out is required for proper operation. for information regarding the minimum and maximum values of pull-up resistance, refer the graph as follow: transient response and 3.3v to 2.5v or 2.5v to 1.8v conversion ts39300/1/2/3 has excellent transient response to variations in input voltage and load current. the device have been designed to respond quickly to load current variations and input voltage variations. large output capacitors are not required to obtain this performance. a standard 10uf output capacitor, preferably tantalum, is all that is required. larger values help to improve performance even further. by virtue of its low dropout voltage, this device does not saturate into dropout as readily as similar npn base designs. when converting from 3.3v to 2.5v or 2.5v to 1.8v, the npn based regulators are already operating in dropout, with typical dropout requirements of 1.2v or greater,. to convert down to 2.5v or 1.8v without operating in dropout, npn based regulators require an input voltage of 3.7v at the very least. the ts39300/1/2/3 regulator will provide excellent performance with an input as low as 3.0v or 2.5v respectively. this gives the pnp based regulators a distinct advantage over older, npn based linear regulators. output sense sense pin can be connect ed to the load and traces the load voltage, ts39303 will adjust the output voltage to maintain the load at expected voltage.
ts39300/1/2/3 3a ultra low dropout voltage regulator with multi-function 7/ 12 version: b07 application information (continue) thermal characteristics ts39300/1/2/3 linear regulators are simple to use, the most complicated design parameters to consider are thermal characteristics, thermal design requires the following application specification parameters: ? maximum ambient temperature, t a ? output current, i out ? output voltage, v out ? input voltage, v in calculate the power dissipation of the regulator from these numbers and the device parameters from this datasheet, where the ground current is taken from data sheet. p d = (v in v out ) x i out + v in x i gnd the heat sink thermal resistance is determined by: ? sa = (t j(max) t a ) / p d ( ? jc + ? cs ) where t j(max) 125 o c and ? cs is between 0 o c and 2 o c /w. the heat sink may by significantly reduced in applications where the minimum input voltage is know and is large compared with the dropout voltage and distribute the heat between this resistor and the regulator. the low dropout properties of vertical pnp regulators allow significant reductions in regulator power dissipation and the associated heat sink without compromising performance. when this technique is employed, a capacitor of at least 1uf is needed directly between the input and regulator ground. typical application circuit 2.5v/3a regulator 2.5v/3a regulator with error flag
ts39300/1/2/3 3a ultra low dropout voltage regulator with multi-function 8/ 12 version: b07 to - 220 mechanical drawing marking diagram y = yea r code m = month code ( a =jan, b =feb, c =mar, d =apl, e =may, f =jun, g =jul, h =aug, i =sep, j =oct, k =nov, l =dec) l = lot code xx = output voltage ( 18 =1.8v, 25 =2.5v, 33 =3.3v, 50 =5v) to - 220 dimension millimeters inches dim min max min max a 10.000 10.500 0.394 0.413 b 3.740 3.910 0.14 7 0.154 c 2.440 2.940 0.096 0.116 d - 6.350 - 0.250 e 0.381 1.106 0.015 0.044 f 2.345 2.715 0.092 0.107 g 4.690 5.430 0.185 0.214 h 12.700 14.732 0.500 0.580 i 8.382 9.017 0.330 0.355 j 14.224 16.510 0.560 0.650 k 3.556 4.826 0.140 0.190 l 0.508 1.397 0.020 0.055 m 27.700 29.620 1.091 1.166 n 2.032 2.921 0.080 0.115 o 0.255 0.610 0.010 0.024 p 5.842 6.858 0.230 0.270
ts39300/1/2/3 3a ultra low dropout voltage regulator with multi-function 9/ 12 version: b07 to - 263 mechanical drawing marking diagram y = ye ar code m = month code ( a =jan, b =feb, c =mar, d =apl, e =may, f =jun, g =jul, h =aug, i =sep, j =oct, k =nov, l =dec) l = lot code xx = output voltage ( 18 =1.8v, 25 =2.5v, 33 =3.3v, 50 =5v) to - 2 63 dim ension millimeters inches dim min max min max a 10.000 10.500 0.394 0.413 b 14.605 15.875 0.575 0.625 c 0.508 0.991 0.020 0.039 d 2.420 2.660 0.095 0.105 e 4.064 4.830 0.16 0 0.190 f 1.118 1.400 0.045 0.055 g 0.450 0.730 0.018 0.029 h 8.280 8.800 0.325 0.346 i 1.140 1.400 0.044 0.055 j 1.480 1.520 0.058 0.060
ts39300/1/2/3 3a ultra low dropout voltage regulator with multi-function 10/ 12 version: b07 to - 220 - 5l mechanical drawing marking diagram ts39301 / ts39302 / ts3930 3 y = year code m = month code ( a =jan, b =feb, c =mar, d =apl, e =may, f =jun, g =jul, h =aug, i =sep, j =oct, k =nov, l =dec) l = lot code xx = output voltage ts39301 & ts3930 3 only ( 18 =1.8v, 25 =2.5v, 33 =3.3v, 50 =5v) xxx = cz5 ts39302 only to - 220 - 5l dimension millimeters inches dim min max min max a 10.00 10.50 0.394 0.413 b 3.240 4.440 0.128 0.175 c 2.440 2.940 0.096 0.116 d 0.260 1.020 0.010 0.040 e 1.570 1.830 0.062 0.072 f 13.31 14.13 0.524 0.556 g 4.475 5.225 0.176 0.206 h 1.170 1.370 0.046 0.054 i 27.60 29.44 1.087 1.159 j 2.175 2.925 0.086 0.115 k 0.297 0.477 0.012 0.019 l 8.280 8.800 0.326 0.346 m 6.010 6.510 0.237 0.256 n 14.29 15.31 0 .563 0.603
ts39300/1/2/3 3a ultra low dropout voltage regulator with multi-function 11/ 12 version: b07 to - 263 - 5l mechanical drawing marking diagram ts39301 / ts39302 / ts3930 3 y = year code m = month code ( a =jan, b =feb, c =mar, d =apl, e =may, f =jun, g =jul, h =aug, i =sep, j =oct, k =nov, l =dec) l = lot code xx = output voltage ts39301 & ts3930 3 only ( 18 =1.8v, 25 =2.5v, 33 =3.3v, 50 =5v)  xxx = cm5 ts3930 2 only to - 2 63 - 5l dim ension millimeters inches dim min max min max a 10.220 10.260 0.402 0.404 b 14.600 15.870 0.575 0.625 c 0.750 0.770 0.030 0.030 d 1.573 1.827 0.062 0.072 e 4.560 4.570 0.179 0.180 f 1.240 1.270 0.049 0.050 g 2.280 2.790 0.090 0.110 h 0.280 0.320 0.011 0.013 i 8.240 8.280 0.324 0.326 j 1.540 1.800 0.060 0.071
ts39300/1/2/3 3a ultra low dropout voltage regulator with multi-function 12/ 12 version: b07 notice specifications of the products displayed herein are subject to change without notice. tsc or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies. information contained herein is intended to provide a product description only. no license, express or implied, to any intellectual property rights is granted by this document. except as provided in tscs terms and conditions of sale for such products, tsc assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of tsc products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. the products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify tsc for any damages resulting from such improper use or sale.


▲Up To Search▲   

 
Price & Availability of TS39300CM25

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X