Part Number Hot Search : 
PE3388 MAX7311 1N4148W DA7265 V60120C RU4AG 00120 28F320J3
Product Description
Full Text Search
 

To Download SF2001G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dimensions in inches and (millimeters) version: a06 SF2001G - sf2008g 20.0 amps. glass passivated super fast rectifiers to-220ab features  high efficiency, low vf  high current capability  high reliability  high surge current capability  low power loss.  for use in low voltage, high frequency inventor, free wheeling, and polarity protection application mechanical data  cases: to-220ab molded plastic  epoxy: ul 94v-0 rate flame retardant  terminals: pure tin plated, lead free. solderable per mil-std-202, method 208 guaranteed  polarity: as marked  high temperature soldering guaranteed: 260 o c/10 seconds .16?,(4.06mm) from case.  weight: 2.24 grams maximum ratings and electrical characteristics rating at 25 o c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% type number symbol sf 2001g sf 2002g sf 2003g sf 2004g sf 2005g sf 2006g sf 2007g sf 2008g units maximum recurrent peak reverse voltage v rrm 50 100 150 200 300 400 500 600 v maximum rms voltage v rms 35 70 105 140 210 280 350 420 v maximum dc blocking voltage v dc 50 100 150 200 300 400 500 600 v maximum average forward rectified current @t c = 100 o c i (av) 20 a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method ) i fsm 150 a maximum instantaneous forward voltage @ 10a v f 0.975 1.3 1.7 v maximum dc reverse current @ t a =25 o c at rated dc blocking voltage @ t a =100 o c i r 5.0 400 ua ua maximum reverse recovery time (note 1) trr 35 ns typical junction capacitance (note 2) cj 80 pf typical thermal resistance (note 3) r jc 2.5 o c/w operating temperature range t j -65 to +150 o c storage temperature range t stg -65 to +150 o c notes: 1. reverse recovery test conditions: i f =0.5a, i r =1.0a, i rr =0.25a 2. measured at 1 mhz and applied reverse voltage of 4.0 v d.c. 3. thermal resistance from junction to case mounted on heatsink size of 3? x 5? x 0.25? al-plate. www.datasheet.net/ datasheet pdf - http://www..co.kr/
fig.6 - revers e recove r y tim e characteristi c an d tes t circui t diagram 50 noninductive non inductive oscilloscope (not e 1) pulse gener a t or (not e 2) dut (+) 50vdc (approx) (-) notes : 1 . ris e t ime=7n s max . inpu t impedance= 1 megoh m 22pf 2 . ris e t ime=10n s max . sours e impedance= 5 0 ohms (-) (+) 10 noninductive -1.0a -0.25a 0 +0.5a trr 1cm set time base for 5/ 10ns/ cm ratings and characteristic curves (SF2001G thru sf2008g) fig.1- maximum forward current derating curve average for ward current . (a) 0 50 100 150 0 4 8 12 16 20 case temperature. ( c) o fig.4- typical junction capacitance per leg capacitance.(pf) 15 2 10 20 50 100 200 500 50 60 70 80 90 100 reverse voltage. (v) tj=25 c 0 1000 40 fig.3- maximum non-repetitive forward surge current per leg peak for ward surge current . (a) 1 2 5 10 20 100 50 number of cycles at 60hz 8.3ms single half sine wave jedec method tj=125 c 0 200 160 120 80 40 0 fig.2- typical reverse characteristics 0 20 40 60 80 100 120 140 1000 0.1 1 10 100 percent of rated peak reverse voltage. (%) tj=25 c 0 tj=100 c 0 instantaneous reverse current .( a) tj=75 c 0 fig.5- typical forward characteristics per leg instantaneous for ward current . (a) 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 0.01 0.1 0.03 1.0 0.3 10 3.0 30 100 forward voltage. (v) tj=25 c pulse width=300 s 1% duty cycle o version: a06 SF2001G-04g sf2005g-06g sf2007g-08g www.datasheet.net/ datasheet pdf - http://www..co.kr/


▲Up To Search▲   

 
Price & Availability of SF2001G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X