? faraday technology. as part of continual product improvement the specifications, details and dimensions shown in this publication are subject to change without notice fara108p page 1 of 3 aug - 05 (c) input parallel multiplexed component signals to ccir rec 656 smpte rp - 125 coded. note. to ease interfacing into equipment data is latched by the rising edge of the clock. data rate 27 mhz data set up time 3 ns min to positive edge of clock data hold time 2.5 ns min from positive edge of clock line standard 625/50 or 525/60 auto detection analogue output characteristics output format ypbpr / rgb output levels 700 mv 1% output impedance 75 ohms 1% output return loss > 40 db to 5.5 mh z resolution 10 bit freq. response luminance < 0.2 db to 5.5 mhz chrominance < 0.2 db to 2.2 mhz k - ratings kp, kpb, kbar <1% noise >70 db rms to 5.5 mhz power +5v 0.25v (300ma max) mechanical details the following formats are available: format a std configuration with low profile pins and bnc connectors for outputs. format b low profile pins and mcx connectors for outputs. format c stand - off configuration with bnc outputs. converter card pi - 002 parallel to analogue ypbpr/rgb 10 bit low cost
? faraday technology. as part of continual product improvement the specifications, details and dimensions shown in this publication are subject to change without notice fara108p page 2 of 3 aug - 05 (c) connector pinout 1 +5v 2 clk 3 d0 4 d1 5 d2 6 d3 7 d4 8 d5 9 d6 10 d7 11 d8 12 d9 13 +5v 14 +5v 15 nc 16 nc 17 nc 18 nc 19 reset 20 nc 21 nc 22 gnd 23 gnd 24 gnd 25 nc 26 nc 27 nc 28 nc 29 nc 30 nc 31 nc 32 nc 33 nc 34 nc 35 s/on 36 rgb 37 nc 38 nc 39 nc 40 nc 41 nc 42 nc 43 nc 44 nc 45 nc 46 id0 47 id1 48 id2 d0 to d 9 parallel data bus d0 lsb , d9 msb clk parallel data clock rgb +5v=rgb output 0v=ypbpr output son +5v=sync on rgb/y 0v= no sync id0,id1,id2 card type identification code. card type identification code. card type id2 id1 id0 pi - 002 0v + 5v 0v ordering codes product type special variations mechanical package requested options a,b,c 000 = no option fitted note: this item is not aqueous washable. pi - 002 a yyy x
package detail faraday technology ltd. tel: + 44 (0)1782 661501 croft road industrial estate, fax: + 44 (0)1782 630101 newcastle, staffordshire email: sales@faradaytech.co.uk st5 0qz. england. web site: http://www.faradaytech.co.uk fara108p page 3 of 3 aug - 05 (c)
|