Part Number Hot Search : 
ADUC841 20TTS TL06401 C7812CT SMAJ18 BF77107 002223 F1404L
Product Description
Full Text Search
 

To Download PF353 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  pf351 thru pf357 35amp fast recover rectifier features maximum ratings operating temperature: -55 c to +150 c storage temperature: -55 c to +150 c catalog number device marking maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage pf351 --- 50v 35v 50v pf352 --- 100v 70v 100v PF353 --- 200v 140v 200v pf354 --- 400v 280v 400v pf355 --- 600v 420v 600v pf356 --- 800v 560v 800v pf357 --- 1000v 700v 1000v electrical characteristics @ 2 5 c unless otherwise specified average forward current i f(av) 35a t a = 125 c peak forward surge current i fsm 600a 8.3ms, half sine maximum instantaneous forward voltage v f 1.0v i fm = 35a; t j = 25 c* maximum dc reverse current at rated dc blocking voltage i r 1 m a 10 m a t j = 25 c t j = 125 c typical junction capacitance c j 100pf measured at 1.0mhz, v r =4.0v *pulse test: pulse width 300 m sec, duty cycle 2% ww w . cn el ec tr .com inches mm dim min max min max note a . 0 97 . 103 2.464 2.616 b 1 . 063 1 . 142 27.00 29.00 c ------ .395 ------ 10.04 low cost low leakage low forward voltage drop high current capability for automotive applications e .122 .130 3.10 3.30 d . 501 . 505 12 . 73 12.82 50 to 1000 volts a b c d e f pressfit pressfitpressfit pressfit e .258 .278 6.55 7.05 shanghai lunsure electronic technology co.,ltd tel:0086-21-37185008 fax:0086-21-57152769
instantaneous forward current - amperes versus instantaneous forward voltage - volts figure 1 typical forward characteristics 40 60 20 100 amps .4 .6 .8 1.0 1.2 1.4 .01 .02 .04 .06 .1 .2 .4 .6 10 20 25 c volts 1 100 4 0 100 200 300 8 figure 4 peak forward surge current peak forward surge current - amperes versus number of cycles at 60hz - cycles amps cycles 2 6 10 20 60 80 40 00 400 500 600 average forward rectified current - amperes versus ambient temperature - c figure 2 forward derating curve 0 17550 75 100 125 0 15 20 25 single phase, half wave 60hz resistive or inductive load amps c 150 30 3 5 40 junction capacitance - pf versus reverse voltage - volts figure 3 junction capacitance .1 .2 1 .4 2 10 20 404 100 200 1 2 6 10 20 100 pf volts 60 40 4 400 1000 t j =25 c ww w . cn ele ct r .com p f 35 1 thru p f 3 57


▲Up To Search▲   

 
Price & Availability of PF353

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X