Part Number Hot Search : 
RCM2030R 2SC3138 AMC102 EDC15 56160 2405D SMW02 MSZ522
Product Description
Full Text Search
 

To Download PCIE-1730 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rohs compliant 2002/95/ec PCIE-1730 specifcations digital input ? channels 16 ? compatibility 5 v/ttl ? input voltage logic 0: 0.8 v max. logic 1: 2.0 v min. ? interrupt capable ch. 2 (di0, di8) isolated digital input ? channels 16 ? input voltage logic 0: 3 v max. logic 1: 10 v min. (30 v max.) ? interrupt capable ch. 2 (idi0, idi8) ? isolation protection 2,500 v dc ? opto-isolator response 50 s ? input resistance 2.7 k w @ 1 w digital output ? channels 16 ? compatibility 5 v/ttl ? output voltage logic 0: 0.8 v max. logic 1: 2.0 v min. ? output capability sink: 24 ma source: 15 ma isolated digital output ? channels 16 ? output type sink type (npn) ? isolation protection 2,500 v dc ? output voltage 5 ~ 40 v dc ? sink current 500 ma max./channel ? opto-isolator response 50 s introduction PCIE-1730 offers isolated digital input channels as well as isolated digital output channels with isolation protection up to 2,500 v dc , which makes them ideal for industrial applications where high-voltage isolation is required. there are also 32 ttl digital i/o channels on PCIE-1730. 32-ch ttl and 32-ch isolated digital i/o pci express card ? 32-ch isolated di/o (16-ch digital input, 16-ch digital output) ? 32-ch ttl di/o (16-ch digital input,16-ch digital output) ? high output driving capacity ? interrupt handling capability ? 2 x 20-pin connectors for isolated di/o channels and 2 for ttl di/o channels ? d-type connector for isolated input and output channels ? high-voltage isolation on output channels (2,500 v dc ) general ? bus type pci express v1.0 ? i/o connectors 1 x db37 female connector 4 x 20-pin box header ? dimensions (l x h) 175 x 100 mm (6.9" x 3.9") ? power consumption typical:3.3 v @ 280 ma, 12 v @ 330 ma max.: 3.3 v @ 420 ma, 12 v @ 400 ma ? operating temperature 0 ~ 60c (32 ~ 140f) ? storage temperature -25 ~ 85c (-13 ~ 185f) ? storage humidity 5 ~ 95% rh, non-condensing (see iec 68-2-3) ordering information ? PCIE-1730 32-ch isolated digital i/o pcie card accessories ? pcl-10120-1 20-pin flat cable, 1 m ? pcl-10120-2 20-pin flat cable, 2 m ? adam-3920 20-pin din-rail flat cable wiring board ? pcld-782 16-ch isolated di board w/ 1m 20-pin flat cable ? pcld-885 16-ch power relay board w/ 20p & 50p flat cables ? pcld-785 16-ch relay board w/ one 1m 20-pin flat cable ? adam-3937 db37 din-rail wiring board ? pcl-10137-1 db37 cable, 1 m ? pcl-10137-2 db37 cable, 2 m ? pcl-10137-3 db37 cable, 3 m data acquisition boards features


▲Up To Search▲   

 
Price & Availability of PCIE-1730

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X