Part Number Hot Search : 
D78312G FDB8878 MAX420 2SA1170 ZL10355 0218FC RN4906 D1631
Product Description
Full Text Search
 

To Download N5120 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2463 208th, ste. 205 torrance, ca 90501 phone: (310)533-1455 fax: (310)533-1853 http://www.mpsind.com email: sales@mpsind.com product performance is limited to specified parameter. data is subject to change without prior notice. 1 elect rical specificat ion @ 25c part number insertion loss (db max.) return loss (db min.) common to common mode rejection (db min.) common to diferential mode rejection (db min.) crosstalk (db min.) 0.3-100 mhz 1-30 mhz 30-60 mhz 60-80 mhz 0.1-100 mhz 0.1-100 mhz 0.5-100 mhz n5110 -1 -18 18-20log(f/30mhz) -12 -35 -40 -35 N5120 -1 -18 18-20log(f/30mhz) -12 -35 -40 -35 n5130 -1 -18 18-20log(f/30mhz) -12 -35 -40 -35 ? note: 1) contact: 30 micro inch selective gold plating 4)operating life: 750 cycles min. 2) plastic housing: glass filled polyester ul94v-0 5) pcb retention pre-solder: 1 lb min. 3) pins: phosphor bronze t=0.35mm 6) pcb retention post- solder: 10 lbs min. ? other versions available with alternate pin-out configurations. contact mps engineering team. 0.62 [15.75] 0.75 [19.05] 0.53 [13.59] 0.60 [15.19] 0.85 [21.59] 0.61 [15.49] 0.18 [4.57] 0.01 [0.25] 0.425 [10.79] 0.050 [1.27] 0.450 [11.43] 0.120 [3.05] 0.100 [2.54] 0.250 [6.35] 0.050 [1.27] 0.100 [2.54] 0.025 [0.63] suggested pad layout pin 1 8 ?0.062 [?1.57] ?0.128 [?3.25] pin 1 ?0.035 [?0.89] 0.100 [2.54] n3xxxs-a 0443ta dimensions unless otherwise specified, all tolerances are: .xx 0.010? & .xxx 0.003? inches [mm] mechanical ? single port shielded rj-45 connector with 10/100 magnetics ? operating temperature: 0c to 70c ? storage temperature: -40c to 85c ? available for all 10/100 transceiver phy chips ? complies with ieee standards and all 10/100 ethernet specifications including 350 h with 8ma dc bias ? 1500vrms isolation rj-45 10/100 base-tx jack with magnetic module n51xx series
product performance is limited to specified parameter. data is subject to change without prior notice. 2 2463 208th, ste. 205 torrance, ca 90501 phone: (310)533-1455 fax: (310)533-1853 http://www.mpsind.com email: sales@mpsind.com rj-45 10/100 base-tx jack with magnetic module 2463 208th, ste. 205 torrance, ca 90501 phone: (310)533-1455 fax: (310)533-1853 http://www.mpsind.com email: sales@mpsind.com n5110 N5120 n5130 1ct:1ct 1ct:1ct 6 2 3 1 4 5 7 8 2 1 3 4 6 7 8 75 x4 rj45 shield 1000pf, 2kv td+ td- rd+ rct rd- tct rx- rx+ tx- tx+ 1ct:1ct 1ct:1ct 3 1 6 2 4 5 7 8 1 3 6 5 4 2 8 75 x4 rj45 1000pf, 2kv td+ td- rd+ rct rd- tct rx- rx+ tx- tx+ 1ct:1ct 1ct:1ct 6 2 3 1 4 5 7 8 4 2 7 8 75 x8 rj45 1000pf, 2kv rd+ rct rd- rx- rx+ tx- tx+ 3 tct 6 rd+ rd- shield schematics:


▲Up To Search▲   

 
Price & Availability of N5120

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X