Part Number Hot Search : 
SOC100X SCC21520 T6450A HER504 R5031018 2SA1037 75M12 2106A
Product Description
Full Text Search
 

To Download N2B-CSS-TU1-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  07/07/2011 v8.0 1 features: > super high brightness surface mount led. > high flux output. > 120 viewing angle. > compact package outline (lxwxh) of 6.0 x 6.0 x 1.5mm. > ultra low height profile - 1.5 mm. > designed for high current drive; typically 50 ma. > low thermal resistance; rth (js) = 20 k/w. > qualified according to jedec moisture sensitivity level 2. > compatible to ir reflow soldering. > environmental friendly; rohs compliance. spnova tm featuring a staggering brilliance and significant flux output, the spnova? showcases the latest technological advent in this range. with its extremely high level of brightness and the ultra low high profile, which is only 1.5 mm are highly suitable for both conventional lighting and specialized application such as auto - motive signal lights, traffic lights, channel lights, tube lights and garden lights among others. data sheet: spnova tm ingan : 50ma ? 2005 spnova is a trademark of dominant opto technologiess. all rights reserved. product specifcations are subject to change without notice. applications: > automotive: exterior applications, eg: center high mounted stop light (chmsl), rear combination lights (rcls), signal lightting, fog-lamp, etc. > industrial: white goods (eg: oven, microwave, etc.). > lighting: architecture lighting, general lighting, garden light, channel light. dominant opto technologies innovating illumination tm
07/07/2011 v8.0 2 N2B-CSS-TU1-1 n2t-css-wx1-1 blue, 470nm true green, 525nm 120 120 spnova ingan : 50ma part ordering number color viewing angle? luminous intensity @ 50ma (mcd) note 1. luminous intensity is measured with an accuracy of 11%. 2. wavelength binning is carried for all units as per the wavelength-binning table. only one wavelength group is allowed for each reel. vr @ ir = 10 a electrical characteristics at tj=25 0 c vf @ if = 50 ma 3.8 3.9 5 5 forward voltage, vf is measured with an accuracy of 0.1 v. part number typ. (v) max. (v) min. (v) n2b-css n2t-css 4.2 4.2 unit absolute maximum ratings maximum value dc forward current peak pulse current; (tp 10s, duty cycle = 0.005) reverse voltage esd threshold (hbm) led junction temperature operating temperature storage temperature power dissipation 50 200 5 2000 125 -40 +100 -40 +100 250 ma ma v v ?c ?c ?c mw dominant opto technologies innovating illumination tm optical characteristics at tj=25?c 285.0 1125.0 min. typ. max. 560.0 2240.0 360.0 1400.0
07/07/2011 v8.0 3 spnova ingan : 50ma wavelength grouping group color n2b; blue n2t; true green full w x y full w x y z 464 - 476 464 - 468 468 - 472 472 - 476 520 - 536 520 - 524 524 - 528 528 - 532 532 - 536 wavelength distribution (nm) dominant wavelength is measured with an accuracy of 1 nm. dominant opto technologies innovating illumination tm t1 t2 u1 w1 w2 x1 285.0...355.0 355.0...450.0 450.0...560.0 1125.0...1400.0 1400.0...1800.0 1800.0...2240.0 brightness group luminous intensity (mcd) luminous intensity group at tj=25?c luminous fux is measured with an accuracy of 11%.
07/07/2011 v8.0 4 spnova ingan : 50ma relative luminous intensity vs forward current forward current, ma relative intensity, normalized at 50ma 0 20 40 60 80 100 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 relative luminous flux vs forward current forward current, ma relative luminous flux, normalized at 50ma 0 20 40 60 80 100 0 0.2 0.4 0.6 0.8 1 1.2 1.4 forward current vs forward voltage forward voltage, v forward current, ma 1.5 2 2.5 3 3.5 4 4.5 5 0 10 20 30 40 50 60 70 80 dominant wavelength shift vs forward current forward current, ma dominant wavelength shift, nm 0 20 40 60 80 -6 -5 -4 -3 -2 -1 0 1 2 3 4 5 6 7 8 dominant wavelength shift vs forward current forward current, ma dominant wavelength shift, nm 0 20 40 60 80 -1.5 -1 -0.5 0 0.5 1 1.5 radiation pattern 0. 2 70 90 80 0 60 50 40 30 20 0. 6 0. 4 1. 0 0. 8 10 0 true green blue relative flux; normalized at 50ma dominant opto technologies innovating illumination tm
spnova tm ? ingan : 50ma package outlines spnova ingan : 50ma 07/07/2011 v8.0 5 dominant opto technologies innovating illumination tm material material lead-frame package encapsulant soldering leads cu alloy with ag plating high temperature resistant plastic, ppa epoxy sn plating
07/07/2011 v8.0 6 spnova ingan : 50ma recommended solder pad dominant opto technologies innovating illumination tm
07/07/2011 v8.0 7 taping and orientation ? reels come in quantity of 2000 units. ? reel diameter is 330 mm. spnova ingan : 50ma dominant opto technologies innovating illumination tm
07/07/2011 v8.0 8 packaging specifcation spnova ingan : 50ma dominant opto technologies innovating illumination tm
07/07/2011 v8.0 9 packaging specifcation average 1pc sp nova 1 completed bag (2000pcs) 0.034 190 10 weight (gram) cardboard box dimensions (mm) empty box weight (kg) 416 x 516 x 476 20 reels max large for sp nova tm reel / box quantity / box (pcs) cardboard box size 1.74 40,000 max weight (gram) 0.188 800 10 spnova ingan : 50ma dominant tm dominant opto technologies innovating illumination tm d/c: date code s/n : serial no group : group qty : product quantity per reel part no : partno lot no : lotno moisture sensitivity level moisture absorbent material + moisture indicator the reel, moisture absorbent material and moisture indicator are sealed inside the moisture proof foil bag reel barcode label dominant rohs compliant pb free label
07/07/2011 v8.0 10 recommended sn-pb ir-refow soldering profle 275 250 225 200 175 150 125 100 75 50 25 0 50 100 150 200 183?c ramp-up 3?c/sec max. 235-240?c 10-30s 60-150s ramp- down 6?c/sec max. preheat 60-120s 360s max time (sec) temperature (?c) classifcation refow profle (jedec j-std-020c) 0 50 100 150 200 300 250 225 200 175 150 125 100 75 50 25 275 temperature (?c) classifcation refow profle (jedec j-std-020c) ramp-up 3?c/sec max. 255-260?c 10-30s 60-150s ramp- down 6?c/sec max. preheat 60-180s 480s max 217?c recommended pb-free soldering profle spnova ingan : 50ma dominant opto technologies innovating illumination tm
revision history note all the information contained in this document is considered to be reliable at the time of publishing. however, dominant opto technologies does not assume any liability arising out of the application or use of any product described herein. dominant opto technologies reserves the right to make changes to any products in order to improve reliability, function or design. dominant opto technologies products are not authorized for use as critical components in life support devices or systems without the express written approval from the managing director of dominant opto technologies . page - - - subjects new format update company name correction on spnova date of modifcation 27 nov 2006 05 apr 2010 07 jul 2011 spnova ingan : 50ma 07/07/2011 v8.0 11 dominant opto technologies innovating illumination tm
spnovaled ingan : 50ma dominant opto technologies innovating illumination tm about us dominant opto technologies is a dynamic malaysian corporation that is among the worlds leading smt led manufacturers. an excellence C driven organization, it offers a comprehensive product range for diverse industries and applications. featuring an internationally certif ed quality assurance acclaim, dominants extra bright leds are perfectly suited for various lighting applications in the automotive, consumer and communications as well as in- dustrial sectors. with extensive industry experience and relentless pursuit of innovation, dominants state-of-art manufacturing, research and testing capabilities have become a trusted and reliable brand across the globe. more information about dominant opto technologies can be found on the internet at http://www.dominant-semi.com. dominant opto technologies innovating illumination tm please contact us for more information: head quarter dominant opto technologies sdn. bhd. lot 6, batu berendam, ftz phase iii, 75350 melaka, malaysia tel: (606) 283 3566 fax: (606) 283 0566 e-mail: sales@dominant-semi.com dominant opto technologies sdn. bhd. shanghai representative office room 305, no 1600 zhong shan road (w), shanghai, 200235 p. r. china tel: +86 21 6428 6428 fax: +86 21 6428 6880 e-mail: sales_china@dominant-semi.com dominant korea sales office dominant semiconductors korea inc. rm 211 sunteak city apt. 513-15 sangdaewon-dong, jungwon-gu, seongnam-si, gyeonggi-do, 462-725, korea tel: +82-31-701-5203 fax: +82-31-701-5204 e-mail: sales_korea@dominant-semi.com dominant u.s.a sales office 25 rockaway road, 08833 lebanon, new jersey, usa tel: (908) 439-9930 cell: (908) 343-5810 fax: (908) 439-9929 e-mail: don.wendel@dominant-semi.com dominant europe sales office dominant semiconductors europe gmbh raiffeisenstr. 38, 74906 bad rappenau germany tel: +49 (0) 7264-89010-10 / +49 (0) 7264-89010-11 cell: +49 173-6907370 / +49 173-6907751 fax: +49 (0) 7264-89010-29 e-mail: gerd.wachno@dominant-semi.eu; hartmut.wettengl@dominant-semi.eu dominant india sales office c-11,vasanth business centre #86, ttk road, alwarpet chennai - 600 018, india tel: 91-44-42030616 / 516 cell: 91-9444920537 fax: 91-9444920616 e-mail: pravat.behera@dominant-semi.com


▲Up To Search▲   

 
Price & Availability of N2B-CSS-TU1-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X