Part Number Hot Search : 
DHE4AB AME88 M18GXYPQ 19371251 620TG SS4R7 SS4R7 4042B
Product Description
Full Text Search
 

To Download MN101C74 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mad00048gem MN101C74 series type MN101C74f MN101C74g mn101cf74g internal rom type mask rom flash rom (byte) 96k 128k ram (byte) 6k package (lead-free) lqfp100-p-1414, mlga100-l-1010, qfp100-p-1818b minimum instruction execution time 0.1 s (at 3.0 v to 3.6 v, 10 mhz) 0.235 s (at 1.8 v to 3.6 v, 4.25 mhz)* 62.5 s (at 1.8 v to 3.6 v, 32 khz)* *: the lower limit for operation guarantee for flash memory built-in type is 2.2 v. ? interrupts reset. watchdog. external 0 to 5. external 6 (key interrupt dedicated). timer 0 to 3 . timer 6 . timer 7 (2 systems). timer 8 (2 systems). time base. serial 0 (2 systems). serial 1 (2 systems). serial 3. serial 4 . a/d conversion ?nish. automatic transfer ?nish ? timer counter 8-bit timer 5 timer 0 .................. square-wave/8-bit pwm output. event count. remote control carrier output. simple pulse width measurement. added pulse (2 -bit) type pwm output. square-wave/pwm output to large current terminal pc3 possible timer 1 .................. square-wave output. event count. synchronous output event timer 2 .................. square-wave output. added pulse ( 2-bit) type pwm output. pwm output. serial transfer clock output. event count. synchronous output event. simple pulse width measurement. square-wave/pwm output to lar ge current terminal pc5 possible timer 3 .................. square-wave output. event count. serial transfer clock output timer 6 .................. 8-bit freerun timer timer 0, 1 can be cascade-connected timer 2, 3 can be cascade-connected 16-bit timer 2 timer 7 .................. square-wave output. 16-bit pwm output (cycle/duty continuous variable). event count. synchronous output event. pulse width measurement. input capture. real time output control. high performance igbt output. square- wave/pwm output to large current terminal pc 4 possible timer 8 .................. square-wave/16-bit pwm output (duty continuous variable). event count. pulse width measurement. input capture. square-wave/pwm output to large current terminal pc 6 possible timer 7, 8 can be cascade-connected: square-wave output, pwm is possible as a 32-bit timer time base timer: one-minute count setting watchdog timer 1 ? serial interface synchronous type/uart (full-duplex) 2: serial 0, 1 synchronous type/single-master i 2 c 1: serial 3 i 2 c slave 1: serial 4 serial 4 ................... i 2 c high-speed transfer mode. 7-bit/10 -bit address setting. general call ? dma controller maximum transfer cycles: 255 starting factor: external request. various types of interrupt. software transfer mode: 1 -byte transfer. word transfer. burst transfer ? i/o pins i/o 87 : common use. speci?ed pull-up resistor available. input/output selectable (bit unit) ? a/d converter 10-bit 16 channels (with s/h) ? display control function lcd: 47 segments 4 commons (static, 1/2, 1/3, or 1/4 duty) lcd power supply separated from vdd (usable if vdd vlcd 3.6 v) lcd power step-up circuit contained (3/2 times, 2 times and 3 times) lcd power shunt resistance contained ? special ports buzzer output. inverted buzzer output. remote control carrier output. high-current drive port
mad00048gem MN101C74f, MN101C74g, mn101cf74g ? rom correction correcting address designation: up to 7 addresses possible ? electrical charactreistics (supply current) parameter symbol condition limit unit min typ max operating supply current idd1 fosc = 4 mhz. vdd = 3 v 1.1 1.9 ma idd2 fx = 32 khz. vdd = 3 v 6 20 a supply current at halt idd3 fx = 32 khz. vdd = 3 v. ta = 25 c 3 6 a idd4 fx = 32 khz. vdd = 3 v. ta = -40 c to +85 c 13 a supply current at stop idd5 vdd = 3 v. ta = 25 c 2 a idd6 vdd = 3 v. ta = -40 c to +85 c 10 a ? pin assignment qfp100-p-1818b, lqfp100-p-1414, mlga100-l-1010 com0, p9 0 com1, p9 1 com2, p9 2 com3, p9 3 vlc3, p9 4 vlc2 vlc1 c2 c1, rxd0b, sbi0b, led0, pc0 txd0b, sbo0b, led1, pc1 sbt0b, led2, pc 2 tm0o, led3, pc 3 tm7o, led4, pc 4 tm2o, led5, pc 5 tm8o, led6, pc 6 vs s osc1 osc2 vd d xi xo mmod nrst , p2 7 dmod vref+ p22, irq2 p21, acz1, irq1 p20, irq0 p15, tm8i o p14, tm7i o p13, tm3i o p12, tm2i o p1 1, tm1i o p10, tm0io, rmou t pb7, an15, sbi1, rxd1 pb6, an14, sbo1, txd 1 pb5, an13, sbt1 pb4, an12, sbi0a, rxd0 a pb3, an1 1, sbo0a, txd0 a pb2, an10, sbt0 a pb1, an9, scl4 a pb0, an8, sda4 a pa 7, an7, sbi3 a pa 6, an6, sbo3a, sda3a pa 5, an5, sbt3a, scl3 a pa 4, an 4 pa 3, an 3 pa 2, an 2 pa 1, an 1 pa 0, an 0 p56, seg25, a6 p55, seg26, a5 p54, seg27, a4 p53, seg28, a3 p52, seg29, a2 p51, seg30, a1 p50, seg31, a0 p47, seg32, d7, key7, sdo 7 p46, seg33, d6, key6, sdo 6 p45, seg34, d5, key5, sdo 5 p44, seg35, d4, key4, sdo 4 p43, seg36, d3, key3, sdo 3 p42, seg37, d2, key2, sdo 2 p41, seg38, d1, key1, sdo 1 p40, seg39, d0, key0, sdo 0 p06, seg40, nre p05, seg41, nwe p04, seg42, ncs, sbi3b p03, seg43, ndk, sbo3b, sda3b p02, seg44, sysclk, sbt3b, scl3b p01, seg45, nbuzzer, scl4b p00, seg46, buzzer, sda4b p25, irq 5 p24, irq 4 p23, irq 3 a7, seg24, p5 7 a8, seg23, p6 0 a9, seg22, p6 1 a10, seg21, p6 2 a1 1, seg20, p6 3 a12, seg19, p6 4 a13, seg18, p6 5 a14, seg17, p6 6 a15, seg16, p6 7 a16, seg15, p7 0 a17, seg14, p7 1 seg13, p7 2 seg12, p7 3 seg1 1, p7 4 seg10, p7 5 seg9, p7 6 seg8, p7 7 seg7, p8 0 seg6, p8 1 seg5, p8 2 seg4, p8 3 seg3, p8 4 seg2, p8 5 seg1, p8 6 seg0, p8 7 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100
request for your special attention and precautions in using the technical information and semiconductors described in this book (1) if any of the products or technical information described in this book is to be exported or provided to non-residents, the laws and regulations of the exporting country, especially, those with regard to security export control, must be observed. (2) the technical information described in this book is intended only to show the main characteristics and application circuit examples of the products. no license is granted in and to any intellectual property right or other right owned by panasonic corporation or any other company. therefore, no responsibility is assumed by our company as to the infringement upon any such right owned by any other company which may arise as a result of the use of technical information described in this book. (3) the products described in this book are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). consult our sales staff in advance for information on the following applications: ? special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the prod- ucts may directly jeopardize life or harm the human body. ? any applications other than the standard applications intended. (4) the products and product specifications described in this book are subject to change without notice for modification and/or im- provement. at the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date product standards in advance to make sure that the latest specifications satisfy your requirements. (5) when designing your equipment, comply with the range of absolute maximum rating and the guaranteed operating conditions (operating power supply voltage and operating environment etc.). especially, please be careful not to exceed the range of absolute maximum rating on the transient state, such as power-on, power-off and mode-switching. otherwise, we will not be liable for any defect which may arise later in your equipment. even when the products are used within the guaranteed values, take into the consideration of incidence of break down and failure mode, possible to occur to semiconductor products. measures on the systems such as redundant design, arresting the spread of fire or preventing glitch are recommended in order to prevent physical injury, fire, social damages, for example, by using the products. (6) comply with the instructions for use in order to prevent breakdown and characteristics change due to external factors (esd, eos, thermal stress and mechanical stress) at the time of handling, mounting or at customer's process. when using products for which damp-proof packing is required, satisfy the conditions, such as shelf life and the elapsed time since first opening the packages. (7) this book may be not reprinted or reproduced whether wholly or partially, without the prior written permission of our company. 20080805


▲Up To Search▲   

 
Price & Availability of MN101C74

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X