Part Number Hot Search : 
ISD2564X C847A ISD2564X MAX7415 BZW03D33 5Q1265 500000 2SD2098Q
Product Description
Full Text Search
 

To Download MMBT2222AT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds30268 rev. 4 - 2 1 of 4 MMBT2222AT www.diodes.com  diodes incorporated MMBT2222AT npn small signal surface mount transistor  epitaxial planar die construction  complementary pnp type available (mmbt2907at)  ultra-small surface mount package  also available in lead free version characteristic symbol MMBT2222AT unit collector-base voltage v cbo 75 v collector-emitter voltage v ceo 40 v emitter-base voltage v ebo 6.0 v collector current - continuous i c 600 ma power dissipation (note 1) p d 150 mw thermal resistance, junction to ambient (note 1) r  ja 833 c/w operating and storage and temperature range t j ,t stg -55 to +150  c features maximum ratings @ t a = 25  c unless otherwise specified a m j l d b c h k g top view c e b n mechanical data  case: sot-523, molded plastic  case material - ul flammability rating 94v-0  moisture sensitivity: level 1 per j-std-020a  terminals: solderable per mil-std-202, method 208  also available in lead free plating (matte tin finish). please see ordering information, note 4, on page 2  terminal connections: see diagram  marking (see page 2): 1p  ordering & date code information, see page 2  weight: 0.002 grams (approx.) sot-523 dim min max typ a 0.15 0.30 0.22 b 0.75 0.85 0.80 c 1.45 1.75 1.60 d  0.50 g 0.90 1.10 1.00 h 1.50 1.70 1.60 j 0.00 0.10 0.05 k 0.60 0.80 0.75 l 0.10 0.30 0.22 m 0.10 0.20 0.12 n 0.45 0.65 0.50  0  8  all dimensions in mm notes: 1. device mounted on fr-4 pcb, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on diodes inc. suggested pad layout document ap02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. e b c
ds30268 rev. 4 - 2 2 of 4 MMBT2222AT www.diodes.com electrical characteristics @ t a = 25  c unless otherwise specified characteristic symbol min max unit test condition off characteristics (note 2) collector-base breakdown voltage v (br)cbo 75  v i c = 10  a, i e = 0 collector-emitter breakdown voltage v (br)ceo 40  v i c = 10ma, i b = 0 emitter-base breakdown voltage v (br)ebo 6.0  v i e = 10  a, i c = 0 collector cutoff current i cex  10 na v ce = 60v, v eb(off) = 3.0v base cutoff current i bl  20 na v ce = 60v, v eb(off) = 3.0v on characteristics (note 2) dc current gain h fe 35 50 75 100 40       i c = 100  a, v ce = 10v i c = 1.0ma, v ce = 10v i c = 10ma, v ce = 10v i c = 150ma, v ce = 10v i c = 500ma, v ce = 10v collector-emitter saturation voltage v ce(sat)  0.3 1.0 v i c = 150ma, i b = 15ma i c = 500ma, i b = 50ma base-emitter saturation voltage v be(sat) 0.6  1.2 2.0 v i c = 150ma, i b = 15ma i c = 500ma, i b = 50ma small signal characteristics output capacitance c obo  8pf v cb = 10v, f = 1.0mhz, i e = 0 input capacitance c ibo ?30pf v eb = 0.5v, f = 1.0mhz, i c = 0 current gain-bandwidth product f t 300  mhz v ce = 20v, i c = 20ma, f = 100mhz input impedance h ie 0.25 1.25 k  v ce = 10 vdc, i c = 10 madc, f = 1.0khz voltage feedback ratio h re  4.0 x 10 -4 v ce = 10 vdc, i c = 10 madc, f = 1.0khz small-signal current gain h fe 75 375  v ce = 10 vdc, i c = 10 madc, f = 1.0khz output admittance h oe 25 200  s v ce = 10 vdc, i c = 10 madc, f = 1.0khz noise figure nf  4.0 db v ce = 10 vdc, i c = 100  adc, r s = 1.0 k ohms, f = 1.0khz switching characteristics delay time t d  10 ns v cc = 30v, i c = 150ma, v be(off) = - 0.5v, i b1 = 15ma rise time t r  25 ns storage time t s  225 ns v cc = 30v, i c = 150ma, i b1 = i b2 = 15ma fall time t f  60 ns notes: 2. short duration test pulse used to minimize self-heating effect. 3. for packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. 4. for lead free version (with lead free terminal finish) part number, please add "-f" suffix to part number above. example: MMBT2222AT-7-f. device packaging shipping MMBT2222AT-7 sot-523 3000/tape & reel (note 3) ordering information month jan feb march apr may jun jul aug sep oct nov dec code 1234567 89 o nd date code key 1p = product type marking code ym = date code marking y = year (ex: n = 2002) m = month (ex: 9 = september) 1pym marking information year 1998 1999 2000 2001 2002 2003 2004 2005 2006 2007 2008 2009 code jklmnpr st u vw
ds30268 rev. 4 - 2 3 of 4 MMBT2222AT www.diodes.com 1 10 1000 100 0.1 1 10 1000 100 h , dc current gain fe i , collector current (ma) c fig. 2 typical dc current gain vs collector current t = -25c a t = +25c a t = 125c a v = 1.0v ce 0 100 150 50 200 2 5 0 0100200 p , power dissipation (mw) d t , ambient temperature (c) a fi g . 1, power deratin g curve (see note 1) 0.001 0.01 1 10 0.1 100 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2 . 0 i , base current (ma) b fi g .4 t y pical collector saturation re g ion v , collector-emitter voltage (v) ce i= 1ma c i= 10ma c i= 30ma c i = 100ma c i = 300ma c 1.0 5.0 20 10 30 0.1 10 1.0 50 capacitance (pf) reverse volts (v) fi g .3 t y pical capacitance cobo cibo 1 10 100 1000 v , collector to emitter ce(sat) saturation voltage (v) i , collector current (ma) c fig. 5 collector emitter saturation voltage vs. collector current t = 25c a t = -50c a t = 150c a 0 0.1 0.2 0.3 0.4 0 .5 i c i b =10 1 0.1 10 100 v , base emitter voltage (v) be(on) i , collector current (ma) c fi g . 6 base emitter volta g e vs. collector current 0.2 0.3 0.4 0.6 0.5 0.8 0.7 1 . 0 0.9 v= 5v ce t= 25c a t= -50c a t = 150c a
ds30268 rev. 4 - 2 4 of 4 MMBT2222AT www.diodes.com 1 10 100 1000 1 10 100 i , collector current (ma) c fi g . 7 gain bandwidth p roduct vs. collector current f , gain bandwidth product (mhz) t v= 5v ce


▲Up To Search▲   

 
Price & Availability of MMBT2222AT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X