Part Number Hot Search : 
11N50 FS511 1602B1 1N5401 7MBP30 ST25VF MC14560 SE9050
Product Description
Full Text Search
 

To Download MMBD4448 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features fast switching speed surface mount package ideally suited for automatic insertion for general purpose switching applications polarity: see diagram marking: ka3 maximum ratings @ 25 o c unless otherwise specified characteristic symbol value unit non-repetitive peak reverse volt. v rm 100 v peak repetitive reverse voltage v rrm working peak reverse voltage v rwm 75 v dc blocking voltage v r rms reverse voltage v r(rms) 53 v forward continuous current(note1) i fm 500 ma average rectified output current io 250 ma non-repetitive peak @ t<=1.0s i fsm 2a forward surge current @ t=1.0us 4 a power dissipation(note 1) pd 350 mw thermal resistance(note 1) r 357 k/w operation/storage temp. range tj, t stg -55 to +150 o c electrical characteristics @ 25 o c unless otherwise specified charateristic symbol min max unit test cond. 0.62 0.72 i f =5.0ma maximum forward v fm ----- 0.855 v i f =10ma voltage drop 1 i f =100ma 1.25 i f =150ma 2.5 ua v r =75v maximum peak i rm ----- 50 ua v r =75v tj=150 o c reverse current 30 ua v r =25v t j =150 o c 25 na v r =20v junction capacitance cj ----- 4 pf v r =0v, f=1.0mhz reverse recovery time t rr ----- 4 ns note : 1. valid provided that terminals are kept at ambient temperature MMBD4448 switching diode 350mw www. mccsemi .com sot-23 suggested solder pad layout dimensions inches mm dim min max min max note a .110 .120 2.80 3.04 b .083 .098 2.10 2.64 c .047 .055 1.20 1.40 d .035 .041 .89 1.03 e .070 .081 1.78 2.05 f .018 .024 .45 .60 g .0005 .0039 .013 .100 h .035 .044 .89 1.12 j .003 .007 .085 .180 k .015 .020 .37 .51 a b c d e f g h j .079 2.000 inches mm .031 .800 .035 .900 .037 .950 .037 .950 2. trr test condition: if=ir=10ma, irr=0.1*ir, r=100 ohm  
 omp onents 20736 marilla street chatsworth       
     mcc revision: a 2011 /01/01 tm micro commercial components surface mount 1 of 4 rohs compliant. see ordering information) epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1 lead free finish/rohs compliant ("p"suffix designates mechanical data
MMBD4448 admissable power dissipation - milliwatts versus ambient temperature - versus reverse voltage - volts instantaneous forward current - amperes versus instantaneous forward voltage - volts figure 1 typical forward characteristics 40 60 200 100 milliamps .4 .6 .8 1.0 1.2 1.4 .1 .2 .4 .6 1 2 4 6 10 20 25
MMBD4448 1 100 4 0 0.4 0.8 1.2 8 figure 5 peak forward surge current peak forward surge current - amperes versus number of cycles at 60hz - cycles amps cycles 2 6 10 20 60 80 40 1.6 2.0 2.4 figure 4 typical reverse characteristics instantaneous reverse leakage current - nanoamperes versus junction temperature -
mcc revision: a 2011 /01/01 tm micro commercial components www. mccsemi .com 4 of 4 device packing part number-tp tape&reel: 3 kpcs/reel ordering information : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s.


▲Up To Search▲   

 
Price & Availability of MMBD4448

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X