Part Number Hot Search : 
1212D 05241 DNCM00 MMSZ4684 R2500 GF1060C 15X24X7 MC3336
Product Description
Full Text Search
 

To Download MC74LVXC3245DWR2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2005 march, 2005 ? rev. 4 1 publication order number: mc74lvxc3245/d mc74lvxc3245 configurable dual supply octal transceiver with 3?state outputs for 3 v systems the 74lvxc3245 is a 24?pin dual?supply, octal configurable voltage interface transceiver especially well suited for pcmcia and other real time configurable i/o applications. the v cca pin accepts a 3.0 v supply level; the a port is a dedicated 3.0 v port. the v ccb pin accepts a 3.0 v?to?5.0 v supply level. the b port is configured to track the v ccb supply level. a 5.0 v level on the v ccb pin will configure the i/o pins at a 5.0 v level and a 3.0 v v ccb will configure the i/o pins at a 3.0 v level. the a port interfaces with a 3.0 v host system and the b port to the card slots. this device will allow the v ccb voltage source pin and i/o pins on the b port to float when oe is high. this feature is necessary to buffer data to and from a pcmcia socket that permits pcmcia cards to be inserted and removed during normal operation. the transmit/receive (t/r ) input determines the direction of data flow. transmit (active?high) enables data from the a port to b port. receive (active?low) enables data from the b port to the a port. features ? bidirectional interface between 3.0 v and 3.0 v/5.0 v buses ? control inputs compatible with ttl level ? outputs source/sink up to 24 ma ? guaranteed simultaneous switching noise level and dynamic threshold performance ? available in soic and tssop packages ? flexible v ccb operating range ? allows b port and v ccb to float simultaneously when oe is high ? functionally compatible with the 74 series 245 ? pb?free packages are available* *for additional information on our pb?free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. http://onsemi.com marking diagrams soic?24 dw suffix case 751e see detailed ordering and shipping information in the package dimensions section on page 5 of this data sheet. ordering information 1 24 lvxc3245 awlyyww a = assembly location wl = wafer lot yy = year ww = work week lvx 3245 awlyyww 1 24 1 24 1 24 tssop?24 dt suffix case 948h
mc74lvxc3245 http://onsemi.com 2 b0 oe 22 t/r 2 a0 b1 a1 b2 a2 b3 a3 b4 a4 b5 a5 b6 a6 b7 a7 3 4 5 6 7 8 9 10 21 20 19 18 17 16 15 14 figure 1. 24?lead pinout (top view) 23 24 22 21 20 19 18 2 1 34567 v ccb 17 8 16 9 15 10 nc oe b0 b1 b2 b3 b4 b5 b6 v cca t/r a0 a1 a2 a3 a4 a5 a6 a7 14 11 13 12 b7 gnd gnd gnd figure 2. logic diagram pin names function output enable input transmit/receive input side a 3?state inputs or 3?state outputs side b 3?state inputs or 3?state outputs pins oe t/r a0?a7 b0?b7 inputs operating mode oe t/r o peratin g m o de non?inverting l l b data to a bus l h a data to b bus h x z h = high voltage level; l = low v oltage level; z = high impedance state; x = high or low voltage level and transitions are acceptable; for i cc reasons, do not float inputs
mc74lvxc3245 http://onsemi.com 3 maximum ratings symbol parameter value condition unit v cca , v ccb dc supply voltage ?0.5 to +7.0 v v i dc input voltage oe , t/r ?0.5 to v cca +0.5 v v i/o dc input/output voltage an ?0.5 to v cca +0.5 v bn ?0.5 to v ccb +0.5 v i ik dc input diode current oe , t/r 20 v i < gnd ma i ok dc output diode current 50 v o < gnd; v o > v cc ma i o dc output source/sink current 50 ma i cc , i gnd dc supply current per output pin maximum current 50 200 ma t stg storage temperature range ?65 to +150 c dc latchup source/sink current 300 ma maximum ratings are those values beyond which device damage can occur. maximum ratings applied to the device are individual str ess limit values (not normal operating conditions) and are not valid simultaneously. if these limits are exceeded, device functional operation i s not implied, damage may occur and reliability may be affected. recommended operating conditions symbol parameter min max unit v cca , v ccb supply voltage (v cca v ccb )v cca v ccb 2.3 3.0 3.6 5.5 v v i input voltage oe , t/r 0 v cca v v i/o input/output voltage an bn 0 0 v cca v ccb v t a operating free?air temperature ?40 +85 c  t/  v minimum input edge rate v in from 30% to 70% of v cc ; v cc at 3.0 v, 4.5 v, 5.5 v 0 8 ns/v dc electrical characteristics t a = 25 c t a = ?40 to +85 c symbol parameter condition v cca v ccb typ guaranteed limits unit v iha minimum high level input voltage an oe t/r v out 0.1 v or 2.3 3.0 3.6 3.0 3.6 5.5 2.0 2.0 2.0 2.0 2.0 2.0 v v ihb bn or v cc ? 0.1 v 2.3 3.0 3.6 3.0 3.6 5.5 2.00 2.00 3.85 2.00 2.00 3.85 v v ila maximum low level input voltage an oe t/r v out 0.1 v or 2.3 3.0 3.6 3.0 3.6 5.5 0.8 0.8 0.8 0.8 0.8 0.8 v v ilb bn or v cc ? 0.1 v 2.3 3.0 3.6 3.0 3.6 5.5 0.80 0.80 1.65 0.80 0.80 1.65 v v oha minimum high level output voltage i out = ?100  a i oh = ?12 ma i oh = ?24 ma i oh = ?12 ma i oh = ?24 ma 3.0 3.0 3.0 2.3 2.3 3.0 3.0 3.0 3.0 4.5 2.99 2.85 2.65 2.50 2.30 2.90 2.56 2.35 2.30 2.10 2.90 2.46 2.25 2.20 2.00 v v ohb i out = ?100  a i oh = ?12 ma i oh = ?24 ma i oh = ?24 ma 3.0 3.0 3.0 3.0 3.0 3.0 3.0 4.5 2.99 2.85 2.65 4.25 2.90 2.56 2.35 3.86 2.90 2.46 2.25 3.76 v
mc74lvxc3245 http://onsemi.com 4 dc electrical characteristics t a = ?40 to +85 c t a = 25 c symbol unit guaranteed limits typ v ccb v cca condition parameter v ola maximum low level output voltage i out = 100  a i ol = 24 ma i ol = 12 ma i ol = 24 ma 3.0 3.0 2.7 2.7 3.0 3.0 3.0 4.5 0.002 0.21 0.11 0.22 0.10 0.36 0.36 0.42 0.10 0.44 0.44 0.50 v v olb i out = 100  a i ol = 24 ma i ol = 24 ma 3.0 3.0 3.0 3.0 3.0 4.5 0.002 0.21 0.18 0.10 0.36 0.36 0.10 0.44 0.44 v i in max input leakage current oe , t/r v i = v cca , gnd 3.6 3.6 3.6 5.5 0.1 0.1 1.0 1.0  a i oza max 3?state output leakage an v i = v ih , v il oe = v cca v o = v cca , gnd 3.6 3.6 3.6 5.5 0.5 0.5 5.0 5.0  a i ozb max 3?state output leakage bn v i = v ih , v il oe = v cca v o = v ccb , gnd 3.6 3.6 3.6 5.5 0.5 0.5 5.0 5.0  a  i cc maximum i cc /input bn v i = v ccb ?2.1 v 3.6 5.5 1.0 1.35 1.5 ma all inputs v i = v cc ?0.6 v 3.6 3.6 0.35 0.5 ma i cca1 quiescent v cca sup- ply current as b port floats an = v cca or gnd bn = open, oe = v cca , t/r = v cca , v ccb = open 3.6 open 5 50  a i cca2 quiescent v cca sup- ply current an = v cca or gnd bn = v ccb or gnd, oe = gnd, t/r = gnd 3.6 3.6 3.6 5.5 5 5 50 50  a i ccb quiescent v ccb sup- ply current an = v cca or gnd bn = v ccb or gnd, oe = gnd, t/r = v cca 3.6 3.6 3.6 5.5 5 8 50 80  a v olpa quiet output max dynamic v ol notes 1, 2 3.3 3.3 3.3 5.0 0.8 0.8 v v olpb notes 1, 2 3.3 3.3 3.3 5.0 0.8 1.5 v v olva quiet output min dynamic v ol notes 1, 2 3.3 3.3 3.3 5.0 ?0.8 ?0.8 v v olvb notes 1, 2 3.3 3.3 3.3 5.0 ?0.8 ?1.2 v v ihda min high level dynamic input voltage notes 1, 3 3.3 3.3 3.3 5.0 2.0 2.0 v v ihdb notes 1, 3 3.3 3.3 3.3 5.0 2.0 3.5 v v ilda max low level dynamic input voltage notes 1, 3 3.3 3.3 3.3 5.0 0.8 0.8 v v ildb notes 1, 3 3.3 3.3 3.3 5.0 0.8 1.5 v 1. worst case package. 2. max number of outputs defined as (n). data inputs are driven 0 v to v cc level; one output at gnd. 3. max number of data inputs (n) switching. (n?1) inputs switching 0 v to v cc level. input under test switching: v cc level to threshold (v ihd ), 0 v to threshold (v ild ), f = 1 mhz.
mc74lvxc3245 http://onsemi.com 5 ac electrical characteristics t a = ?40 to +85 c; c l = 50 pf v cca = 2.7?3.6 v v ccb = 4.5?5.5 v v cca = 2.7?3.6 v v ccb = 3.0?3.6 v symbol parameter min typ (note 4) max min typ (note 5) max unit t phl t plh propagation delay a to b 1.0 1.0 4.8 3.9 8.5 7.0 1.0 1.0 5.5 5.2 9.0 8.5 ns t phl t plh propagation delay b to a 1.0 1.0 3.8 4.3 7.0 8.0 1.0 1.0 4.4 5.1 7.5 8.0 ns t pzl t pzh output enable time oe to b 1.0 1.0 4.7 4.8 8.5 9.0 1.0 1.0 6.0 6.1 9.5 10.0 ns t pzl t pzh output enable time oe to a 1.0 1.0 5.9 5.4 10.0 9.5 1.0 1.0 6.4 5.8 10.5 9.5 ns t phz t plz output disable time oe to b 1.0 1.0 4.0 3.8 8.5 8.0 1.0 1.0 6.3 4.5 10.0 8.5 ns t phz t plz output disable time oe to a 1.0 1.0 4.6 3.1 10.0 7.0 1.0 1.0 5.2 3.4 10.0 7.0 ns t oshl t oslh output to output skew, data to output (note 6) 1.0 1.5 1.0 1.5 ns 4. typical values at v cca = 3.3 v, v ccb = 5.0 v at 25 c. 5. typical values at v cca = 3.3 v, v ccb = 3.3 v at 25 c. 6. skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same d evice. the specification applies to any outputs switching in the same direction, either high?to?low (t oshl ) or low?to?high (t oslh ); parameter guaranteed by design. capacitive characteristics symbol parameter condition typical unit c in input capacitance v cca = 3.3 v; v ccb = 5.0 v 4.5 pf c i/o input/output capacitance v cca = 3.3 v; v ccb = 5.0 v 10 pf c pd power dissipation capacitance a b (measured at 10 mhz) b a v ccb = 5.0 v v cca = 3.3 v 50 40 pf ordering information device package shipping 2 MC74LVXC3245DWR2 soic?24 1000 tape & reel MC74LVXC3245DWR2g soic?24 (pb?free) 1000 tape & reel mc74lvxc3245dt tssop?24* 62 units / rail mc74lvxc3245dtr2 tssop?24* 2500 tape & reel 2for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d. *this package is inherently pb?free.
mc74lvxc3245 http://onsemi.com 6 figure 3. block diagram slot 0 lvxc3245 lvxc3245 slot 1 lvxc3245 lvxc3245 slot 0 slot 1 v ccb v cca optional 5 v v cc 3 v v cc power switches pcmcia 2.0 jeida 4.1 compatible controller sd(0:15) sd(0:15) isa bus (ieee p996) configurable i/o application for pcmcia cards the 74lvxc3245 is a dual?supply device well suited for pcmcia configurable i/o applications. the lvxc3245 consumes less than 1mw of quiescent power in all modes of operation, making it ideal for low power notebook designs. the lvxc3245 meets all pcmcia i/o voltage requirements at 5.0 v and 3.3 v operation. by tying the v ccb pin to the card voltage supply, the pcmcia card will always have rail?to?rail output swings, maximizing the reliability of the interface. the v cca pin must always be tied to a 3.3 v power supply. this voltage connection provides internal references needed to account for variations in v ccb . when connected as in the figure above, the lvxc3245 meets all the voltage and current requirements of the isa bus standard (ieee p996).
mc74lvxc3245 http://onsemi.com 7 waveform 1 - propagation delays t r = t f = 2.5 ns, 10% to 90%; f = 1 mhz; t w = 500 ns v cc 0 v v oh v ol an, bn bn, an t phl t plh waveform 2 - output enable and disable times t r = t f = 2.5 ns, 10% to 90%; f = 1 mhz; t w = 500 ns v cc 0 v 0 v oe , t/r an, bn t pzh v cc t phz t pzl t plz an, bn 50% v cc 50% v cc 50% v cc 50% v cc 50% v cc 50% v cc figure 4. ac waveforms 50% v cc v cc v oh - 0.3 v v ol + 0.3 v gnd 50% v cc open pulse generator r t dut v cc r l r 1 c l 2xv cc test switch t plh , t phl , t pzh , t phz open t pzl , t plz 2xv cc c l = 50 pf or equivalent (includes jig and probe capacitance) r l = r 1 = 500  or equivalent r t = z out of pulse generator (typically 50  ) figure 5. test circuit
mc74lvxc3245 http://onsemi.com 8 package dimensions soic?24 dw suffix case 751e?04 issue e notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimensions a and b do not include mold protrusion. 4. maximum mold protrusion 0.15 (0.006) per side. 5. dimension d does not include dambar protrusion. allowable dambar protrusion shall be 0.13 (0.005) total in excess of d dimension at maximum material condition. ?a? ?b? p 12x d 24x 12 13 24 1 m 0.010 (0.25) b m s a m 0.010 (0.25) b s t ?t? g 22x seating plane k c r x 45  m f j dim min max min max inches millimeters a 15.25 15.54 0.601 0.612 b 7.40 7.60 0.292 0.299 c 2.35 2.65 0.093 0.104 d 0.35 0.49 0.014 0.019 f 0.41 0.90 0.016 0.035 g 1.27 bsc 0.050 bsc j 0.23 0.32 0.009 0.013 k 0.13 0.29 0.005 0.011 m 0 8 0 8 p 10.05 10.55 0.395 0.415 r 0.25 0.75 0.010 0.029    
mc74lvxc3245 http://onsemi.com 9 package dimensions tssop?24 dt suffix case 948h?01 issue a dim min max min max inches millimeters a 7.70 7.90 0.303 0.311 b 4.30 4.50 0.169 0.177 c --- 1.20 --- 0.047 d 0.05 0.15 0.002 0.006 f 0.50 0.75 0.020 0.030 g 0.65 bsc 0.026 bsc h 0.27 0.37 0.011 0.015 j 0.09 0.20 0.004 0.008 j1 0.09 0.16 0.004 0.006 k 0.19 0.30 0.007 0.012 k1 0.19 0.25 0.007 0.010 l 6.40 bsc 0.252 bsc m 0 8 0 8 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimension a does not include mold flash, protrusions or gate burrs. mold flash or gate burrs shall not exceed 0.15 (0.006) per side. 4. dimension b does not include interlead flash or protrusion. interlead flash or protrusion shall not exceed 0.25 (0.010) per side. 5. dimension k does not include dambar protrusion. allowable dambar protrusion shall be 0.08 (0.003) total in excess of the k dimension at maximum material condition. 6. terminal numbers are shown for reference only. 7. dimension a and b are to be determined at datum plane -w-.  s u 0.15 (0.006) t 2x l/2 s u m 0.10 (0.004) v s t l ?u? seating plane 0.10 (0.004) ?t? ??? ??? section n-n detail e j j1 k k1 detail e f m -w- 0.25 (0.010) 13 24 12 1 pin 1 ident. h g a d c b s u 0.15 (0.006) t ?v? 24x ref k n n
mc74lvxc3245 http://onsemi.com 10 on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. atypicalo parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including atypicalso must be validated for each customer application by customer's technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, af filiates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800?282?9855 toll free usa/canada japan : on semiconductor, japan customer focus center 2?9?1 kamimeguro, meguro?ku, tokyo, japan 153?0051 phone : 81?3?5773?3850 mc74lvxc3245/d literature fulfillment : literature distribution center for on semiconductor p.o. box 61312, phoenix, arizona 85082?1312 usa phone : 480?829?7710 or 800?344?3860 toll free usa/canada fax : 480?829?7709 or 800?344?3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : http://onsemi.com order literature : http://www.onsemi.com/litorder for additional information, please contact your local sales representative.


▲Up To Search▲   

 
Price & Availability of MC74LVXC3245DWR2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X