Part Number Hot Search : 
8QY2ACP 74HC66 P6KE6 14516 4C44A MAA723 2L64164A 25VF04
Product Description
Full Text Search
 

To Download MBRD620CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  MBRD620CT thru mbrd660ct page: 1 frontier electronics corp. 667 e. cochran street, simi valley, ca 93065 tel: (805) 522-9998 fax: (805) 522-9989 e-mail: frontiersales@frontierusa.com web: http://www.frontierusa.com 6a dual schottky barrier rectifiers MBRD620CT thru mbrd660ct features mechanical data z extremely low vf z case: transfer molded, dpak z low stored charge, majority carrier conduction z leads: solderable per mil-std-202, method 208 z low power loss / high efficiency z polarity: as marked z ul 94v0 flame retardant epoxy molding compound z weight: 1.8 grams maximum ratings and electrical characteristics ratings at 25 c ambient temperature unless otherwise specified single phase, half wave, 60 hz, resistive or inductive load for capacitive load, derate current by 20% ratings symbol MBRD620CT mbrd 630ct mbrd640ct mbrd660ct units maximum recurrent peak reverse voltage v rrm 20 30 40 60 v maximum rms voltage v rms 14 21 28 42 v maximum dc blocking voltage v dc 20 30 40 60 v maximum average forward rectified current see fig.1 per leg i o 6.0 3.0 a peak forward surge current, 8.3ms single half sine-wave superimposed on rated load per leg i fsm 75 a typical thermal resistance junction to case at 25 per leg r jc 2.43 /w storage temperature range t stg - 55 to + 150 operating temperature range t op - 55 to + 125 electrical characteristics (a t t a =25 c unless otherwise noted) characteristics symbol MBRD620CT mbrd630ct mbrd640ct mbrd660ct units maximum forward voltage at 3a per leg v f 0.55 0.70 v maximum reverse current at 25 per leg (note 1) i r 5.0 ma maximum reverse current at 100 per leg (note 1) i r 50.0 ma notes: 1. pulse test: 300s pulse width, 1% duty cycle style 3 : pin 1. anode 2.cathode 3.anode 4.cathode inches millimeters dim min max min max a 0.235 0.250 5.97 6.35 b 0.250 0.265 6.35 6.37 c 0.086 0.094 2.19 2.38 d 0.027 0.035 0.69 0.88 e 0.033 0.040 0.84 1.01 f 0.037 0.047 0.94 1.19 g 0.180 bsc 4.58 bsc h 0.034 0.040 0.87 1.01 j 0.018 0.023 0.48 0.58 k 0.102 0.114 2.60 2.89 l 0.090 bsc 2.29 bsc r 0.175 0.215 4.45 5.46 s 0.020 0.050 0.51 1.27 u 0.020 ---- 0.51 ---- v 0.030 0.050 0.77 1.27 z 0.138 ---- 3.51 ---- 4 1 2 3 b r a k c e u j h v s f l d 2pl g z
MBRD620CT thru mbrd660ct page: 2 ratings and characteristic curves mbrd1020ct thru mbrd1040ct fig. 3 - typical reverse characteristics 100 10 1.0 0.1 0.01 instantaneous re verse current, milliamperes 0 20 40 60 80 100 120 140 percent or rated voltage peak reverse voltage t j = 100 fig. 4 - typical instantaneous forward characteristics 50 10 . 1.0 0.1 instantaneous forward current amperes 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 instantaneous forward voltage, volts t j =25 pulse width=300us 2% duty cycle fig. 2 - maximum non-repetitive surge current 100 80 60 40 20 0 peak forward surge current, amperes 1 2 5 10 20 50 100 number of cycles at 60h z t l =75 o c 8.3ms single half sine-wave jedec method fig. 1 - forward cu rrent derating curve 12.5 10 7.5 5 2.5 0 average forward current. amperes 0 50 100 150 case temperature,


▲Up To Search▲   

 
Price & Availability of MBRD620CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X