Part Number Hot Search : 
FR2KL FRS14 MAX7042 D3L60 AD9525 AP9976GP ZB6ZG52B D471N
Product Description
Full Text Search
 

To Download MB12S-MB110S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  notes: 1. high temperature solder exemption applied. mb1 s thru mb110s www.ps-pfs.com 1 mb18s~mb110s mb16s 0 to 100 volts 1amp surface mount rectifier 2 features mechanical data part number device marking maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage mb 1 2 s electrical characteristics @ 25 o c unless otherwise specified average forward current i f(av) peak forward surge current i fs m 30a 8.3m s , half s ine maximum instantaneous forward voltage maximum dc reverse current at rated dc blocking voltage i r 20ma t a = 25 t a = 100 typical thermal resistance r th ja r th jl 88 / w ( 2 ) 28 / w ( 2 ) per leg operating junction and storage temperature range t j t stg -55 to+150 mbs -1  
         .252 .275 6.40 7.00    6  2.70  .019 .031 0.50 0.80  .090 .106 2.30 2.70  .004 .008 0.10 0.20
.027 .043 0.70 1.10  .058 .062 1.47 1.57  .195 .205 4.95 5.21 notch in case b c d a f g h e + - k j m n c .150 .165 3.80 4.20 d .179 .195 4.55 4.95 0.272 max. (6.91 max.) 0.105 (2.67) 0.095 (2.41) 0.030 min. (0.76 min.) 0.023 min. (0.58 min.) mounting pad layout ? high temperature soldering guaranteed:260 c/10 second ? saves space on printed circuit board ? case material:molded plastic. ul flammability classification rating 94v-0 and msl rating 1 ? teminals: plated leads solderable per mil-std-750,method 2026 ? moisture sensitiviy:level 1 per j-std-020c 0.5m a o c o c o c o c m .039 .049 0.99 1.24 n .006 .016 0.15 0.41 ? lead free finish/rohs compliant (note 1)("p" suffix designates rohs compliant. see ordering information) ~ ~ - + case style o m b 1 2 s 20 v 1 4 v 2 0 v mb 1 4 s m b 1 4 s 40 v 28 v 40 v mb 1 6 s m b 1 6 s 6 0 v 42 v 6 0 v mb 1 8 s m b 1 8 s 80 v 56 v 80 v mb 1 10 s m b 110 s 100 v 100 v 70 v 1a mb 12s~mb14s v f 0.70v i f m = 1 a; t a = 25 o c 0.50v 0.85v o c 2 . thermal resistance form junction to ambient and from junction to lead p.c.b. mounted on 0.2*0.2"(5.0*5.0mm) copper pad areas. schottky bridge 2 under development
2 surface mount schottky bridge rectifier 1amp 0 to 100 volts 2 www.ps-pfs.com mb1 s thru mb110s 2 under development


▲Up To Search▲   

 
Price & Availability of MB12S-MB110S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X