Part Number Hot Search : 
4E400BS LVC74 L7824ABV MX18P VNB14NV AP432RA C0201 HCS166MS
Product Description
Full Text Search
 

To Download LV7150V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  72507 ti im no.a0896-1/5 LV7150V overview the LV7150V is switch for the wideband video signal. it has the two input switches by three channels. it built in the 6mhz/12mhz/30mhz-lpf. it is the best for the filter to remove the digital clock noise of the component or rgb analog video signal before the a/d converter. it can correspond to the full hd signal because it provides the fl at frequency response to 60mhz. functions ? two input switches three channels ? component and rgb signal inputs ? flat frequency response to 60mhz (bypass filter) ? 6mhz/12mhz/30mhz-lpf specifications maximum ratings at ta = 25 c parameter symbol conditions ratings unit maximum supply voltage v cc max 6 v allowable power dissipation pd max ta 75 c mounted on a specified board * 300 mw operating temperature topr -20 to +75 c storage temperature tstg -40 to +125 c note * : mounted on a specified board: 114.3mm 76.1mm 1.6mm glass epoxy ordering number : e*na0896 bi-cmos ic switch for the wideband video signal (with lpf) specifications of any and all sanyo semiconductor co.,l td. products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer ' s products or equipment. to verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer ' sproductsor equipment. any and all sanyo semiconductor co.,ltd. products described or contained herein are, with regard to "standard application", intended for the use as general el ectronics equipment (home appliances, av equipment, communication device, office equipment, industrial equ ipment etc.). the products mentioned herein shall not be intended for use for any "special application" (medica l equipment whose purpose is to sustain life, aerospace instrument, nuclear control device, burning appliances, t ransportation machine, traffic signal system, safety equipment etc.) that shall require extremely high level of re liability and can directly threaten human lives in case of failure or malfunction of the product or may cause har m to human bodies, nor shall they grant any guarantee thereof. if you should intend to use our products for app lications outside the standard applications of our customer who is considering such use and/or outside the scope of our intended standard applications, please consult with us prior to the intended use. if there is n o consultation or inquiry before the intended use, our customer shall be solely responsible for the use.
LV7150V no.a0896-2/5 recommended operating conditions at ta = 25 c parameter symbol conditions ratings unit recommended supply voltage v cc 5 v operating supply voltage range v cc opg 4.75 to 5.25 v electrical characteristics at ta = 25 c, v cc = 5.0v input signal out ratings parameter input point signal freq mag point test condition min typ max unit v cc supply current & internal reference regulator v cc supply current v3 at non-signal, the current flows to 3pin 34 42 ma regulator voltage value t16 the voltage of 16pin 2.8 3.0 3.2 v voltage gain voltage gain py,pb,pr,r,g,b py/pb/pr r/g/b t1a t2a t4a t5a t7a t8a sig2 100k 300mvpp t15 t13 t11 output gain to input, lpf- on/off is selected -0.5 -0.2 0.0 db frequency response frequency response 1 at lpf-off py/pb/pr r/g/b t1a t2a t4a t5a t7a t8a sig2 60m 100k 300mvpp t15 t13 t11 lpf-off is selected, output gain difference between 100khz and 60mhz -1.0 0.0 1.0 db frequency response 2 at 6mhz_lpf py/pb/pr r/g/b t1a t2a t4a t5a t7a t8a sig2 6m 100k 300mvpp t15 t13 t11 lpf-on is selected, output gain difference between 100khz and 6mhz -3.0 0.0 1.0 db frequency response 3 at 6mhz _lpf py/pb/pr r/g/b t1a t2a t4a t5a t7a t8a sig2 13.5m 100k 300mvpp t15 t13 t11 lpf-on is selected, output gain difference between 100khz and 13.5mhz -30.0 -20.0 db frequency response 4 at 12mhz_lpf py/pb/pr r/g/b t1a t2a t4a t5a t7a t8a sig2 12m 100k 300mvpp t15 t13 t11 lpf-on is selected, output gain difference between 100khz and 12mhz -3.0 0.0 1.0 db frequency response 5 at 12mhz_lpf py/pb/pr r/g/b t1a t2a t4a t5a t7a t8a sig2 27m 100k 300mvpp t15 t13 t11 lpf-on is selected, output gain difference between 100khz and 27mhz -30.0 -20.0 db frequency response 6 at 30mhz_lpf py/pb/pr r/g/b t1a t2a t4a t5a t7a t8a sig2 20m 100k 300mvpp t15 t13 t11 lpf-on is selected, output gain difference between 100khz and 20mhz -1.0 0.0 1.0 db frequency response 7 at 30mhz_lpf py/pb/pr r/g/b t1a t2a t4a t5a t7a t8a sig2 30m 100k 300mvpp t15 t13 t11 lpf-on is selected, output gain difference between 100khz and 30mhz -3.5 -1.0 1.5 db frequency response 8 at 30mhz_lpf py/pb/pr r/g/b t1a t2a t4a t5a t7a t8a sig2 75m 100k 300mvpp t15 t13 t11 lpf-on is selected, output gain difference between 100khz and 75mhz -45.0 -33.0 db s/n compared with s/n at 30mhz_lpf py r g b t1a t2a t4a t5a t7a t8a sig1 30m 100k 650mvpp t15 t13 t11 30mhzlpf-on is selected, s/n of the band between 100khz and 30mhz, s/n is shown with db -60.0 -50.0 db crosstalk crosstalk py/pb/pr r/g/b t1a t2a t4a t5a t7a t8a sig2 4m 700mvpp t15 t13 t11 lpf-on/off is selected, ratio at level of non-selection output and selection output -60.0 -55.0 db continued on next page.
LV7150V no.a0896-3/5 continued from preceding page. input signal out ratings parameter input point signal freq mag point test condition min typ max unit group delay group delay 1 at lpf-off py/pb/pr r/g/b t1a t2a t4a t5a t7a t8a sig2 60m 100k 300mvpp t15 t13 t11 lpf-off is selected f=60mhz/100khz 0.5 2.0 ns group delay 2 at lpf-on py/pb/pr r/g/b t1a t2a t4a t5a t7a t8a sig2 6m 100k 300mvpp t15 t13 t11 6m_lpf-on is selected f=6mhz/100khz 40.0 70.0 ns group delay 3 at lpf-on py/pb/pr r/g/b t1a t2a t4a t5a t7a t8a sig2 12m 100k 300mvpp t15 t13 t11 12m_lpf-on is selected f=12mhz/100khz 20.0 40.0 ns group delay 4 at lpf-on py/pb/pr r/g/b t1a t2a t4a t5a t7a t8a sig2 30m 100k 300mvpp t15 t13 t11 30mhz_lpf-on is selected f=30mhz/100khz 10.0 20.0 ns package dimensions unit : mm (typ) 3178b pin control table pin control table sw no. pin no. sw function name sw1 pin12 clamp/bias_ctl sw2 pin10 filter_ctl1 sw3 pin9 filter_ctl2 sw4 pin14 input_select_ctl input control table clamp/bias_ctl mode selected low(0 to 0.7v) clamp_on(component_mode) high(2.3v to v cc ) bias_on(rgb_mode) sanyo : ssop16(225mil) 5.2 4.4 6.4 0.22 0.65 (0.33) 18 9 16 0.5 0.15 1.5max 0.1 (1.3)
LV7150V no.a0896-4/5 filter control table filter_ctl1 filter _ctl2 mode selected low(0 to 0.7v) low(0 to 0.7v) 6m_lpf_on low(0 to 0.7v) high(2.3v to v cc ) 12m_lpf_on high(2.3v to v cc ) low(0 to 0.7v) 30m_lpf_on high(2.3v to v cc ) high(2.3v to v cc ) lpf_through_on input select control table input_select_ctl mode selected low(0 to 0.7v) ch1_select high(2.3v to v cc ) ch2_select block diagram v cc gnd 1 5 13 7 py/g_ in1 3 4 2 6 16 15 14 10 11 12 12mhz lpf pr/r_out py/g_ out pb/b_ out buf 6mhz lpf throgh buf sw1:clp/bias_ctl sw3:filter_ctl2 sw2&sw3 : filter _ctl sw2:filter _ctl1 bias 100k ? 8 9 + py/g_ in2 sw4:input_select_ctl vreg_3v sw4 : input_select _ctl sw4 : input_select _ctl sw2&sw3 : filter _ctl sw2&sw3 : filter_ctl pr/r_in1 pr/r_in2 pb/b_ in1 pb/b_ in2 sw4 : input_select _ctl buf 30mhz lpf 12mhz lpf 6m hz lpf throgh 30mhz lpf 12mhz lpf 6mhz lpf throgh 30mhz lpf bias 100 k ? bias 100k ? bias 100 k ? clamp bias 100k ? sw1: clp/bias_ ctl clamp bias 100k ? sw1: clp/bias_ ctl + + + + + + + + 1 f + 1 f 1 f 1 f 1 f 1 f 47 f 10 f 10 f 10 f
LV7150V no.a0896-5/5 ps this catalog provides information as of july, 2 007. specifications and info rmation herein are subject to change without notice. sanyo semiconductor co.,ltd. assumes no responsib ility for equipment failures that result from using products at values that exceed, even momentarily, rate d values (such as maximum ra tings, operating condition ranges, or other parameters) listed in products specif ications of any and all sanyo semiconductor co.,ltd. products described or contained herein. sanyo semiconductor co.,ltd. strives to supply high-qual ity high-reliability products, however, any and all semiconductor products fail or malfunction with some probabi lity. it is possible that these probabilistic failures or malfunction could give rise to acci dents or events that could endanger human lives, trouble that could give rise to smoke or fire, or accidents that could cause dam age to other property. when designing equipment, adopt safety measures so that these kinds of accidents or e vents cannot occur. such measures include but are not limited to protective circuits and error prevention c ircuits for safe design, redundant design, and structural design. upon using the technical information or products descri bed herein, neither warranty nor license shall be granted with regard to intellectual property rights or any other rights of sanyo semiconductor co.,ltd. or any third party. sanyo semiconductor co.,ltd. shall not be liable f or any claim or suits with regard to a third party's intellctual property rights which has resulted from the use of the technical information and products mentioned above. information (including circuit diagr ams and circuit parameters) herein is for example only; it is not guaranteed for volume production. any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. when designing equi pment, refer to the "delivery specification" for the sanyo semiconductor co.,ltd. product that you intend to use. in the event that any or all sanyo semiconductor c o.,ltd. products described or contained herein are controlled under any of applicable local export control laws and regulations, such products may require the export license from the authorities conc erned in accordance with the above law. no part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any in formation storage or retrieval system, or otherwise, without the prior written consent of sanyo semiconductor co.,ltd.


▲Up To Search▲   

 
Price & Availability of LV7150V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X