Part Number Hot Search : 
RT8801 314005 AP02N60P MT2601 MBR520 BU608 SAA7327 Z5248
Product Description
Full Text Search
 

To Download KTC3193 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1996. 9. 6 1/4 semiconductor technical data KTC3193 epitaxial planar npn transistor revision no : 1 high frequency application. hf, vhf band amplifier application. feature  high power gain : g pe =30db(typ.) (f=10.7mhz).  recommended for fm if, osc stage and am conv, if stage. maximum rating (ta=25 1 ) 1 2 3 to-92m dim millimeters a b c d e f g h j k 1. emitter 2. collector 3. base 3.20 max 4.30 max 0.55 max 2.40 0.15 1.27 2.30 14.00 0.50 0.60 max 1.05 1.45 25 0.55 max l m n f a g j k d ee l n m c h 0.80 o 0.75 o b + _ + _ electrical characteristics (ta=25 1 ) characteristic symbol rating unit collector-base voltage v cbo 35 v collector-emitter voltage v ceo 30 v emitter-base voltage v ebo 4 v collector current i c 50 ma emitter current i e -50 ma collector power dissipation p c 400 mw junction temperature t j 150 1 storage temperature range t stg -55  150 1 note : h fe classification r:40  80 , o:70  140 , y:120  240 characteristic symbol test condition min. typ. max. unit collector cut-off current i cbo v cb =35v, i e =0 - - 0.1  a emitter cut-off current i ebo v eb =4v, i c =0 - - 1.0  a dc current gain h fe (note) v ce =12v, i c =2ma 40 - 240 collector-emitter saturation voltage v ce(sat) i c =10ma, i b =1ma - - 0.4 v base-emitter saturation voltage v be(sat) i c =10ma, i b =1ma - - 1.0 v transition frequency f t v ce =10v, i c =1ma 100 - - mhz collector output capacitance c ob v cb =10v, i e =0, f=1mhz - 2.0 3.2 pf collector-base time constant c c  rbb / v ce =10v, i e =-1ma, f=30mhz 10 - 50 ps power gain g pe v cc =6v, i e =-1ma, f=10.7mhz (fig.) 27 29 33 db
1996. 9. 6 2/4 KTC3193 revision no : 1 input r =50 ? g 0.05uf 2.2k ? 0.05uf 1k ? i e 12pf 30pf cc v 0.05uf 3 2 1 4 5 t output r =50 ? l t : 0.1mm uew 20t 1 - 2 3 - 2 0.1mm uew 8t 5 - 4 0.1mm uew 2t y parameters (typ.) (1) (common emitter f=455khz, ta=25 1 ) characteristic symbol KTC3193-r KTC3193-o KTC3193-y unit collector-emitter voltage v ce 6 6 6 v emitter current i e -1 -1 -1 ma input conductance g ie 0.58 0.41 0.26 ms input capacitance c ie 53 46 38 pf output conductance g oe 1.9 2.7 4.8  s output capacitance c oe 2.6 2.8 3.6 pf forward transfer admittance |y fe | 38 38 38 ms phase angle of forward transfer admittance  fe -0.79 -0.83 -0.92 . reverse transfer admittance |y re | 5.7 5.7 6.2  s phase angle of reverse transfer admittance  re -90 -90 -90 . (2) (common emitter f=10.7khz, ta=25 1 ) characteristic symbol KTC3193-r KTC3193-o KTC3193-y unit collector-emitter voltage v ce 6 6 6 v emitter current i e -1 -1 -1 ma input conductance g ie 1.04 0.85 0.65 ms input capacitance c ie 49 43 36 pf output conductance g oe 10 15 28  s output capacitance c oe 2.7 2.9 3.6 pf forward transfer admittance |y fe | 37 37 37 ms phase angle of forward transfer admittance  fe -9.6 -10.4 -11.5 . reverse transfer admittance |y re | 120 120 140  s phase angle of reverse transfer admittance  re -90 -90 -90 . fig. g pe test circuit
1996. 9. 6 3/4 KTC3193 revision no : 1 y - v ce collector-emitter voltage v (v) 1 3 10 30 30 re 1 reverse transfer admittance 10 50 500 30 10 3 1 collector-emitter voltage v (v) ce re ce y - v re ce y - v re ce y ( s) 5 3 5 common emitter i =-1ma f=455khz =-90 ta=25 c e re y r, o reverse transfer admittance 5 100 300 e f=10.7mhz i =-1ma common emitter y r, o re y ( s) =-90 ta=25 c re ce fe y , - v fe e fe y , - i fe e fe y , - i fe y (ms) fe forward transfer admittance y (ms) fe forward transfer admittance y ( s) fe reverse transfer admittance reverse transfer admittance re y ( s) phase angle of forward transfer fe admittance ( ) phase angle of forward transfer fe admittance ( ) phase angle of forward transfer fe admittance ( ) 50 30 1k -10 -3 -0.3 -0.1 emitter current i (ma) e -1 100 common emitter v =6v f=10.7mhz ta=25 c ce y re 300 500 re y, o, r y, o, r -500 -300 -100 -1k -30 -50 ce ta=25 c f=10.7mhz v =6v common emitter 10 -1 e emitter current i (ma) -0.1 -0.3 -3 -10 100 2 3 5 30 50 -50 -30 -5 -3 -2 -100 -10 fe y fe y, o, r y o r r, o y re =-90  ce ta=25  c f=455khz v =6v common emitter 5 3 -0.5 emitter current i (ma) e 1 10 -3 -1 -0.3 -0.1 collector-emitter voltage v (v) ce fe e ta=25 c f=10.7mhz i =-1ma common emitter 50 30 5 20 300 30 10 3 1 -2 -3 -5 -30 -10 r, o, y y o r y fe 100
1996. 9. 6 4/4 KTC3193 revision no : 1 10 -0.5 100 -5 -3 -0.3 -0.1 emitter current i (ma) e y (ms) fe y (m ) fe e fe y , - i fe ce fe y , - v fe phase angle of forward transfer forward transfer admittance -1 -0.5 30 50 common emitter v =6v f=455khz ta=25 c ce r, o, y y o r y fe fe -5 -3 -10 -5 -1 fe admittance ( ) phase angle of forward transfer fe admittance ( ) collector-emitter voltage v (v) ce forward transfer admittance fe e ta=25 c f=455khz i =-1ma common emitter 50 30 5 20 300 30 10 3 1 -0.2 -0.3 -0.5 -3 -1 r, o, y y o r 100 y fe ?


▲Up To Search▲   

 
Price & Availability of KTC3193

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X