Part Number Hot Search : 
ATA6285 SMAJ26A E226M NV23K C4020 5MF500 SMC100 SMAJ26A
Product Description
Full Text Search
 

To Download KT3225T32768AAR30AXX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cmos/ 3.0v typ./ 3.2 2.5mm khz range crystal devices digital temperature compensated crystal oscillator surface mount type dtcxo kt3225t series rohs compliant how to order kt3225t 32768 e a w 30 t xx series  output frequency frequency stability a no temp. compensated d 3.8 10 - 6 e 5.0 10 - 6 lower temperature a - 40 c c - 30 c e - 20 c upper temperature w + 85 c t + 70 c r + 60 c supply voltage 30 3.0v 33 3.3v 50 5.0v initial frequency tolerance a 5 5 10 - 6 b 0 5 10 - 6 t tcxo option code packaging (tape & reel 3000pcs/ reel) features ? miniature smd type (3.2 2.5 1.0mm) ? built-in 32.768khz d-tcxo ? high frequency stability : 5.0x10 - 6 / - 40 to + 85 c ? low supply current : 1.5 a typ (v dd = 3.0v) ? temperature compensated voltage range : 2.0v to 5.5v applications ? high accuracy time references ? microcontroller with built in rtc specifications item symbol conditions specifications units min. typ. max. nominal frequency f_ nom D 32.768 D khz oscillation output voltage v dd 1.3 3.0 5.5 v temperature compensated voltage v tem 2.0 3.0 5.5 v storage temperature t_ stg - 40 + 25 + 85 c operating temperature t_ use - 40 + 25 + 85 c frequency tolerance D ta = 25 2 c - 3.0 D + 3.0 10 - 6 frequency stability vs temp. fo-tc e : ta =- 40 to + 85 c - 5.0 D + 5.0 10 - 6 frequency stability vs supply voltage df/ fo v dd = 2.0 to 5.5v, ta = 25 2 c - 1.0 D + 1.0 10 - 6 / v frequency aging f _age - 3.0 D + 3.0 10 - 6 low level output voltage v ol i ol =+ 1.0ma, v dd = 3v 0.0 D 0.8 v high level output voltage v oh i oh =- 1.0ma, v dd = 3v 2.2 D 3.0 v low level input voltage v il 0.0 D 0.2 v dd v high level input voltage v ih 0.8 v dd D 5.5 v duty ratio duty cl = 15pf 40 D 60 % rise time tr 20%v dd 80%v dd , cl = 15pf, v dd = 3v D D 100 nsec fall time tf 80%v dd 20%v dd , cl = 15pf, v dd = 3v D D 100 nsec start-up time t_ str ta = 25 c D D 1.0 sec ta =- 40 to 85 c D D 3.0 sec power supply current1 i cc 1 clkoe = v ss D 0.6 2.0 a power supply current2 i cc 2 clkoe = v dd D 1.5 4.0 a output load condition l_cmos cmos output D D 15.0 pf 3.20.2 2.50.2 #1 #2 #3 #4 #7 #8 #6 #5 1.0 max. 0.27 0.7 1.1 pin no function #1 clkoe #2 n.c #3 n.c #4 v ss #5 clkout #6 n.c #7 n.c #8 v dd 0.35 c0.15 0.5 0.4 #7 #8 #6 #5 0.5 0.5 0.45 r0.15 #1 #2 #3 #4 k dimensions (unit: mm) note: a capacitor of value 0.01 f between v dd and gnd is recommended. 0.85 0.55 0.55 0.6 0.6 0.85 0.4 0.4 0.4 1.1 recommended land pattern (unit: mm)


▲Up To Search▲   

 
Price & Availability of KT3225T32768AAR30AXX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X