Part Number Hot Search : 
S209R 3BT48 SR102 5600F7LC 78M24C IC16F 50224 R1040X
Product Description
Full Text Search
 

To Download K8AB-PM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  csm_K8AB-PM_ds_e_3_1 1 three-phase phase-sequence phase-loss relay K8AB-PM ideal for monitori ng 3-phase power supplies for industrial facili ties and equipment. ? monitor overvoltages, undervoltages, phase sequence, and phase loss for three-phase 3-wire or 4-wire power supplies with just one unit. switch setting for 3-phase 3-wire or 3-phase 4-wire power supply.  two spdt output relays, 6 a at 250 vac (resistive load). output overvoltages and undervoltages using separate relays.  world-wide power specifications supported by one unit (switchable).  output status can be monitored using led indicator. refer to safety precautions for the k8ab series . refer to page 8 for the q&a section. model number structure model number legend 1. basic model k8ab: measuring and monitoring relays 2. functions pm: three-phase phase-sequence phas e-loss relay (simultaneous upper and lower monitoring) 3. rated input voltage 1: 115, 127, 133, 138, 200, 220, 230, 240 vac 2: 220, 230, 240, 277, 380, 400, 415, 480 vac ordering information list of models note: 1. three-phase 3-wire or 4-wire and the input range are switched using a dip switch. 2. the power supply is shared with the rated input voltage. 123 k8ab- @@ three-phase phase-sequence phase-loss relay rated input (see note 2.) model 3-phase 3-wire mode 200, 220, 230, 240 vac K8AB-PM1 3-phase 4-wire mode 115, 127, 133, 138 vac 3-phase 3-wire mode 380, 400, 415, 480 vac K8AB-PM2 3-phase 4-wire mode 220, 230, 240, 277 vac
K8AB-PM 2 ratings and specifications ratings rated input voltage K8AB-PM1 three-phase, three-wire mode: 200, 220, 230 and 240 vac three-phase, four-wire mode: 115, 127, 133 and 138 vac K8AB-PM2 three-phase, three-wire mode: 380, 400, 415 and 480 vac three-phase, four-wire mode: 220, 230, 240 and 277 vac input load K8AB-PM1: 25 va max. K8AB-PM2: 45 va max. operating value setting range (over, under) overvoltage ? 30% to 25% of rated input voltage undervoltage ? 30% to 25% of rated input voltage note: the rated input voltage can be switched using the dip switch. operating value 100% operation at set value reset value 5% of operating value (fixed) reset method automatic reset operating time setting range (t) overvoltage/undervoltage 0.1 to 30 s reversed phase/phase loss 0.1 s max. startup lock time (lock) 1 s or 5 s (switched using dip switch.) indicators power (pwr): green, relay output (ry): yellow, over/under: red output relays two spdt relays (nc operation) output relay ratings rated load resistive load 6 a at 250 vac (cos = 1) 6 a at 30 vdc (l/r = 0 ms) inductive load 1 a at 250 vac (cos = 0.4) 1 a at 30 vdc (l/r = 7 ms) maximum contact voltage: 250 vac maximum contact current: 6 a ac maximum switching capacity: 1,500 va minimum load: 10 ma at 5 vdc mechanical life: 10,000,000 operations electrical life: make: 50,000 times, break: 30,000 times ambient operating temperature ? 20 to 60c (with no condensation or icing) storage temperature ? 40 to 70c (with no condensation or icing) ambient operating humidity 25% to 85% (with no condensation) storage humidity 25% to 85% (with no condensation) altitude 2,000 m max. terminal screw tightening torque 0.49 nm terminal wiring method recommended wire solid wire: 2.5 mm 2 twisted wires: awg16, awg18 note: 1. ferrules with insulating sleeves must be used with twisted wires. 2. two wires can be twisted together. recommended ferrules al 1,5-8bk (for awg16) manufactured by phoenix contact al 1-8rd (for awg18) manufactured by phoenix contact al 0,75-8gy (for awg18) manufactured by phoenix contact case color munsell 5y8/1 case material abs resin (self-extinguishing resin) ul94-v0 weight approx. 130 g mounting mounted to din track or via m4 screws (tightening torque: 1.2 nm) dimensions 22.5 (w) 90 (h) 100 (d) mm
K8AB-PM 3 specifications input frequency range 45 to 65 hz overload capacity continuous input: 115% of maximum input, 10 s max.: 125% of maximum input setting error operating value set value 10% of full scale operating time startup lock time set value 0.5 s repeat error operating value operating value 2% error calculation: error = ((maximum operating value ? minimum operating value (over 10 operations))/2)/ average value 100% reset value overvoltage: operating value x 95% 2% undervoltage: operating value x 105% 2% error calculation: error = ((maximum reset value ? minimum reset value (over 10 resets))/2)/average value 100% operating time operating time repeat error: 50 ms overvoltage: measured when input suddenly ch anges from 70% to 120% of setting. undervoltage: measured when input suddenly changes from 120% to 70% of setting. the input voltage, however, must be between 70% and 125% of rating. startup lock time startup lock time repeat error: 0.5 s (the operating time when the operating time is set to the minimum value and the power supply suddenly changes from 0% to 100%.) temperature influence operating value drift based on measured value at standard temperature: ? 20 c to standard temperature: 1,000 ppm/ c max. standard temperature to 60 c : 1,000 ppm/ c max. (humidity: 25% to 80%) operating time fluctuation based on measured value at standard temperature: ? 20 c to standard temperature: 10% max. standard temperature to 60 c : 10% max. (humidity: 25% to 80%) humidity influence operating value based on ambient humidity of 65% 25% to 80%: 5% max. operating time based on ambient room humidity 25% to 80%: 10% max. influence of input frequency at 45 to 65 hz operating value 5% max. operating time 10% max. note: the error in the operating value and operating time under standard conditions. applicable standards conforming standards en60255-5 and en60255-6 installation environment (pollution degree 2, overvoltage category iii) emc en61326 safety standards ul508 insulation resistance 20 m ? min. between external terminals and case between input terminals and output 1 terminals between input terminals and output 2 terminals between output 1 terminals and output 2 terminals dielectric strength 2,000 vac for one minute between external terminals and case between input terminals and output 1 terminals between input terminals and output 2 terminals between output 1 terminals and output 2 terminals noise immunity 1,500 v power supply terminal common/normal mode square-wave noise of 1 s/100 ns pulse width with 1-ns rise time vibration resistance frequency 10 to 55 hz, 0.35-mm single amplitude, acceleration 50 m/s 2 10 sweeps of 5 min each in x, y, and z directions shock resistance 100 m/s 2 , 3 times each in 6 directions along three axes (up/down, left/right, forward/backward) degree of protection terminal section: finger protection
K8AB-PM 4 connections wiring diagram overvoltage/undervoltage and phase se quence/phase loss operation diagram operation indicators note: 1. while phase loss is detected, over_ry will also be off. 2. the indicator will flash once per second after a phase loss is detected and once per 0.5 second during the detection time. l1 l3 l2 l3 l2 l1 l1 l2 l3 t t1 t l1 l2 l3 l1 l2 l3 flashing lit flashing lit overvoltage alarm indicator undervoltage setting value overvoltage setting value undervoltage alarm indicator overvoltage relay undervoltage relay input hysteresis: fixed at 5% hysteresis: fixed at 5% t: operating time (0.1 to 30 s) t: operating time (0.1 to 30 s) t1: power on lock (1 s or 5 s) phase loss operation phase sequence operation flashing flashing input undervoltage alarm indicator undervoltage relay note: 1. the K8AB-PM output relay is normally operative. 2. the power on lock prevents unnecessary alarms from being generated during the instable period when the power is first turned on. there is no relay output during timer operation. 3. phase loss is detected by l1, l2, and l3 voltage drops. a phase loss will exist if any of the phases drops below 60% of the rated input. 4. l1 and l2 function both as the power supply terminals and as input terminals. if the voltage drops dramatically, then the relay will not operate due to an undervoltage. 5. motor load phase loss cannot be detected during operation. 6. phase loss is detected based on voltage, so phase loss cannot be detected on the load side. item display contact operation ry_led over_led under_led over_ry under_ry overvoltage on on off off on undervolt- age on off on on off phase loss off off (see note 1.) on off (see note 1.) off reversed phase on off flashing (see note 2.) on off correct phase on off off on on load voltage input signal output 14 12 l1 l2 l3 11 l1 nl2l3 signal output 24 22 21 undervoltage phase loss, reversed phase overvoltage n
K8AB-PM 5 nomenclature front indicators note: the input across l1 and l2 is used for the internal power supply. therefore, the power indica tor will not be lit if there is no input across l1 and l2. setting knobs note: 1. use either a solid wire of 2.5 mm 2 maximum or a ferrule with insulating sleeve for the terminal connection. the length of the exposed current-carrying part inserted into the terminal must be 8 mm or less to maintain dielectric strength after connection. recommended ferrules phoenix contact ? al 1,5-8bk (for awg16)  al 1-8rd (for awg18)  al 0,75-8gy (for awg18) 2. tightening torque recommended: 0.49 nm maximum: 0.54 nm power indicator relay status indicator overvoltage knob (over) undervoltage knob (under) operating time knob (t) alarm indicator terminal block (see notes 1 and 2.) terminal block (see notes 1 and 2.) 0.1 item meaning power indicator (pwr: green) lit when power is being supplied (see note). relay status indicator (ry: yellow) lit when relay is operating (normally lit). alarm indicator overvoltage: red lit when there is an overvoltage. the indicator flashes to indicate the error status after the overvoltage has exceeded the threshold value while the operating time is being clocked. undervoltage: red  lit when there is an undervoltage or phase loss. the indicator flashes to indicate the error status after the undervoltage has exceeded the threshold value while the operating time is being clocked.  lit when there is a phase sequence error. item usage overvoltage knob (over) can be set between ? 30% and 25% of the rated input. undervoltage knob (under) can be set between ? 30% and 25% of the rated input. operating time knob (t) used to set the operating time to 0.1 to 30 s. for 2.5 mm 2 or smaller solid wires for ferrules with insulating sleeves 8 mm max. 8 mm max.
K8AB-PM 6 operation and setting methods connections 1. input connect to l1, l2, and l3 (for three-phase three-wire mode) or l1, l2, l3, and n (for three-phase four- wire mode), depending on the mode selected using pin 2 on the dip switch. the unit will not operate correctly if the dip switch setting and the wiring do not agree. make sure the phase sequence is wired correctly. the unit will not operate normally if the phase sequence is incorrect. 2. outputs terminals 11, 12, and 14 are the output terminals for overvoltage (spdt). terminals 21, 22, and 24 are the output terminal s for undervoltage, phase loss, and reversed phase (spdt). dip switch settings the power on lock time, number of wires, and rated voltage are set using the dip switch located on the bottom of the unit. load voltage input signal output 14 12 l1 l2 l3 11 l1 nl2l3 signal output 24 22 21 undervoltage phase loss, reversed phase overvoltage n on off sw1 sw2 sw3 sw4 dip switch dip switch functions K8AB-PM1 note: all pins are set to off at the factory. K8AB-PM2 note: all pins are set to off at the factory. switch on off ? power on lock time 5 s --- --- --- 1 s --- --- --- ? number of wires three-phase, four-wire --- --- --- three-phase, three-wire --- --- ? --- rated voltage three-phase, three-wire three-phase, four-wire 240 v 138 v --- --- 230 v 133 v ? --- --- 220 v 127 v ? --- --- 200 v 115 v ?? --- --- switch on off ? power on lock time 5 s --- --- --- 1 s --- --- --- ? number of wires three-phase, four-wire --- --- --- three-phase, three-wire --- --- ? --- rated voltage three-phase, three-wire three-phase, four-wire 480 v 277 v --- --- 415 v 240 v ? --- --- 400 v 230 v ? --- --- 380 v 220 v ?? --- --- on off 4 3 3 2 1 on off 4 3 3 2 1
K8AB-PM 7 setting method 1. overvoltage the overvoltage knob (over) is used to set the overvoltage threshold. the overvoltage can be set to between ? 30% and 25% of the rated input voltage. turn the knob while there is an input to the input terminals until the alarm indicator flashes (when the set value and the inpu t have reached the same level.) use this as a guide to set the voltage. the rated input depends on the model and dip switch setting. example: K8AB-PM1 with pin 2 turned off (three-phase, three- wire mode) and pins 3 and 4 turned off (rated voltage of 200 v) the rated input voltage is 200 vac and the setting range is 140 to 250 v. 2. undervoltage undervoltage is set using the undervoltage knob (under). the undervoltage can be set to between ? 30% and 25% of the rated input. turn the knob while there is an input to the input terminals until the alarm indicator flashes (when the set value and the inpu t have reached the same level.) use this as a guide to set the voltage. the rated input depends on the model and dip switch setting. example: K8AB-PM1 with pin 2 turned off (three-phase, three- wire mode) and pins 3 and 4 turned off (rated voltage of 200 v) the rated input voltage is 200 vac and the setting range is 140 to 250 v. 3. operating time the operating time is set usin g the operating time knob (t). the operating time can be set to between 0.1 and 30 s. turn the knob while there is an input to the input terminals until the alarm indicator flashes (when the set value and the inpu t have reached the same level.) use this as a guide to set the operating time. if the input exceeds (or drops lower than) the voltage setting, the alarm indicator will start flashing for the set period and then stay lit. dimensions (unit: mm) three-phase voltage with phase-sequence, phase-loss relays 22.5 100 72 90 5 5 K8AB-PM1 K8AB-PM2
K8AB-PM 8 checking operation overvoltages gradually increase the input from 80% of the setting. the input value will equal the operating value when the input exceeds the setting and the alarm indicator starts flashing. operation can be checked by the relay output that will start after the operating time has passed. undervoltage gradually decrease the input from 120% of the setting and check the operation using the same method as for overvoltage. example: for monitoring mode set to three-phase three-wire monitoring, a rated voltage of 200 v, and an operating time of 5 s. note: K8AB-PM @ output relays are normally operative. connection diagram 1 how to measure the operating time overvoltage change the input suddenly from 0% to 120% of the set value and measure the time until the unit operates. undervoltage change the input suddenly from 120% to 0% of the set value and measure the time until the unit operates. operating time adjust the slide resistor so that the voltage applied to the k8ab terminals is 120% of the set value (for overvoltage detection) and 80% of the set value (for undervoltage detection) when the auxiliary relay operates, as shown in connection diagram 2. close t he switch and use the cycle counter to measure the operating time. connection diagram 2 checking the phase sequence and phase loss operation phase sequence switch the wiring, as shown by the dotted lines in connection diagram 1, to reverse the phase sequence and check that the k8ab operates. phase loss create a phase loss for any input phase and check that the k8ab operates. operating adjustment knobs use a screwdriver to turn the knobs. there is a stopper to prevent the knob from turning any further once it has been turned completely to the left or right. do not force the knob past these limits. questions and answers q operating set value input voltage alarm indicator relay output flashing lit 5 s 0 to 150 v v1 three-phase variable autotransformer overvoltage undervoltage l1 l2 l3 3 , 200 vac v2 v3 l1 l2 l3 q 3 , 200 vac l1 l2 l3 c 200 v cycle counter v1 v2 v3 x x/a x/b l1 l2 l3 r1 r2 r1: slide resistor 200 ? 200 w r2: 100 ? 400 w q q
K8AB-PM 9 load-side phase loss in principle, phase loss cannot be detected on the load side because the K8AB-PM @ measures three-phase voltage to determine phase loss. motor load phase loss during operation motor load phase loss cannot be detected during operation. it can be used to detect phase loss at startup. normally, three-phase motors will continue to rotate even if one phase is open. the three- phase voltage will be induced at the motor terminals. the diagram shows voltage induction at the motor terminals when phase r has been lost with a load applied to a three-phase motor. the horizontal axis shows the motor load as a percentage of the rated load, and the vertical axis shows voltage as a percentage of the rated voltage. the lines in the graph show the voltage induced at the motor terminals for each load phase loss occurs during operation. as the graph shows, phase loss cannot be detected because the motor terminal voltage does not drop very much even if a phase is lost when the load on the motor is light. to detect motor load phase loss during operation, use the undervoltage detection function to detect the motor terminal voltages at phase loss. set the operating time carefully because it will affect the time from when the phase loss occurs until tripping when this function is used. characteristic curve diagram note: for phase loss of phase r. v st , v tr , and v rs indicate the motor terminal voltage at phase loss. overvoltage detection when only one phase exceeds the overvoltage threshold the K8AB-PM @ monitors each of the three-phase voltages. this means an overvoltage is detected if even only one phase exceeds the threshold value. the same applies to undervoltages. questions and answers q q 100 95 90 85 80 75 70 65 60 55 50 45 10 0 2030405060708090100110 v st v tr v rs note: this characteristic curve shows the approximate values only. voltage (as a percentage of rated voltage) motor load (as a percentage of rated load) q in the interest of product improvement, specif ications are subject to change without notice. all dimensions shown are in millimeters. to convert millimeters into inches, multiply by 0.03 937. to convert grams into ounces, multiply by 0.03527.
r e a d a n d u n d e r s t a n d t h i s c a t a l o g p l e a s e r e a d a n d u n d e r s t a n d t h i s c a t a l o g b e f o r e p u r c h a s i n g t h e p r o d u c t s . p l e a s e c o n s u l t y o u r o m r o n r e p r e s e n t a t i v e i f y o u h a v e a n y q u e s t i o n s o r c o m m e n t s . w a r r a n t y a n d l i m i t a t i o n s o f l i a b i l i t y w a r r a n t y o m r o n ' s e x c l u s i v e w a r r a n t y i s t h a t t h e p r o d u c t s a r e f r e e f r o m d e f e c t s i n m a t e r i a l s a n d w o r k m a n s h i p f o r a p e r i o d o f o n e y e a r ( o r o t h e r p e r i o d i f s p e c i f i e d ) f r o m d a t e o f s a l e b y o m r o n . o m r o n m a k e s n o w a r r a n t y o r r e p r e s e n t a t i o n , e x p r e s s o r i m p l i e d , r e g a r d i n g n o n - i n f r i n g e m e n t , m e r c h a n t a b i l i t y , o r f i t n e s s f o r p a r t i c u l a r p u r p o s e o f t h e p r o d u c t s . a n y b u y e r o r u s e r a c k n o w l e d g e s t h a t t h e b u y e r o r u s e r a l o n e h a s d e t e r m i n e d t h a t t h e p r o d u c t s w i l l s u i t a b l y m e e t t h e r e q u i r e m e n t s o f t h e i r i n t e n d e d u s e . o m r o n d i s c l a i m s a l l o t h e r w a r r a n t i e s , e x p r e s s o r i m p l i e d . l i m i t a t i o n s o f l i a b i l i t y o m r o n s h a l l n o t b e r e s p o n s i b l e f o r s p e c i a l , i n d i r e c t , o r c o n s e q u e n t i a l d a m a g e s , l o s s o f p r o f i t s o r c o m m e r c i a l l o s s i n a n y w a y c o n n e c t e d w i t h t h e p r o d u c t s , w h e t h e r s u c h c l a i m i s b a s e d o n c o n t r a c t , w a r r a n t y , n e g l i g e n c e , o r s t r i c t l i a b i l i t y . i n n o e v e n t s h a l l t h e r e s p o n s i b i l i t y o f o m r o n f o r a n y a c t e x c e e d t h e i n d i v i d u a l p r i c e o f t h e p r o d u c t o n w h i c h l i a b i l i t y i s a s s e r t e d . i n n o e v e n t s h a l l o m r o n b e r e s p o n s i b l e f o r w a r r a n t y , r e p a i r , o r o t h e r c l a i m s r e g a r d i n g t h e p r o d u c t s u n l e s s o m r o n ' s a n a l y s i s c o n f i r m s t h a t t h e p r o d u c t s w e r e p r o p e r l y h a n d l e d , s t o r e d , i n s t a l l e d , a n d m a i n t a i n e d a n d n o t s u b j e c t t o c o n t a m i n a t i o n , a b u s e , m i s u s e , o r i n a p p r o p r i a t e m o d i f i c a t i o n o r r e p a i r . a p p l i c a t i o n c o n s i d e r a t i o n s s u i t a b i l i t y f o r u s e o m r o n s h a l l n o t b e r e s p o n s i b l e f o r c o n f o r m i t y w i t h a n y s t a n d a r d s , c o d e s , o r r e g u l a t i o n s t h a t a p p l y t o t h e c o m b i n a t i o n o f p r o d u c t s i n t h e c u s t o m e r ' s a p p l i c a t i o n o r u s e o f t h e p r o d u c t s . a t t h e c u s t o m e r ' s r e q u e s t , o m r o n w i l l p r o v i d e a p p l i c a b l e t h i r d p a r t y c e r t i f i c a t i o n d o c u m e n t s i d e n t i f y i n g r a t i n g s a n d l i m i t a t i o n s o f u s e t h a t a p p l y t o t h e p r o d u c t s . t h i s i n f o r m a t i o n b y i t s e l f i s n o t s u f f i c i e n t f o r a c o m p l e t e d e t e r m i n a t i o n o f t h e s u i t a b i l i t y o f t h e p r o d u c t s i n c o m b i n a t i o n w i t h t h e e n d p r o d u c t , machin e , s y s t e m , o r o t h e r a p p l i c a t i o n o r u s e . t h e f o l l o w i n g a r e s o m e e x a m p l e s o f a p p l i c a t i o n s f o r w h i c h p a r t i c u l a r a t t e n t i o n m u s t b e g i v e n . t h i s i s n o t i n t e n d e d t o b e a n e x h a u s t i v e l i s t o f a l l p o s s i b l e u s e s o f t h e p r o d u c t s , n o r i s i t i n t e n d e d t o i m p l y t h a t t h e u s e s l i s t e d m a y b e s u i t a b l e f o r t h e p r o d u c t s : o u t d o o r u s e , u s e s i n v o l v i n g p o t e n t i a l c h e m i c a l c o n t a m i n a t i o n o r e l e c t r i c a l i n t e r f e r e n c e , o r c o n d i t i o n s o r u s e s n o t d e s c r i b e d i n t h i s c a t a l o g . n u c l e a r e n e r g y c o n t r o l s y s t e m s , c o m b u s t i o n s y s t e m s , r a i l r o a d s y s t e m s , a v i a t i o n s y s t e m s , m e d i c a l e q u i p m e n t , a m u s e m e n t m a c h i n e s , v e h i c l e s , s a f e t y e q u i p m e n t , a n d i n s t a l l a t i o n s s u b j e c t t o s e p a r a t e i n d u s t r y o r g o v e r n m e n t r e g u l a t i o n s . s y s t e m s , m a c h i n e s , a n d e q u i p m e n t t h a t c o u l d p r e s e n t a r i s k t o l i f e o r p r o p e r t y . p l e a s e k n o w a n d o b s e r v e a l l p r o h i b i t i o n s o f u s e a p p l i c a b l e t o t h e p r o d u c t s . n e v e r u s e t h e p r o d u c t s f o r a n a p p l i c a t i o n i n v o l v i n g s e r i o u s r i s k t o l i f e o r p r o p e r t y w i t h o u t e n s u r i n g t h a t t h e s y s t e m a s a w h o l e h a s b e e n d e s i g n e d t o a d d r e s s t h e r i s k s , a n d t h a t t h e o m r o n p r o d u c t s a r e p r o p e r l y r a t e d a n d i n s t a l l e d f o r t h e i n t e n d e d u s e w i t h i n t h e o v e r a l l e q u i p m e n t o r s y s t e m . p r o g r a m m a b l e p r o d u c t s o m r o n s h a l l n o t b e r e s p o n s i b l e f o r t h e u s e r ' s p r o g r a m m i n g o f a p r o g r a m m a b l e p r o d u c t , o r a n y c o n s e q u e n c e t h e r e o f . d i s c l a i m e r s c h a n g e i n s p e c i f i c a t i o n s p r o d u c t s p e c i f i c a t i o n s a n d a c c e s s o r i e s m a y b e c h a n g e d a t a n y t i m e b a s e d o n i m p r o v e m e n t s a n d o t h e r r e a s o n s . i t i s o u r p r a c t i c e t o c h a n g e m o d e l n u m b e r s w h e n p u b l i s h e d r a t i n g s o r f e a t u r e s a r e c h a n g e d , o r w h e n s i g n i f i c a n t c o n s t r u c t i o n c h a n g e s a r e m a d e . h o w e v e r , s o m e s p e c i f i c a t i o n s o f t h e p r o d u c t s m a y b e c h a n g e d w i t h o u t a n y n o t i c e . w h e n i n d o u b t , s p e c i a l m o d e l n u m b e r s m a y b e a s s i g n e d t o f i x o r e s t a b l i s h k e y s p e c i f i c a t i o n s f o r y o u r a p p l i c a t i o n o n y o u r r e q u e s t . p l e a s e c o n s u l t w i t h y o u r o m r o n r e p r e s e n t a t i v e a t a n y t i m e t o c o n f i r m a c t u a l s p e c i f i c a t i o n s o f p u r c h a s e d p r o d u c t s . d i m e n s i o n s a n d w e i g h t s d i m e n s i o n s a n d w e i g h t s a r e n o m i n a l a n d a r e n o t t o b e u s e d f o r m a n u f a c t u r i n g p u r p o s e s , e v e n w h e n t o l e r a n c e s a r e s h o w n . p e r f o r m a n c e d a t a perfor m a n c e d a t a g i v e n i n t h i s c a t a l o g i s p r o v i d e d a s a g u i d e f o r t h e u s e r i n d e t e r m i n i n g s u i t a b i l i t y a n d d o e s n o t c o n s t i t u t e a w a r r a n t y . i t m a y r e p r e s e n t t h e r e s u l t o f o m r o n ? s t e s t c o n d i t i o n s , a n d t h e u s e r s m u s t c o r r e l a t e i t t o a c t u a l a p p l i c a t i o n r e q u i r e m e n t s . a c t u a l p e r f o r m a n c e i s s u b j e c t t o t h e o m r o n w a r r a n t y a n d l i m i t a t i o n s o f l i a b i l i t y . e r r o r s a n d o m i s s i o n s t h e i n f o r m a t i o n i n t h i s d o c u m e n t h a s b e e n c a r e f u l l y c h e c k e d a n d i s b e l i e v e d t o b e a c c u r a t e ; h o w e v e r , n o r e s p o n s i b i l i t y i s a s s u m e d f o r c l e r i c a l , t y p o g r a p h i c a l , o r p r o o f r e a d i n g e r r o r s , o r o m i s s i o n s . 2008 . 12 i n t h e i n t e r e s t o f p r o d u c t i m p r o v e m e n t , s p e c i f i c a t i o n s a r e s u b j e c t t o c h a n g e w i t h o u t n o t i c e . o m r o n c o r p o r a t i o n i n d u s t r i a l a u t o m a t i o n c o m p a n y h t t p : / / w w w . i a . o m r o n . c o m / ( c ) c o p y r i g h t o m r o n c o r p o r a t i o n 2 0 0 8 a l l r i g h t r e s e r v e d .


▲Up To Search▲   

 
Price & Availability of K8AB-PM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X