Part Number Hot Search : 
HDM64 100MH 1N4751 1N1125A SC5200 E000769 KBPC1501 DN2530
Product Description
Full Text Search
 

To Download IRF640 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  IRF640 1/3 09/11/2012 comset semiconductors semiconductors n channel enhancement mode power mos transistors feature absolute maximum ratings symbol ratings value unit v ds drain-source voltage 200 v i ds continuous drain current t c = 37c 18 a i dm pulsed drain current t c = 25c 72 i ar avalanche current, limited by t j max 18 e as avalanche energy, single pulse i d = 18 a, v dd = 50 v, t j = 25c 280 mj e ar avalanche energy, periodic limited by t j max 13 v gs gate-source voltage 20 v r ds ( on ) drain-source on resistance 0.18 ? p t power dissipation at case temperature t c = 25c 125 w t j operating temperature 150 c t st g storage temperature range -55 to +150 thermal characteristics symbol ratings value unit r thjc thermal resistance, junction-case 1 c/w r thja thermal resistance, junction-ambient 62.5 n channel in a plastic to220 package. they are intended for use in high speed power switching, low voltage, relay drivers and general purpose switching applications. dc-dc & dc-ac converters for telecom, industrial and lighting equipment. com p liance to rohs. http://www..net/ datasheet pdf - http://www..net/
IRF640 2/3 09/11/2012 comset semiconductors semiconductors electrical characteristics tc=25c unless otherwise noted symbol ratings test condition(s) min typ max unit v dss drain-source breakdown voltage i d = 250 a, v gs = 0 v 200 - - v v gs ( th ) gate-threshold voltage i d = 250 a, v gs = v ds 2 3 4 v i dss zero gate voltage drain current v ds = 200 v, v gs = 0 v t j = 25 c - - 25 a v ds = 200 v, v gs = 0 v t j = 125 c - - 250 i gss gate-source leakage current v gs = 20 v, v ds = 0 v - - 100 na r ds ( on ) drain-source on resistance i d = 10 a, v gs = 10 v - 0.15 0.18 ? dynamic characteristics symbol ratings test condition(s) min typ max unit g fs transconductance v ds = 2*i d *r ds(on)max i d = 9 a 7 11 - s c iss input capacitance v gs = 0 v, v ds = 25 v f= 1mhz - 1200 1560 pf c oss output capacitance - 200 260 c rss reverse transfer capacitance - 60 80 t d ( on ) turn-on delay time v dd = 100 v, i d = 18 a, r gs = 25 ? - 20 50 ns t r rise time - 145 300 t d ( off ) turn-off delay time - 145 300 t f fall time - 110 230 reverse diode symbol ratings test condition(s) min typ max unit i s inverse diode continuous forward current. t c = 25c - - 18 a i sm inverse diode direct current, pulsed. t c = 25c - - 72 v sd inverse diode forward voltage v gs = 0 v, i f = 18 a - - 2 v t r r reverse recovery time v r = 25 v, i f = 18 a di/dt = 100 a/s, t c = 150c - 130 - ns q rr reverse recovery charge - 0.8 - c http://www..net/ datasheet pdf - http://www..net/
IRF640 3/3 09/11/2012 comset semiconductors semiconductors mechanical data case to-220 dimensions (mm) min. max. a 9,90 10,30 b 15,65 15,90 c 13,20 13,40 d 6,45 6,65 e 4,30 4,50 f 2,70 3,15 g 2,60 3,00 h 15,75 17.15 l 1,15 1,40 m 3,50 3,70 n - 1,37 p 0,46 0,55 r 2,50 2,70 s 4,98 5,08 t 2.49 2.54 u 0,70 0,90 revised august 2012 ????????? information furnished is believed to be accurate and reliable. ho wever, comset semiconductors assumes no responsibility for the consequences of use of such information nor for any infringement of patents or ot her rights of third parties which may results from its use. da ta are subject to change without notice. co mset semiconductors makes no warranty, representation or guarantee re garding the suitability of its products for any particular purpose, nor does comset semicond uctors assume any liability aris ing out of the application or us e of any product and specifica lly disclaims any and all liability, including without limitation consequential or in cidental damages. comset semiconductors? products are not au thorized for use as critical components in life support devices or systems. ? www.comsetsemi.com info@comsetsemi.com pin 1 : gate pin 2 : drain pin 3 : source http://www..net/ datasheet pdf - http://www..net/


▲Up To Search▲   

 
Price & Availability of IRF640

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X