Part Number Hot Search : 
74ABT08N P6N60F XF0053A BA1L3M E001489 RF830 C9S08 MBR3010
Product Description
Full Text Search
 

To Download IRF630A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  inchange semiconductor isc product specification isc n-channel mosfet transistor IRF630A description drain current ?i d =9a@ t c =25 drain source voltage- : v dss = 200v(min) static drain-source on-resistance : r ds(on) = 0.4 (max) fast switching speed low drive requirement applications this device is n-channel, enhanc ement mode, power mosfet designed especially for high powe r, high speed applications, such as switching power supplies,ups, ac and dc motor con- trols, relay and solenoid drivers and high energy pulse circuits. absolute maximum ratings(t a =25 ) symbol arameter value unit v dss drain-source voltage (v gs =0) 200 v v gs gate-source voltage 30 v i d drain current-continuous@ tc=25 9 a p tot total dissipation@tc=25 72 w t j max. operating junc tion temperature 150 t stg storage temperature range -55~150 thermal characteristics symbol parameter max unit r th j-c thermal resistance,junction to case 1.74 /w r th j-a thermal resistance,junction to ambient 62.5 /w isc website www.iscsemi.cn
inchange semiconductor isc product specification isc n-channel mosfet transistor IRF630A electrical characteristics (t =25 c ) symbol parameter conditions min max unit v (br)dss drain-source breakdown voltage v gs = 0; i d = 0.25ma 200 v v gs(th) gate threshold voltage v ds = v gs ; i d = 0.25ma 2 4 v r ds(on) drain-source on-stage resistance v gs = 10v; i d = 4.5a 0.4 i gss gate source leakage current v gs = 30v;v ds = 0 100 na i dss zero gate voltage drain current v ds = 200v; v gs = 0 10 ua v sd diode forward voltage i f =9a; v gs = 0 1.5 v isc website www.iscsemi.cn


▲Up To Search▲   

 
Price & Availability of IRF630A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X