Part Number Hot Search : 
221M10 2SJ538 WMN6T D72020GC TRRPB E001966 527298B 2N6988
Product Description
Full Text Search
 

To Download HI-1566CDT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  hi-1565, hi-1566 mil-std-1553 / 1760 5v monolithic dual transceivers description features pin configurations the hi-1565 and hi-1566 are low power cmos dual transceivers designed to meet the requirements of the mil-std-1553 /1760 specifications. the transmitter section of each channel takes complementary cmos / ttl digital input data and converts it to bi-phase manchester encoded 1553 signals suitable for driving the bus isolation transformer. separate transmitter inhibit control signals are provided for each transmitter. the receiver section of each channel converts the 1553 bus bi-phase data to complementary cmos / ttl data suitable for inputting to a manchester decoder. each receiver has a separate enable input which can be used to force the output of the receiver to a logic 0 (hi-1565) or logic 1 (hi-1566). to minimize the package size for this function, the transmitter outputs are internally connected to the receiver inputs, so that only two pins are required for connection to each coupling transformer. vdda 1 busa 2 3 rxena 4 gnda 5 vddb 6 busb 7 8 rxenb 9 gndb 10 busa busb        compliant to mil-std-1553a & b, mil-std-1760, arinc 708a cmos technology for low standby power smallest footprint available in 44-pin plastic chip-scale package with integral heatsink less than 1.0w maximum power dissipation bus pins esd protected to greater than 8kv also available in dip and small outline (esoic) package options military processing options industry standard pin configurations  20 pin ceramic dip package 20 19 txa 18 txinha 17 rxa 16 15 14 txb 13 txinhb 12 rxb 11 txa rxa txb rxb 20 pin plastic esoic - wb package august 2006 (ds1565 rev. a) 08/06 1 busa 2 3 rxena 4 gnda 5 vddb 6 busb 7 8 rxenb 9 gndb 10 vdda busa busb 20 19 txa 18 txinha 17 rxa 16 15 14 txb 13 txinhb 12 rxb 11 txa rxa txb rxb holt integrated circuits www.holtic.com 1565psi 1565pst 1565psm 1565psi 1565pst 1565psm 1565cdi 1565cdt 1565cdm 1566cdi 1566cdt 1566cdm 44 - 43 42 41 busa 40 busa 39 vdda 38 vdda 37 36 txa 35 - 34 - busa busa txa -1 rxena 2 gnda 3 gnda 4 gnda 5 vddb 6 vddb 7 busb 8 busb 9 10 11 busb busb 33 - 32 - 31 txinha 30 rxa 29 28 - 27 - 26 25 txb 24 txinhb 23 - rxa txb -12 -13 -14 -15 rxenb 16 gndb 17 gndb 18 gndb 19 20 rxb 21 -22 rxb 44 pin plastic 7mm x 7mm chip-scale package 1565pci 1565pct 1566pci 1566pct
pin descriptions functional description pin symbol function description (dip/esoic) 1 vdda power supply +5 volt power for channel a 2 busa analog output mil-std-1533 bus driver a, positive signal 3 analog output mil-std-1553 bus driver a, negative signal 4 rxena digital input receiver a enable. if low, forces rxa and low (hi-1565) or high (hi-1566) 5 gnda power supply ground for channel a 6 vddb 7 busb 9 rxenb 10 gndb 11 12 rxb digital output receiver b output, non-inverted 13 txinhb digital input transmit inhibit, channel b. if high busb, disabled 14 txb digital input transmitter b digital data input, non-inverted 15 digital input transmitter b digital data input, inverted 16 digital output busa rxa busb txb rxa power supply +5 volt power for channel b analog output mil-std-1533 bus driver b, positive signal 8 analog output mil-std-1553 bus driver b, negative signal digital input receiver b enable. if low, forces rxb and low (hi-1565) or high (hi-1566) power supply ground for channel b digital output receiver b output, inverted receiver a output, inverted 17 rxa digital output receiver a output, non-inverted 18 txinha digital input transmit inhibit, channel a. if high busa, disabled 19 txa digital input transmitter a digital data input, non-inverted 20 digital input transmitter a digital data input, inverted busb rxb rxb busa txa the hi-1565 family of data bus transceivers contain differ- ential voltage source drivers and differential receivers. they are intended for applications using a mil-std-1553 a/b data bus. the device produces a trapezoidal output waveform during transmission. data input to the device?s transmitter section is from the complementary cmos /ttl inputs txa/b and / . the transmitter accepts manchester ii bi-phase data and converts it to differential voltages on . the transceiver outputs are either direct or transformer coupled to the mil-std-1553 data bus. both coupling methods produce a nominal voltage on the bus of 7.5 volts peak to peak. transmitter txa b busa/b and / the transmitter is automatically inhibited and placed in the high impedance state when both txa/b and / are ei- ther at a logic ?1? or logic ?0? simultaneously. a logic ?1? ap- plied to the txinha/b input will force the transmitter to the high impedance state, regardless of the state of txa/b and / busa b txa b txa b. receiver the receiver accepts bi-phase differential data from the mil-std-1553 bus through the same direct or transformer coupled interface as the transmitter. the receiver?s differ- ential input stage drives a filter and threshold comparator that produces cmos/ttl data at the rxa/b and / output pins. rxa b each set of receiver outputs can be independently forced to a logic "0" (hi-1565) or logic ?1? (hi-1566) by setting rxena or rxenb low. a direct coupled interface (see figure 2) uses a 1:2.5 ratio isolation transformer and two 55 ohm isolation resistors between the transformer and the bus. in a transformer coupled interface (see figure 3), the transceiver is connected to a 1:1.79 isolation transformer which in turn is connected to a 1:1.4 coupling transformer. the transformer coupled method also requires two coupling resistors equal to 75% of the bus characteristic impedence (zo) between the coupling transformer and the bus. mil-std-1553 bus interface hi-1565, hi-1566 holt integrated circuits 2
transmit waveform - example pattern txa/b txa/b busa/b - busa/b figure 1. block diagram txa/b txa/b txinha/b rxa/b rxa/b rxena/b each channel transmit logic receive logic slope control comparator input filter busa/b busa/b transmitter receiver data bus isolation transformer coupler network direct or transformer hi-1565, hi-1566 receive waveforms - example pattern rxa/b rxa/b vin (line to line) t dr t dr t rg t dr t rg t dr holt integrated circuits 3
parameter symbol condition min typ max units operating voltage vdd 4.75 5 5.25 v total supply current icc1 not transmitting 14 22 ma icc2 transmit one channel @ 340 ma 50% duty cycle icc3 transmit one channel @ 550 ma 100% duty cycle power dissipation pd1 not transmitting 0.11 w pd2 transmit one channel @ 0.70 0.95 w 100% duty cycle min. input voltage (hi) v digital inputs 2.0 1.4 v max. input voltage (lo) v digital inputs 1.4 0.8 v min. input current (hi) i v = 4.9v, digital inputs 20 a max. input current (lo) i v = 0.1v, digital inputs -20 a min. output voltage (hi) v i = -0.4ma, digital outputs 2.7 v max. output voltage (lo) v i = 4.0ma, digital outputs 0.4 v input resistance r differential 20 kohm input capacitance c differential 5 pf common mode rejection ratio cmrr 40 db input level v differential 9 vp-p input common mode voltage v -5.0 5.0 v-pk threshold voltage - direct-coupled detect 1.15 20.0 no detect 0.28 threshold voltage - detect 0.86 14.0 no detect 0.20 200 400 v 1 mhz sine wave vp-p v (measured at point ?a ? in figure 2) vp-p transformer-coupled v 1 mhz sine wave vp-p v (measured at point ?a ? in figure 3) vp-p ih il ih ih il il oh out ih out d receiver (measured at point ?a ? in figure 2 unless otherwise specified) in in in icm thd thnd thd thnd d t note: stresses above absolute maximum ratings or outside recommended operating conditions may cause permanent damage to the device. these are stress ratings only. operation at the limits is not recommended. supply voltage ( logic input voltage range power dissipation at 25c 1.0 w ceramic dil, derate 7mw/c solder temperature 275c for 10 sec. junction temperature 175c storage temperature -65c to +150c vdd) -0.3 v to +7 v -0.3 v dc to +5.5 v receiver differential voltage 10 vp-p driver peak output current +1.0 a absolute maximum ratings recommended operating conditions supply voltage temperature range industrial screening.........-40c to +85c hi-temp screening........-55c to +125c military screening..........-55c to +125c vdd....................................... 5v... 5% dc electrical characteristics vdd = 5.0v, gnd = 0v, t = operating temperature range (unless otherwise specified). a hi-1565, hi-1566 holt integrated circuits 4
parameter symbol condition min typ max units output voltage direct coupled 35 ohm load 7.0 9.0 vp-p (measured at point ?a ? in figure 2) 70 20.0 27.0 vp-p output noise v differential, inhibited 10.0 mvp-p output dynamic offset voltage v -90 90 mv -250 250 mv output resistance r differential, not transmitting 10 kohm output capacitance c 1 mhz sine wave 15 pf transmitter (measured at point ?a ? in figure 2 unless otherwise specified) d d v transformer coupled v ohm load (measured at point ?a ? in figure 3) direct coupled 35 ohm load (measured at point ?a ? in figure 2) transformer coupled v 70 ohm load (measured at point ?a ? in figure 3) out out dyn t d t on dyn out out dc electrical characteristics (cont.) vdd = 5.0v, gnd = 0v, t = operating temperature range (unless otherwise specified). a ac electrical characteristics vdd = 5.0v, gnd = 0v, t =operating temperature range (unless otherwise specified). a txa/b txa/b txinha/b transmitter receiver 1:2.5 point ?a ? d 55  55  35  2.5:1 55  55  35  rxena/b busa/b busa/b rxa/b rxa/b figure 2. direct coupled test circuits hi-1565, hi-1566 isolation transformer isolation transformer point ?a ? d parameter symbol test conditions min typ max units receiver enable delay tren from rxena/b rising or falling edge to 40 ns rxa/b or driver delay tdt txa/b, txa/b to busa/b, busa/b 150 ns rise time tr 35 ohm load 100 300 ns fall time tf 35 ohm load 100 300 ns inhibit delay tdi-h inhibited output 100 ns tdi-l active output 150 ns receiver transmitter (measured at point ?a ? in figure 2) (measured at point ?a ? in figure 2) d d receiver delay tdr from input zero crossing to rxa/b or 450 ns receiver gap time trg spacing between rxa/b and rxa/b pulses 90 365 ns rxa/b rxa/b holt integrated circuits 5
t a =25c t a =85c t a =125c hi-1565cdi / t / m hi-1566cdi / t / m hi-1565pci / t hi-1566pci / t data taken at vdd=5.0v, continuous transmission at 1mbit/s, single transmitter enabled. 62c 122c package style condition ? ja 54c/w junction temperature 162c hi-1565psi / t / m hi-1566psi / t / m heat sink unsoldered heat sink soldered 157c 117c 57c part number 129c 169c 47c/w 44-pin plastic chip- scale package heat sink unsoldered 49c/w 59c 119c 159c 20-pin thermally enhanced plastic soic (esoic) 20-pin ceramic side-brazed dip socketed 62c/w 69c txa/b txa/b txinha/b transmitter busa/b busa/b 52.5 (.75 zo)  52.5 (.75 zo)  1.79:1 1:1.79 1:1.4 1.4:1 35 (.5 zo)  figure 3. transformer coupled test circuits hi-1565, hi-1566 thermal characteristics coupling transformer coupling transformer isolation transformer isolation transformer receiver 52.5 (.75 zo)  52.5 (.75 zo)  35 (.5 zo)  rxa/b rxa/b rxena/b point ?a ? t point ?a ? t both the hi-1565psi/t/m and hi-1566psi/t/m use a 20-pin thermally enhanced soic package. the hi-1565pci/t and hi-1566pci/t use a plastic chip-scale package. these packages include a metal heat sink located on the bottom surface of the device. this heat sink should be soldered down to the printed circuit board for optimum thermal dissipation. the heat sink is electrically isolated and may be soldered to any convenient power or ground plane.. heat sink - esoic & chip-scale package holt integrated circuits 6 applications note holt applications note an-500 provides circuit design notes regarding the use of holt's family of mil-std-1553 transceivers. layout considerations, as well as recommended interface and protection components are included.
ordering information hi - (plastic) 156x xx x x package description 20 pin plastic esoic (wide body, thermally enhanced soic w/heat sink) 44 pin plastic chip-scale (lpcc) part number ps pc lead finish part number 100% matte tin (pb-free, rohs compliant) f blank hi - (ceramic) 156xcd x temperature range flow burn in -40c to +85c no i -55c to +125c no t part number t i rxenb = 0 part number 1566 1565 -55c to +125c yes m m rxa rxa rxb 0 1 0 1 0 1 0 1 rxb rxena = 0 20 pin ceramic side brazed dip rxenb = 0 part number 1566cd 1565cd rxa rxa rxb 0 1 0 1 0 1 0 1 rxb 20 pin ceramic side brazed dip package description rxena = 0 tin / lead (sn / pb) solder tin / lead (sn / pb) solder lead finish gold (pb-free, rohs compliant) gold (pb-free, rohs compliant) temperature range flow burn in -40c to +85c no i -55c to +125c no t part number t i -55c to +125c yes m m recommended transformers the hi-1565 and hi-1566 transceivers have been characterized for compliance with the electrical require- ments of mil-std-1553 when used with the following manufacturer part number application turns ratio(s) dimensions technotrol tl1553-45 isolation dual tapped 1:1.79, 1:2.5 .630 x 630 x .155 inches premier magnetics pm-db2725ex isolation dual tapped 1:1.79, 1:2.5 .500 x .500 x .375 inches technotrol tq1553-2 stub coupling 1:1.4 .625 x .625 x .250 inches premier magnetics pm-db2702 stub coupling 1:1.4 .625 x .500 x .250 inches transformers. holt recommends the premier magnetics parts as offering the best combination of electrical performance, low cost and small footprint. holt integrated circuits 7 hi-1565, hi-1566
.5035 .0075 (12.789 .191) .296 .003 (7.518 .076) .050 (1.27) 0 to 8 .090 .010 (2.286 .254) typ .018 (.457) typ. see detail a detail a package type: 20-pin plastic small outline (esoic) - wb (wide body, thermally enhanced) 24hew .215 (5.461) typ. .300 (7.620) typ. heat sink stud on bottom of package. bottom view top view .4065 .0125 (10.325 .318) .033 .017 (.838 .432) .0075 .0035 (.191 .889) .0105 .0015 (.2667 .0381) package dimensions inches (millimeters) holt integrated circuits 8 p ackage t ype : .017 .002 (.432 .051) .100 .005 (2.540 .127) .310 .010 (7.874 .254) .125 min. (3.175 min.) .050 typ. (1.270 typ.) .200 max. (5.080 max.) 1.000 .010 (25.400 .254) .010 + .002/- .001 (.254 + .051/- .025) .300 .010 (7.620 .254) .085 .009 (2.159 .229) 20-pin ceramic side-brazed dip 20c .025 (.635) min.. .025 (.635) min..
package dimensions millimeters holt integrated circuits 9 heat sink stud on bottom of package. 7.00 .10 7.00 .10 5.65 .15 5.65 .15 0.40 .05 0.25 typ 0.50 0.2 typ 0.90 .10 44-pin plastic chip-scale package


▲Up To Search▲   

 
Price & Availability of HI-1566CDT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X