Part Number Hot Search : 
MB810 EL3021 DTL1638 74ABT540 HCT100 11084 00BGI MLD5120
Product Description
Full Text Search
 

To Download DBL101G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  creat by art ? ul recognized file # e-326854 ? glass passivated junction ? high surge current capability mechanical data dbl10xg = specific device code g = green compound y = year ww = work week maximum ratings and electrical characteristics rating at 25 ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% symbol dbl 101g dbl 102g dbl 103g dbl 104g dbl 105g dbl 106g dbl 107g unit v rrm 50 100 200 400 600 800 1000 v v rms 35 70 140 280 420 560 700 v v dc 50 100 200 400 600 800 1000 v i f(av) a i fsm a cj pf t j o c t stg o c notes 2: thermal resistance from junction to ambient and from junction to lead mounted on p.c.b. with 0.2" x 0.2"(5mm x 5mm) copper pads. 40 30 typical junction capabitance 25 10 500 1 o c/w ? green compound with suffix "g" on packing code & prefix "g" on datecode 1.1 maximum dc reverse current @t a =25 at rated dc block voltage @ t a =125 i r ua DBL101G - dbl107g marking diagram dbl notes 1: pulse test with pw=300 usec, 1% duty cycle ? reliable low cost construction utilizing molded plastic technique r ja r jl 40 15 typical thermal resistance (note 2) maximum instantaneous forward voltage (note 1) @1.0a v f peak forward surge current, 8.3 ms single half sine- wave superimposed on rated load (jedec method) ? case: molded plastic body maximum repetitive peak reverse voltage maximum rms voltage maximum dc blocking voltage ? terminals: pure tin plated, lead free, solderable per mil-std-202, method 208 single phase 1.0amp. glass passivated bridge rectifiers features ? ideal for printed circuit board ? weight: 0.37 grams dimensions in inches and (millimeters) ? high temperature soldering guaranteed: 260 / 10 seconds at 5lbs., (2.3kg) tension type number maximum average forward rectified current @t a =40 - 55 to + 150 operating temperature range storage temperature range - 55 to + 150 version:h11 v pb rohs compliance rohs compliance
version:h11 ratings and characteristic curves (DBL101G thru dbl107g) fig.1 forward current derating curve 0 0.5 1 1.5 0 20 40 60 80 100 120 140 160 ambient temperature ( o c) average forward current (a) resistive or inductive load fig. 3 maximum non-repetitive forward surge current 0 10 20 30 40 1 10 100 number of cycles at 60 hz peak forward surge current (a) 8.3ms single half sine wave (jedec method) DBL101G - 105g dbl106g - 107g fig. 2 typical reverse characteristics 0.01 0.1 1 10 100 0 20 40 60 80 100 120 140 percent of rated peak reverse voltage (%) instantaneous reverse current (ua) ta=25 ta=125 fig. 4 typical junction capacitance 1 10 100 1 10 100 reverse voltage (v) capacitance (pf) a fig. 5 typical forward characterisrics 0.01 0.1 1 10 0.4 0.6 0.8 1 1.2 1.4 1.6 forward voltage (v) instantaneous forward current (a)


▲Up To Search▲   

 
Price & Availability of DBL101G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X