Part Number Hot Search : 
03002 722R243 BA6303 40611 MBRS320 SK3756 AM79C901 AZ703000
Product Description
Full Text Search
 

To Download CY7C1311JV18-250BZC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  18-mbit qdr ? ii sram 4-word burst architecture cy7c1311jv18/cy7c1911jv18 cy7c1313jv18/cy7c1315jv18 cypress semiconductor corporation ? 198 champion court ? san jose , ca 95134-1709 ? 408-943-2600 document number: 001-12562 rev. *d revised august 04, 2009 features separate independent read and write data ports ? supports concurrent transactions 300 mhz clock for high bandwidth 4-word burst for reducing address bus frequency double data rate (ddr) interfaces on both read and write ports (data transferred at 600 mhz) at 300 mhz two input clocks (k and k ) for precise ddr timing ? sram uses rising edges only two input clocks for output data (c and c ) to minimize clock skew and flight time mismatches echo clocks (cq and cq ) simplify data capture in high speed systems single multiplexed address i nput bus latches address inputs for both read and write ports separate port select s for depth expansion synchronous internally self-timed writes qdr ? ii operates with 1.5 cycle read latency when the delay lock loop (dll) is enabled operates like a qdr i device with 1 cycle read latency in dll off mode available in x8, x9, x18, and x36 configurations full data coherency, providing most current data core v dd = 1.8 (0.1v); io v ddq = 1.4v to v dd available in 165-ball fbga package (13 x 15 x 1.4 mm) offered in both pb-free and non pb-free packages variable drive hstl output buffers jtag 1149.1 compatib le test access port delay lock loop (dll) for a ccurate data placement configurations cy7c1311jv18 ? 2m x 8 cy7c1911jv18 ? 2m x 9 cy7c1313jv18 ? 1m x 18 cy7c1315jv18 ? 512k x 36 functional description the cy7c1311jv18, cy7c1911jv18, cy7c1313jv18, and cy7c1315jv18 are 1.8v synchronous pipelined srams, equipped with qdr ii architecture. qdr ii architecture consists of two separate ports: the read port and the write port to access the memory array. the read port has dedicated data outputs to support read operations and th e write port has dedicated data inputs to support write operations. qdr ii architecture has separate data inputs and data outputs to eliminate the need to ?turnaround? the data bus required with common io devices. access to each port is accomplished through a common address bus. addresses for read and wr ite addresses are latched on alternate rising edges of the input (k) clock. accesses to the qdr ii read and write ports are completely independent of one another. in order to maximize data throughput, both read and write ports are provided with ddr interfaces. each address location is associated with four 8-bit words (cy7c1311jv18) or 9-bit words (cy7c1911jv18) or 18-bit words (cy7c1313jv18) or 36-bit words (cy7c1315jv18) that burst sequentially into or out of the device. because data is transferred into and out of the device on every rising edge of both input clocks (k and k and c and c ), memory bandwidth is maximized while simplifying system design by eliminating bus ?turnarounds?. depth expansion is accomplished with port selects, which enables each port to operate independently. all synchronous inputs pass through input registers controlled by the k or k input clocks. all data outputs pass through output registers controlled by the c or c (or k or k in a single clock domain) input clocks. writes are conducted with on-chip synchronous self-timed write circuitry. selection guide description 300 mhz 250 mhz unit maximum operating frequency 300 250 mhz maximum operating current x8 730 665 ma x9 735 675 x18 790 705 x36 895 830 [+] feedback
cy7c1311jv18/cy7c1911jv18 cy7c1313jv18/cy7c1315jv18 document number: 001-12562 rev. *d page 2 of 27 logic block diagra m (cy7c1311jv18) logic block diagra m (cy7c1911jv18) 512k x 8 array clk a (18:0) gen. k k control logic address register d [7:0] read add. decode read data reg. rps wps control logic address register reg. reg. reg. 16 19 32 8 nws [1:0] v ref write add. decode write reg 16 a (18:0) 19 512k x 8 array 512k x 8 array 512k x 8 array 8 cq cq doff q [7:0] 8 8 8 8 write reg write reg write reg c c 512k x 9 array clk a (18:0) gen. k k control logic address register d [8:0] read add. decode read data reg. rps wps control logic address register reg. reg. reg. 18 19 36 9 bws [0] v ref write add. decode write reg 18 a (18:0) 19 512k x 9 array 512k x 9 array 512k x 9 array 9 cq cq doff q [8:0] 9 9 9 9 write reg write reg write reg c c [+] feedback
cy7c1311jv18/cy7c1911jv18 cy7c1313jv18/cy7c1315jv18 document number: 001-12562 rev. *d page 3 of 27 logic block diagram (cy7c1313jv18) logic block diagram (cy7c1315jv18) clk a (17:0) gen. k k control logic address register d [17:0] read add. decode read data reg. rps wps control logic address register reg. reg. reg. 36 18 72 18 bws [1:0] v ref write add. decode write reg 36 a (17:0) 18 18 cq cq doff q [17:0] 18 18 18 18 write reg write reg write reg c c 256k x 18 array 256k x 18 array 256k x 18 array 256k x 18 array 128k x 36 array clk a (16:0) gen. k k control logic address register d [35:0] read add. decode read data reg. rps wps control logic address register reg. reg. reg. 72 17 144 36 bws [3:0] v ref write add. decode write reg 72 a (16:0) 17 128k x 36 array 128k x 36 array 128k x 36 array 36 cq cq doff q [35:0] 36 36 36 36 write reg write reg write reg c c [+] feedback
cy7c1311jv18/cy7c1911jv18 cy7c1313jv18/cy7c1315jv18 document number: 001-12562 rev. *d page 4 of 27 pin configuration the pin configuration for cy7c1311jv18, cy7c19 11jv18, cy7c1313jv18, and cy7c1315jv18 follow. [1] 165-ball fbga (13 x 15 x 1.4 mm) pinout cy7c1311jv18 (2m x 8) 1 2 3 4 5 6 7 8 9 10 11 a cq nc/72m a wps nws 1 k nc/144m rps a nc/36m cq b nc nc nc a nc/288m k nws 0 ancncq3 c nc nc nc v ss ancav ss nc nc d3 d nc d4 nc v ss v ss v ss v ss v ss nc nc nc e nc nc q4 v ddq v ss v ss v ss v ddq nc d2 q2 f nc nc nc v ddq v dd v ss v dd v ddq nc nc nc g nc d5 q5 v ddq v dd v ss v dd v ddq nc nc nc h doff v ref v ddq v ddq v dd v ss v dd v ddq v ddq v ref zq j nc nc nc v ddq v dd v ss v dd v ddq nc q1 d1 k nc nc nc v ddq v dd v ss v dd v ddq nc nc nc l nc q6 d6 v ddq v ss v ss v ss v ddq nc nc q0 m nc nc nc v ss v ss v ss v ss v ss nc nc d0 n nc d7 nc v ss aaav ss nc nc nc p nc nc q7 a a c a a nc nc nc r tdo tck a a a c aaatmstdi cy7c1911jv18 (2m x 9) 1 2 3 4 5 6 7 8 9 10 11 a cq nc/72m a wps nc k nc/144m rps a nc/36m cq b nc nc nc a nc/288m k bws 0 ancncq4 c nc nc nc v ss ancav ss nc nc d4 d nc d5 nc v ss v ss v ss v ss v ss nc nc nc e nc nc q5 v ddq v ss v ss v ss v ddq nc d3 q3 f nc nc nc v ddq v dd v ss v dd v ddq nc nc nc g nc d6 q6 v ddq v dd v ss v dd v ddq nc nc nc h doff v ref v ddq v ddq v dd v ss v dd v ddq v ddq v ref zq j nc nc nc v ddq v dd v ss v dd v ddq nc q2 d2 k nc nc nc v ddq v dd v ss v dd v ddq nc nc nc l nc q7 d7 v ddq v ss v ss v ss v ddq nc nc q1 m nc nc nc v ss v ss v ss v ss v ss nc nc d1 n nc d8 nc v ss aaav ss nc nc nc p nc nc q8 a a c a a nc d0 q0 r tdo tck a a a c aaatmstdi note 1. nc/36m, nc/72m, nc/144m and nc/288m are not connected to the die and can be tied to any voltage level. [+] feedback
cy7c1311jv18/cy7c1911jv18 cy7c1313jv18/cy7c1315jv18 document number: 001-12562 rev. *d page 5 of 27 cy7c1313jv18 (1m x 18) 1 2 3 4 5 6 7 8 9 10 11 a cq nc/144m nc/36m wps bws 1 k nc/288m rps a nc/72m cq b nc q9 d9 a nc k bws 0 ancncq8 c nc nc d10 v ss ancav ss nc q7 d8 d nc d11 q10 v ss v ss v ss v ss v ss nc nc d7 e nc nc q11 v ddq v ss v ss v ss v ddq nc d6 q6 f nc q12 d12 v ddq v dd v ss v dd v ddq nc nc q5 g nc d13 q13 v ddq v dd v ss v dd v ddq nc nc d5 h doff v ref v ddq v ddq v dd v ss v dd v ddq v ddq v ref zq j nc nc d14 v ddq v dd v ss v dd v ddq nc q4 d4 k nc nc q14 v ddq v dd v ss v dd v ddq nc d3 q3 l nc q15 d15 v ddq v ss v ss v ss v ddq nc nc q2 m nc nc d16 v ss v ss v ss v ss v ss nc q1 d2 n nc d17 q16 v ss aaav ss nc nc d1 p nc nc q17 a a c a a nc d0 q0 r tdo tck a a a c aaatmstdi cy7c1315jv18 (512k x 36) 1 2 3 4 5 6 7 8 9 10 11 a cq nc/288m nc/72m wps bws 2 k bws 1 rps nc/36m nc/144m cq b q27 q18 d18 a bws 3 kbws 0 ad17q17q8 c d27 q28 d19 v ss ancav ss d16 q7 d8 d d28 d20 q19 v ss v ss v ss v ss v ss q16 d15 d7 e q29 d29 q20 v ddq v ss v ss v ss v ddq q15 d6 q6 f q30 q21 d21 v ddq v dd v ss v dd v ddq d14 q14 q5 g d30 d22 q22 v ddq v dd v ss v dd v ddq q13 d13 d5 h doff v ref v ddq v ddq v dd v ss v dd v ddq v ddq v ref zq j d31 q31 d23 v ddq v dd v ss v dd v ddq d12 q4 d4 k q32 d32 q23 v ddq v dd v ss v dd v ddq q12 d3 q3 l q33 q24 d24 v ddq v ss v ss v ss v ddq d11 q11 q2 m d33 q34 d25 v ss v ss v ss v ss v ss d10 q1 d2 n d34 d26 q25 v ss aaav ss q10 d9 d1 p q35 d35 q26 a a c a a q9 d0 q0 r tdo tck a a a c aaatmstdi pin configuration the pin configuration for cy7c1311jv18, cy7c19 11jv18, cy7c1313jv18, and cy7c1315jv18 follow. [1] (continued) 165-ball fbga (13 x 15 x 1.4 mm) pinout [+] feedback
cy7c1311jv18/cy7c1911jv18 cy7c1313jv18/cy7c1315jv18 document number: 001-12562 rev. *d page 6 of 27 pin definitions pin name io pin description d [x:0] input- synchronous data input signals . sampled on the rising edge of k and k clocks during valid write operations. cy7c1311jv18 ? d [7:0] cy7c1911jv18 ? d [8:0] cy7c1313jv18 ? d [17:0] cy7c1315jv18 ? d [35:0] wps input- synchronous write port select ? active low . sampled on the rising edge of the k clock. when asserted active, a write operation is initiated. dea sserting deselects the write port. deselecting the write port ignores d [x:0] . nws 0 , nws 1 input- synchronous nibble write select 0, 1 ? active low (cy7c1311jv18 only) . sampled on the rising edge of the k and k clocks during write operations. used to select wh ich nibble is written int o the device during the current portion of the write operations . nibbles not written remain unaltered. nws 0 controls d [3:0] and nws 1 controls d [7:4] . all the nibble write selects are sampled on the same edge as the data. deselecting a nibble write select ignores the corresponding nibble of data and it is not written into the device. bws 0 , bws 1 , bws 2 , bws 3 input- synchronous byte write select 0, 1, 2, and 3 ? active low . sampled on the rising edge of the k and k clocks during write operations. used to select which byte is written int o the device during the current portion of the write operations. bytes not written remain unaltered. cy7c1911jv18 ? bws 0 controls d [8:0] cy7c1313jv18 ? bws 0 controls d [8:0] and bws 1 controls d [17:9]. cy7c1315jv18 ? bws 0 controls d [8:0] , bws 1 controls d [17:9] , bws 2 controls d [26:18] and bws 3 controls d [35:27]. all the byte write selects are sampled on the same edge as the data. deselecting a byte write select ignores the corresponding byte of data and it is not written into the device. a input- synchronous address inputs . sampled on the rising edge of the k clock du ring active read and write operations. these address inputs are multiplexed for both read and writ e operations. internally, the device is organized as 2m x 8 (4 arrays each of 512k x 8) for cy7c1311 jv18, 2m x 9 (4 arrays each of 512k x 9) for cy7c1911jv18,1m x 18 (4 arrays each of 256k x 18) for cy7c1313jv18 and 512k x 36 (4 arrays each of 128k x 36) for cy7c1315jv18. th erefore, only 19 address inputs are needed to access the entire memory array of cy7c1311jv18 and cy7c1911jv18, 18 address inputs for cy7c1313jv18 and 17 address inputs for cy7c1315jv18. these inputs ar e ignored when the appropriate port is deselected. q [x:0] output- synchronous data output signals . these pins drive out the requested data during a read operation. valid data is driven out on the rising edge of both the c and c clocks during read operations, or k and k when in single clock mode. when the read port is deselected, q [x:0] are automatically tri-stated. cy7c1311jv18 ? q [7:0] cy7c1911jv18 ? q [8:0] cy7c1313jv18 ? q [17:0] cy7c1315jv18 ? q [35:0] rps input- synchronous read port select ? active low . sampled on the rising edge of positive input clock (k). when active, a read operation is initiated. deasse rting deselects the read port. when deselected, the pending access is allowed to complete and the output drivers are automatically tri-stated following the next rising edge of the c clock. each read access consists of a burst of four sequential transfers. c input clock positive input clock for output data . c is used in conjunction with c to clock out the read data from the device. c and c are used together to deskew the flight times of various devices on the board back to the controller. see application example on page 10 for further details. c input clock negative input clock for output data . c is used in conjunction with c to clock out the read data from the device. c and c are used together to deskew the flight times of various devices on the board back to the controller. see application example on page 10 for further details. k input clock positive input clock input . the rising edge of k is used to c apture synchronous inputs to the device and to drive out data through q [x:0] when in single clock mode. all acce sses are initiated on the rising edge of k. k input clock negative input clock input . k is used to capture synchronous inp uts being presented to the device and to drive out data through q [x:0] when in single clock mode. [+] feedback
cy7c1311jv18/cy7c1911jv18 cy7c1313jv18/cy7c1315jv18 document number: 001-12562 rev. *d page 7 of 27 cq echo clock cq is referenced with respect to c . this is a free running clock and is synchronized to the input clock for output data (c) of the qdr ii. in single clock mode , cq is generated with respect to k. the timing for the echo clocks is shown in switching characteristics on page 23. cq echo clock cq is referenced with respect to c . this is a free running clock and is synchronized to the input clock for output data (c ) of the qdr ii. in single clock mode, cq is generated with respect to k . the timing for the echo clocks is shown in switching characteristics on page 23. zq input output impedance matching input . this input is used to tune the dev ice outputs to the system data bus impedance. cq, cq , and q [x:0] output impedance are set to 0.2 x rq, where rq is a resistor connected between zq and ground. alternatively, this pin can be connected directly to v ddq , which enables the minimum impedance mode. this pin cannot be connected directly to gnd or left unconnected. doff input dll turn off ? active low . connecting this pin to ground turns off the dll inside the device. the timings in the dll turned off differs from those listed in this data sheet. for normal operation, this pin is connected to a pull up through a 10 k or less pull up resistor. the device behaves in qdr i mode when the dll is turned off. in this mode, the device can be operated at a frequency of up to 167 mhz with qdr i timing. tdo output tdo for jtag . tck input tck pin for jtag . tdi input tdi pin for jtag . tms input tms pin for jtag . nc n/a not connected to the die . can be tied to any voltage level. nc/36m n/a not connected to the die . can be tied to any voltage level. nc/72m n/a not connected to the die . can be tied to any voltage level. nc /144m n/a not connected to the die . can be tied to any voltage level. nc /288m n/a not connected to the die . can be tied to any voltage level. v ref input- reference reference voltage input . static input used to set the reference level for hstl inputs, outputs, and ac measurement points. v dd supply power supply inputs to the core of the device . v ss ground ground for the device . v ddq power supply power supply inputs for the outputs of the device . pin definitions (continued) pin name io pin description [+] feedback
cy7c1311jv18/cy7c1911jv18 cy7c1313jv18/cy7c1315jv18 document number: 001-12562 rev. *d page 8 of 27 functional overview the cy7c1311jv18, cy7c1911jv18, cy7c1313jv18, cy7c1315jv18 are synchronous pipelined burst srams with a read port and a write port. the read port is dedicated to read operations and the write port is dedicated to write operations. data flows into the sram through the write port and flows out through the read port. these devices multiplex the address inputs in order to minimize the number of address pins required. by having separate read and wr ite ports, the qdr ii completely eliminates the need to ?turnar ound? the data bus and avoids any possible data contention, ther eby simplifyi ng system design. each access consists of four 8- bit data transfers in the case of cy7c1311jv18, four 9-bit data transfers in the case of cy7c1911jv18, four 18-bit data transfers in the case of cy7c1313jv18, and four 36-bit data transfers in the case of cy7c1315jv18 in two clock cycles. this device operates with a read latency of one and a half cycles when the doff pin is tied high. when the doff pin is set low or connected to v ss the device behaves in qdr i mode with a read latency of one clock cycle. accesses for both ports are initiated on the positive input clock (k). all synchronous input timing is referenced from the rising edge of the input clocks (k and k ) and all output timing is refer- enced to the output clocks (c and c , or k and k when in single clock mode). all synchronous data inputs (d [x:0] ) pass through input registers controlled by the input clocks (k and k ). all synchronous data outputs (q [x:0] ) pass through output registers controlled by the rising edge of the ou tput clocks (c and c , or k and k when in single clock mode). all synchronous control (rps , wps , bws [x:0] ) inputs pass through input registers controlled by the rising edge of the input clocks (k and k ). cy7c1313jv18 is described in the following sections. the same basic descriptions apply to cy7c1311jv18, cy7c1911jv18, and cy7c1315jv18. read operations the cy7c1313jv18 is organized internally as four arrays of 256k x 18. accesses are completed in a burst of four sequential 18-bit data words. read operatio ns are initiated by asserting rps active at the rising edge of t he positive input clock (k). the address presented to address inputs is stored in the read address register. fo llowing the next k clock rise, the corresponding lowest order 18-bit word of data is driven onto the q [17:0] using c as the output timing reference. on the subsequent rising edge of c the ne xt 18-bit data word is driven onto the q [17:0] . this process continues until all four 18-bit data words have been driven out onto q [17:0] . the requested data is valid 0.45 ns from the rising ed ge of the output clock (c or c , or k or k when in single clock mode). in order to maintain the internal logic, enable each read access to complete. each read access consists of four 18-bit data words and takes two clock cycles to complete. therefore, read accesses to the device cannot be initiated on two consec utive k clock rises. the internal logic of the device ignores the second read request. read accesses are initiated on every other k clock rise. doing so pipelines the data flow such that data is transferred out of the device on every rising edge of the output clocks (c and c , or k and k when in single clock mode). when the read port is deselected, the cy7c1311jv18 first completes the pending read transactions. synchronous internal circuitry automatically tri-states the outputs following the next rising edge of the positive output clock (c). this enables a seamless transition between devices without the insertion of wait states in a depth expanded memory. write operations write operations are init iated by asserting wps active at the rising edge of the positive input clock (k). on the following k clock rise the data presented to d [17:0] is latched and stored into the lower 18-bit write data register, provided bws [1:0] are both asserted active. on the subseque nt rising edge of the negative input clock (k ) the information presented to d [17:0] is also stored in the write data register, provided bws [1:0] are both asserted active. this process continues for one more cycle until four 18-bit words (a total of 72 bits) of data are stored in the sram. the 72 bits of data are then written into the memory array at the specified location. therefore, write acce sses to the device cannot be initiated on two consecutive k c lock rises. the internal logic of the device ignores the second wr ite request. write accesses are initiated on every other rising edge of the positive input clock (k). doing so pipelines the data flow such that 18 bits of data are transferred into the device on every rising edge of the input clocks (k and k ). when deselected, the write port ignores all inputs after the pending write operations have been completed. byte write operations byte write operations are supported by the cy7c1311jv18. a write operation is initi ated as described in the write operations section. the bytes that are wr itten are determined by bws 0 and bws 1 , which are sampled with each set of 18-bit data words. asserting the byte write select input during the data portion of a write latches the data being presented and writes it into the device. deasserting the byte write select input during the data portion of a write enables the data stored in the device for that byte to remain unaltered. this feature is used to simplify read, modify, or write operations to a byte write operation. single clock mode the cy7c1311jv18 is used with a single clock that controls both the input and output registers. in this mode the device recog- nizes only a single pair of input clocks (k and k ) that control both the input and output registers. this operation is identical to the operation if the device had zero skew between the k/k and c/c clocks. all timing parameters remain the same in this mode. to use this mode of operation, tie c and c high at power on. this function is a strap option and not alterable during device operation. [+] feedback
cy7c1311jv18/cy7c1911jv18 cy7c1313jv18/cy7c1315jv18 document number: 001-12562 rev. *d page 9 of 27 concurrent transactions the read and write ports on the cy7c1311jv18 operate indepen- dently of one another. as each port latches the address inputs on different clock edges, the user r eads or writes to any location, regardless of the transaction on the other port. if the ports access the same location when a read fo llows a write in successive clock cycles, the sram delivers th e most recent information associated with the specified address location. this includes forwarding data from a write cycle that was initiated on the previous k clock rise. schedule read accesses and write access such that one transaction is initiated on any clock cycle. if both ports are selected on the same k clock rise, the arbitration depends on the previous state of the sram. if both ports were deselected, the read port takes priority. if a read was initiated on the previous cycle, the write port takes priority (as read operations cannot be initiated on consecutive cycles). if a write was initiated on the previous cycle, the read port takes priority (as write operations cannot be initiated on consecutiv e cycles). therefore, asserting both port selects active from a deselected state results in alternating read or write operations being initiated, with the first access being a read. depth expansion the cy7c1311jv18 has a port select input for each port. this enables easy depth expansion. both port selects are sampled on the rising edge of the positive in put clock only (k). each port select input deselects the specif ied port. deselecting a port does not affect the other port. all pendi ng transactions (read and write) are completed before the device is deselected. programmable impedance connect an external resistor, rq, between the zq pin on the sram and v ss to enable the sram to adjust its output driver impedance. the value of rq is five times the value of the intended line impedance driven by the sram. the allowable range of rq to guarantee impedance matching with a tolerance of 15 percent is between 175 and 350 , with v ddq =1.5v. the output impedance is adjusted every 1024 cycles upon power up to account for drifts in supply voltage and temperature. echo clocks echo clocks are provided on the q dr ii to simplify data capture on high speed systems. two echo clocks are generated by the qdr ii. cq is referenced with respect to c and cq is referenced with respect to c . these are free running clocks and are synchronized to the output clock of the qdr ii. in single clock mode, cq is generated with respect to k and cq is generated with respect to k . the timing for the echo clocks is shown in the switching characteristics on page 23. dll these chips use a dll that is designed to function between 120 mhz and the specified maximum clock frequency. during power up, when the doff is tied high, the dll is locked after 1024 cycles of stable clock. the dll is also reset by slowing or stopping the input clock k and k for a minimum of 30 ns. however, it is not necessary to reset the dll to lock to the desired frequency. the dll automatically locks 1024 clock cycles after a stable clock is presented. disable the dll by applying ground to the doff pin. when the dll is turned off, the device behaves in qdr i mode (with one cycle latency and a longer access time). for information refer to the application note dll considerations in qdrii/ddrii . [+] feedback
cy7c1311jv18/cy7c1911jv18 cy7c1313jv18/cy7c1315jv18 document number: 001-12562 rev. *d page 10 of 27 application example figure 1 shows four qdr ii used in an application. figure 1. application example truth table the truth table for cy7c1311jv18, cy7c1911jv 18, cy7c1313jv18, and cy7c1315jv18 follows. [2, 3, 4, 5, 6, 7] operation k rps wps dq dq dq dq write cycle: load address on the rising edge of k; write data on two consecutive k and k rising edges. l-h h [8] l [9] d(a) at k(t + 1) d(a + 1) at k (t + 1) d(a + 2) at k(t + 2) d(a + 3) at k (t + 2) read cycle: load address on the rising edge of k; wait one and a half cycle; read data on two consecutive c and c rising edges. l-h l [9] xq(a) at c (t + 1) q(a + 1) at c(t + 2) q(a + 2) at c (t + 2) q(a + 3) at c(t + 3) nop: no operation l-h h h d = x q = high-z d = x q = high-z d = x q = high-z d = x q = high-z standby: clock stopped stopped x x previous state previous state previous state previous state r = 250 ohms vt r r = 250 ohms vt vt r vt = vddq/2 r = 50 ohms r cc# d a sram #4 r p s # w p s # b w s # k zq cq/cq# q k# cc# d a k sram #1 r p s # w p s # b w s # zq cq/cq# q k# bus master (cpu or asic) data in data out address rps# wps# bws# source k source k# delayed k delayed k# clkin/clkin# notes 2. x = ?don't care,? h = logic high, l = logic low, represents rising edge. 3. device powers up deselected with the outputs in a tri-state condition. 4. ?a? represents address location latched by the devices when trans action was initiated. a + 1, a + 2, and a +3 represents the address sequence in the burst. 5. ?t? represents the cycle at which a read/wr ite operation is started. t + 1, t + 2, and t + 3 are the first, second and third clock cycles respectively succeeding the ?t? clock cycle. 6. data inputs are registered at k and k rising edges. data outputs are delivered on c and c rising edges, except when in single clock mode. 7. it is recommended that k = k and c = c = high when clock is stopped. this is not essential, but per mits most rapid restart by overcoming transmission line charging symmetrically. 8. if this signal was low to initiate the previous cycl e, this signal becomes a ?don?t care? for this operation. 9. this signal was high on previous k clock rise. initiating c onsecutive read or write operations on consecutive k clock rises i s not permitted. the device ignores the second read or write request. [+] feedback
cy7c1311jv18/cy7c1911jv18 cy7c1313jv18/cy7c1315jv18 document number: 001-12562 rev. *d page 11 of 27 write cycle descriptions the write cycle description table for cy7c1311jv18 and cy7c1313jv18 follows. [2, 10] bws 0 / nws 0 bws 1 / nws 1 k k comments l l l?h ? during the data portion of a write sequence : cy7c1311jv18 ? both nibbles (d [7:0] ) are written into the device. cy7c1313jv18 ? both bytes (d [17:0] ) are written into the device. l l ? l-h during the data portion of a write sequence : cy7c1311jv18 ? both nibbles (d [7:0] ) are written into the device. cy7c1313jv18 ? both bytes (d [17:0] ) are written into the device. l h l?h ? during the data portion of a write sequence : cy7c1311jv18 ? only the lower nibble (d [3:0] ) is written into the device, d [7:4] remains unaltered. cy7c1313jv18 ? only the lower byte (d [8:0] ) is written into the device, d [17:9] remains unaltered. l h ? l?h during the data portion of a write sequence : cy7c1311jv18 ? only the lower nibble (d [3:0] ) is written into the device, d [7:4] remains unaltered. cy7c1313jv18 ? only the lower byte (d [8:0] ) is written into the device, d [17:9] remains unaltered. h l l?h ? during the data portion of a write sequence : cy7c1311jv18 ? only the upper nibble (d [7:4] ) is written into the device, d [3:0] remains unaltered. cy7c1313jv18 ? only the upper byte (d [17:9] ) is written into the device, d [8:0] remains unaltered. h l ? l?h during the data portion of a write sequence : cy7c1311jv18 ? only the upper nibble (d [7:4] ) is written into the device, d [3:0] remains unaltered. cy7c1313jv18 ? only the upper byte (d [17:9] ) is written into the device, d [8:0] remains unaltered. h h l?h ? no data is written into the devices during this portion of a write operation. h h ? l?h no data is written into the devices during this portion of a write operation. write cycle descriptions the write cycle description tabl e for cy7c1911jv18 follows. [2, 10] bws 0 k k comments l l?h ? during the data portion of a write sequence, the single byte (d [8:0] ) is written into the device. l ? l?h during the data portion of a write sequence, the single byte (d [8:0] ) is written into the device. h l?h ? no data is written into the device du ring this portion of a write operation. h ? l?h no data is written into the device du ring this portion of a write operation. note 10. is based on a write cycle that was initiated in accordance with the write cycle descriptions table. nws 0 , nws 1 , bws 0 , bws 1 , bws 2 , and bws 3 can be altered on different portions of a write cycle, as long as the setup and hold requirements are achieved. [+] feedback
cy7c1311jv18/cy7c1911jv18 cy7c1313jv18/cy7c1315jv18 document number: 001-12562 rev. *d page 12 of 27 write cycle descriptions the write cycle description tabl e for cy7c1315jv18 follows. [2, 10] bws 0 bws 1 bws 2 bws 3 k k comments lllll?h?dur ing the data portion of a write sequence, all four bytes (d [35:0] ) are written into the device. llll?l?hdur ing the data portion of a write sequence, all four bytes (d [35:0] ) are written into the device. l h h h l?h ? during the data portion of a writ e sequence, only the lower byte (d [8:0] ) is written into the device. d [35:9] remains unaltered. l h h h ? l?h during the data portion of a writ e sequence, only the lower byte (d [8:0] ) is written into the device. d [35:9] remains unaltered. h l h h l?h ? during the data portion of a write sequence, only the byte (d [17:9] ) is written into the device. d [8:0] and d [35:18] remains unaltered. h l h h ? l?h during the data portion of a write sequence, only the byte (d [17:9] ) is written into the device. d [8:0] and d [35:18] remains unaltered. h h l h l?h ? during the data portion of a write sequence, only the byte (d [26:18] ) is written into the device. d [17:0] and d [35:27] remains unaltered. h h l h ? l?h during the data portion of a write sequence, only the byte (d [26:18] ) is written into the device. d [17:0] and d [35:27] remains unaltered. h h h l l?h ? during the data portion of a write sequence, only the byte (d [35:27] ) is written into the device. d [26:0] remains unaltered. h h h l ? l?h during the data portion of a write sequence, only the byte (d [35:27] ) is written into the device. d [26:0] remains unaltered. hhhhl?h?no data is written into the device during this portion of a write operation. hhhh?l?hno data is written into the device during this portion of a write operation. [+] feedback
cy7c1311jv18/cy7c1911jv18 cy7c1313jv18/cy7c1315jv18 document number: 001-12562 rev. *d page 13 of 27 ieee 1149.1 serial boundary scan (jtag) these srams incorporate a serial boundary scan test access port (tap) in the fbga package. this part is fully compliant with ieee standard 1149.1-2001. the tap operates using jedec standard 1.8v io logic levels. disabling the jtag feature it is possible to operate the sram without using the jtag feature. to disable the tap controller, tie tck low (v ss ) to prevent clocking of the device. td i and tms are internally pulled up and may be unconnected. they may alternatively be connected to v dd through a pull up resistor. leave tdo uncon- nected. upon power up, the device comes up in a reset state, which does not interfere with the operation of the device. test access port?test clock the test clock is used only with the tap controller. all inputs are captured on the rising edge of tck. all outputs are driven from the falling edge of tck. test mode select (tms) the tms input is used to give commands to the tap controller and is sampled on the rising edge of tck. this pin is left uncon- nected if the tap is not used. the pin is pulled up internally, resulting in a logic high level. test data-in (tdi) the tdi pin is used to serially input information into the registers and is connected to the input of any of the registers. the register between tdi and tdo is chosen by the instruction that is loaded into the tap instruction register. for information on loading the instruction register, see the tap controller state diagram on page 15. tdi is internally pulled up and is unconnected if the tap is unused in an application. tdi is connected to the most signif- icant bit (msb) on any register. test data-out (tdo) the tdo output pin is used to serially clock data out from the registers. the output is active, depending upon the current state of the tap state machine (see instruction codes on page 18). the output changes on the falling edge of tck. tdo is connected to the least signific ant bit (lsb) of any register. performing a tap reset a reset is performed by forcing tms high (v dd ) for five rising edges of tck. this reset does not affect the operation of the sram and is performed while the sram is operating. at power up, the tap is reset internally to ensure that tdo comes up in a high-z state. tap registers registers are connected between the tdi and tdo pins to scan the data in and out of the sram test circuitry. only one register is selected at a time through the instruction registers. data is serially loaded into the tdi pin on the rising edge of tck. data is output on the tdo pin on the falling edge of tck. instruction register three-bit instructions are seri ally loaded into the instruction register. this register is loaded when it is placed between the tdi and tdo pins, as shown in tap controller block diagram on page 16. upon power up, the instruction register is loaded with the idcode instruction. it is also loaded with the idcode instruction if the controller is placed in a reset state, as described in the previous section. when the tap controller is in the capture-ir state, the two least significant bits are loaded with a binary ?01? pattern to enable fault isolation of the board level serial test path. bypass register to save time when serially shifting data through registers, skip certain chips. the bypass register is a single-bit register that is placed between tdi and tdo pins. this enables shifting of data through the sram with minimal delay. the bypass register is set low (v ss ) when the bypass instruction is executed. boundary scan register the boundary scan register is connected to all of the input and output pins on the sram. several no connect (nc) pins are also included in the scan register to reserve pins for higher density devices. the boundary scan register is l oaded with the contents of the ram input and output ring when the tap controller is in the capture-dr state and is then placed between the tdi and tdo pins when the controller is moved to the shift-dr state. the extest, sample/preload, and sample z instructions are used to capture the contents of the input and output ring. the boundary scan order on page 19 shows the order in which the bits are connected. each bi t corresponds to one of the bumps on the sram package. the msb of the register is connected to tdi, and the lsb is connected to tdo. identification (id) register the id register is loaded with a vendor-specific, 32-bit code during the capture-dr state when the idcode command is loaded in the instruction register. the idcode is hardwired into the sram and is shifted out when the tap controller is in the shift-dr state. the id register has a vendor code and other infor- mation described in identification register definitions on page 18. tap instruction set eight different instructions are possible with the three-bit instruction register. all combinations are listed in instruction codes on page 18. do not use thr ee of these instructions that are listed as reserved. the ot her five instructions are described in detail below. instructions are loaded into the tap controller during the shift-ir state when the instruction register is placed between tdi and tdo. during this state, instruc tions are shifted through the instruction register through the tdi and tdo pins. to execute the instruction once it is shift ed in, move the tap controller into the update-ir state. idcode the idcode instruction loads a vendor-specific, 32-bit code into the instruction register. it also places the instruction register [+] feedback
cy7c1311jv18/cy7c1911jv18 cy7c1313jv18/cy7c1315jv18 document number: 001-12562 rev. *d page 14 of 27 between the tdi and tdo pins and shifts the idcode out of the device when the tap controller enters the shift-dr state. the idcode instruction is loaded in to the instruction register at power up or whenever the tap controller is given a test-logic-reset state. sample z the sample z instruction connects the boundary scan register between the tdi and tdo pins when the tap controller is in a shift-dr state. the sample z command puts the output bus into a high-z state until the nex t command is given during the update ir state. sample/preload sample/preload is a 1149.1 mandatory instruction. when the sample/preload instructions are loaded into the instruction register and the tap controller is in the capture-dr state, a snapshot of data on the input and output pins is captured in the boundary scan register. the tap controller clock only operates at a frequency up to 20 mhz, while the sram clock operates more than an order of magnitude faster. because there is a large difference in the clock frequencies, it is possible that during the capture-dr state, an input or output undergoes a tr ansition. the tap then tries to capture a signal while in transition (metastable state). this does not harm the device, but there is no guarantee as to the value that is captured. repeatable results may not be possible. to guarantee that the boundary scan register captures the correct value of a signal, stabilize the sram signal long enough to meet the tap controller's capture setup plus hold times (t cs and t ch ). the sram clock input m ight not be captured correctly if there is no way in a design to stop (or slow) the clock during a sample/preload instruction. if th is is an issue, it is still possible to capture all other signals and simply ignore the value of the ck and ck captured in the boundary scan register. once the data is captured, it is possible to shift out the data by putting the tap into the shift-dr state. this places the boundary scan register between the tdi and tdo pins. preload places an initial data pattern at the latched parallel outputs of the boundary scan register cells before the selection of another boundary scan test operation. the shifting of data for the sample and preload phases occurs concurrently when required, that is, while the data captured is shifted out, the preloaded data is shifted in. bypass when the bypass instructio n is loaded in the instruction register and the tap is placed in a shift-dr state, the bypass register is placed between the tdi and tdo pins. the advantage of the bypass instruction is that it shortens the boundary scan path when multiple devices are connected together on a board. extest the extest instruction drives the preloaded data out through the system output pi ns. this instruction also connects the boundary scan register for serial access between the tdi and tdo in the shift-dr controller state. extest output bus tri-state ieee standard 1149.1 mandates t hat the tap controller be able to put the output bus into a tri-state mode. the boundary scan register has a special bit located at bit 47. when this scan cell, called the ?e xtest output bus tri-state?, is latched into the preload register during the update-dr state in the tap controller, it directly controls the state of the output (q-bus) pins, when the extest is entered as the current instruction. when high, it enables the output buffers to drive the output bus. when low, this bit places the output bus into a high-z condition. this bit is set by enteri ng the sample/preload or extest command, and then shifting the de sired bit into that cell, during the shift-dr state. during upda te-dr, the value loaded into that shift-register cell latches into the preload register. when the extest instruction is entered, this bit directly controls the output q-bus pins. note that this bit is pre-set high to enable the output when the device is powered up, and also when the tap controller is in the test-logic-reset state. reserved these instructions are not implemented but are reserved for future use. do not use these instructions. [+] feedback
cy7c1311jv18/cy7c1911jv18 cy7c1313jv18/cy7c1315jv18 document number: 001-12562 rev. *d page 15 of 27 tap controller state diagram the state diagram for the tap controller follows. [11] test-logic reset test-logic/ idle select dr-scan capture-dr shift-dr exit1-dr pause-dr exit2-dr update-dr 1 0 1 1 0 1 0 1 0 0 0 1 1 1 0 1 0 1 0 0 0 1 0 1 1 0 1 0 0 1 1 0 select ir-scan capture-ir shift-ir exit1-ir pause-ir exit2-ir update-ir note 11. the 0/1 next to each state represents the value at tms at the rising edge of tck. [+] feedback
cy7c1311jv18/cy7c1911jv18 cy7c1313jv18/cy7c1315jv18 document number: 001-12562 rev. *d page 16 of 27 tap controller block diagram tap electrical characteristics over the operating range [12, 13, 14] parameter description test conditions min max unit v oh1 output high voltage i oh = ? 2.0 ma 1.4 v v oh2 output high voltage i oh = ? 100 a1.6 v v ol1 output low voltage i ol = 2.0 ma 0.4 v v ol2 output low voltage i ol = 100 a0.2v v ih input high voltage 0.65v dd v dd + 0.3 v v il input low voltage ?0.3 0.35v dd v i x input and output load current gnd v i v dd ?5 5 a 0 0 1 2 . . 29 30 31 boundary scan register identification register 0 1 2 . . . . 106 0 1 2 instruction register bypass register selection circuitry selection circuitry tap controller tdi tdo tck tms notes 12. these characteristics pertain to the tap inputs (tms, tck, tdi and tdo). parallel load levels are specified in the electrical characteristics table. 13. overshoot: v ih (ac) < v ddq + 0.85v (pulse width less than t cyc /2), undershoot: v il (ac) > ? 1.5v (pulse width less than t cyc /2). 14. all voltage referenced to ground. [+] feedback
cy7c1311jv18/cy7c1911jv18 cy7c1313jv18/cy7c1315jv18 document number: 001-12562 rev. *d page 17 of 27 tap ac switching characteristics over the operating range [15, 16] parameter description min max unit t tcyc tck clock cycle time 50 ns t tf tck clock frequency 20 mhz t th tck clock high 20 ns t tl tck clock low 20 ns setup times t tmss tms setup to tck clock rise 5 ns t tdis tdi setup to tck clock rise 5 ns t cs capture setup to tck rise 5 ns hold times t tmsh tms hold after tck clock rise 5 ns t tdih tdi hold after clock rise 5 ns t ch capture hold after clock rise 5 ns output times t tdov tck clock low to tdo valid 10 ns t tdox tck clock low to tdo invalid 0 ns tap timing and test conditions figure 2 shows the tap timing and test conditions. [16] figure 2. tap timing and test conditions t tl t th (a) tdo c l = 20 pf z 0 = 50 gnd 0.9v 50 1.8v 0v all input pulses 0.9v test clock test mode select tck tms test data in tdi test data out t tcyc t tmsh t tmss t tdis t tdih t tdov t tdox tdo notes 15. t cs and t ch refer to the setup and hold time requirements of latching data from the boundary scan register. 16. test conditions are specified using the load in tap ac test conditions. t r /t f = 1 ns. [+] feedback
cy7c1311jv18/cy7c1911jv18 cy7c1313jv18/cy7c1315jv18 document number: 001-12562 rev. *d page 18 of 27 identification register definitions instruction field value description cy7c1311jv18 cy7c1911jv18 cy7c1313jv18 cy7c1315jv18 revision number (31:29) 000 000 000 000 version number. cypress device id (28:12) 11010011011000101 11010011011001101 11010011011010101 11010011011100101 defines the type of sram. cypress jedec id (11:1) 00000110100 00000110100 00000110100 00000110100 allows unique identification of sram vendor. id register presence (0) 1111indicates the presence of an id register. scan register sizes register name bit size instruction 3 bypass 1 id 32 boundary scan 107 instruction codes instruction code description extest 000 captures the input and output ring contents. idcode 001 loads the id register with the vendor id code and places the register between tdi and tdo. this operation does not affect sram operation. sample z 010 captures the input and output contents. places the boundary scan register between tdi and tdo. forces all sram output drivers to a high-z state. reserved 011 do not use: this instruct ion is reserved for future use. sample/preload 100 captures the input and output ring c ontents. places the boundary scan register between tdi and tdo. does not affect the sram operation. reserved 101 do not use: this instruct ion is reserved for future use. reserved 110 do not use: this instruct ion is reserved for future use. bypass 111 places the bypass register between tdi and tdo. this operation does not affect sram operation. [+] feedback
cy7c1311jv18/cy7c1911jv18 cy7c1313jv18/cy7c1315jv18 document number: 001-12562 rev. *d page 19 of 27 boundary scan order bit # bump id bit # bump id bit # bump id bit # bump id 0 6r 28 10g 56 6a 84 2j 16p299g575b853k 2 6n 30 11f 58 5a 86 3j 3 7p 31 11g 59 4a 87 2k 47n329f605c881k 5 7r 33 10f 61 4b 89 2l 6 8r 34 11e 62 3a 90 3l 7 8p 35 10e 63 1h 91 1m 8 9r 36 10d 64 1a 92 1l 9 11p 37 9e 65 2b 93 3n 10 10p 38 10c 66 3b 94 3m 11 10n 39 11d 67 1c 95 1n 12 9p 40 9c 68 1b 96 2m 13 10m 41 9d 69 3d 97 3p 14 11n 42 11b 70 3c 98 2n 15 9m 43 11c 71 1d 99 2p 16 9n 44 9b 72 2c 100 1p 17 11l 45 10b 73 3e 101 3r 18 11m 46 11a 74 2d 102 4r 19 9l 47 internal 75 2e 103 4p 20 10l 48 9a 76 1e 104 5p 21 11k 49 8b 77 2f 105 5n 22 10k 50 7c 78 3f 106 5r 23 9j 51 6c 79 1g 24 9k 52 8a 80 1f 25 10j 53 7a 81 3g 26 11j 54 7b 82 2g 27 11h 55 6b 83 1j [+] feedback
cy7c1311jv18/cy7c1911jv18 cy7c1313jv18/cy7c1315jv18 document number: 001-12562 rev. *d page 20 of 27 power up sequence in qdr ii sram power up and initialize qdr ii srams in a predefined manner to prevent undefined operations. power up sequence apply power and drive doff either high or low (all other inputs are high or low). ? apply v dd before v ddq . ? apply v ddq before v ref or at the same time as v ref . ? drive doff high. provide stable doff (high), power and clock (k, k ) for 1024 cycles to lock the dll. dll constraints dll uses k clock as its synchr onizing input. the input has low phase jitter, which is specified as t kc var . the dll functions at frequencies down to 120 mhz. if the input clock is unstable and the dll is enabled, then the dll may lock onto an incorrect frequency, causing unstable sram behavior. to avoid this, provide1024 cycles stable clock to relock to the desired clock frequency. figure 3. power up waveforms > 1024 stable clock start normal operation doff stabl e (< +/- 0.1v dc per 50ns ) fix high (or tie to v ddq ) k k ddq dd v v / ddq dd v v / clock start ( clock starts after stable ) ddq dd v v / ~ ~ ~ ~ unstable clock [+] feedback
cy7c1311jv18/cy7c1911jv18 cy7c1313jv18/cy7c1315jv18 document number: 001-12562 rev. *d page 21 of 27 maximum ratings exceeding maximum ratings may impair the useful life of the device. these user guidelines are not tested. storage temperature ................................. ?65c to +150c ambient temperature with power applied.. ?55c to +125c supply voltage on v dd relative to gnd ........?0.5v to +2.9v supply voltage on v ddq relative to gnd.......?0.5v to +v dd dc applied to outputs in high-z ........ ?0.5v to v ddq + 0.3v dc input voltage [13] .............................. ?0.5v to v dd + 0.3v current into outputs (low) ........................................ 20 ma static discharge voltage (mil-std-883, m. 3015).. > 2001v latch-up current ................................................... > 200 ma operating range range ambient temperature (t a ) v dd [17] v ddq [17] commercial 0c to +70c 1.8 0.1v 1.4v to v dd industrial ?40c to +85c electrical characteristics dc electrical characteristics over the operating range [14] parameter description test conditions min typ max unit v dd power supply voltage 1.7 1.8 1.9 v v ddq io supply voltage 1.4 1.5 v dd v v oh output high voltage note 18 v ddq /2 ? 0.12 v ddq /2 + 0.12 v v ol output low voltage note 19 v ddq /2 ? 0.12 v ddq /2 + 0.12 v v oh(low) output high voltage i oh = ? 0.1 ma, nominal impedance v ddq ? 0.2 v ddq v v ol(low) output low voltage i ol = 0.1 ma, nominal impedance v ss 0.2 v v ih input high voltage v ref + 0.1 v ddq + 0.3 v v il input low voltage ?0.3 v ref ? 0.1 v i x input leakage current gnd v i v ddq ? 5 5 a i oz output leakage current gnd v i v ddq, output disabled ? 5 5 a v ref input reference voltage [20] typical value = 0.75v 0.68 0.75 0.95 v i dd [21] v dd operating supply v dd = max, i out = 0 ma, f = f max = 1/t cyc 300 mhz (x8) 730 ma (x9) 735 (x18) 790 (x36) 895 250 mhz (x8) 665 ma (x9) 675 (x18) 705 (x36) 830 i sb1 automatic power down current max v dd , both ports deselected, v in v ih or v in v il f = f max = 1/t cyc , inputs static 300 mhz (x8) 265 ma (x9) 275 (x18) 325 (x36) 435 250 mhz (x8) 250 ma (x9) 250 (x18) 290 (x36) 325 notes 17. power up: assumes a linear ramp from 0v to v dd (min) within 200 ms. during this time v ih < v dd and v ddq < v dd . 18. output are impedance controlled. i oh = ? (v ddq /2)/(rq/5) for values of 175 ohms <= rq <= 350 ohms. 19. output are impedance controlled. i ol = (v ddq /2)/(rq/5) for values of 175 ohms <= rq <= 350 ohms. 20. v ref (min) = 0.68v or 0.46v ddq , whichever is larger, v ref (max) = 0.95v or 0.54v ddq , whichever is smaller. 21. the operation current is calculated with 50% read cycle and 50% write cycle. [+] feedback
cy7c1311jv18/cy7c1911jv18 cy7c1313jv18/cy7c1315jv18 document number: 001-12562 rev. *d page 22 of 27 ac electrical characteristics over the operating range [13] parameter description test conditions min typ max unit v ih input high voltage v ref + 0.2 ? ? v v il input low voltage ? ? v ref ? 0.2 v capacitance tested initially and after any design or process change that may affect these parameters. parameter description test conditions max unit c in input capacitance t a = 25 c, f = 1 mhz, v dd = 1.8v, v ddq = 1.5v 5 pf c clk clock input capacitance 6 pf c o output capacitance 7pf thermal resistance tested initially and after any design or process change that may affect these parameters. parameter description test conditions 165 fbga package unit ja thermal resistance (junction to ambient) test conditions follow standard test methods and procedures for measuring thermal impedance, in accordance with eia/jesd51. 18.7 c/w jc thermal resistance (junction to case) 4.5 c/w figure 4. ac test loads and waveforms 1.25v 0.25v r = 50 5pf including jig and scope all input pulses device r l = 50 z 0 = 50 v ref = 0.75v v ref = 0.75v [22] 0.75v under te s t 0.75v device under te s t output 0.75v v ref v ref output zq zq (a) slew rate = 2 v/ns rq = 250 (b) rq = 250 22. unless otherwise noted, test conditions are based on signal tr ansition time of 2v/ns, timing reference levels of 0.75v, vref = 0.75v, rq = 250 , v ddq = 1.5v, input pulse levels of 0.25v to 1.25v, and output loading of the specified i ol /i oh and load capacitance shown in (a) of ac test loads and waveforms . [+] feedback
cy7c1311jv18/cy7c1911jv18 cy7c1313jv18/cy7c1315jv18 document number: 001-12562 rev. *d page 23 of 27 switching characteristics over the operating range [22, 23] cypress parameter consortium parameter description 300 mhz 250 mhz unit min max min max t power v dd (typical) to the first access [24] 11ms t cyc t khkh k clock and c clock cycle time 3.3 8.4 4.0 8.4 ns t kh t khkl input clock (k/k ; c/c ) high 1.32 ? 1.6 ? ns t kl t klkh input clock (k/k ; c/c ) low 1.32 ? 1.6 ? ns t khk h t khk h k clock rise to k clock rise and c to c rise (rising edge to rising edge) 1.49 ? 1.8 ? ns t khch t khch k/k clock rise to c/c clock rise (rising edge to rising edge) 01.450 1.8 ns setup times t sa t avkh address setup to k clock rise 0.4 ? 0.5 ? ns t sc t ivkh control setup to clock (k, k ) rise (rps , wps ) 0.4?0.5? ns t scddr t ivkh double data rate control setup to clock (k, k ) rise (bws 0 , bws 1 , bws 2 , bws 3 ) 0.3 ? 0.35 ? ns t sd t dvkh d [x:0] setup to clock (k/k ) rise 0.3 ? 0.35 ? ns hold times t ha t khax address hold after clock (k/k ) rise 0.4?0.5? ns t hc t khix control hold after clock (k /k ) rise (rps , wps )0.4?0.5?ns t hcddr t khix double data rate control hold after clock (k/k ) rise (bws 0 , bws 1 , bws 2 , bws 3 ) 0.3 ? 0.35 ? ns t hd t khdx d [x:0] hold after clock (k/k ) rise 0.3 ? 0.35 ? ns output times t co t chqv c/c clock rise (or k/k in single clock mode) to data valid ?0.45?0.45ns t doh t chqx data output hold after output c/c clock rise (active to active) ?0.45 ? ?0.45 ? ns t ccqo t chcqv c/c clock rise to echo clock valid ?0.45?0.45ns t cqoh t chcqx echo clock hold after c/c clock rise ?0.45 ? ?0.45 ? ns t cqd t cqhqv echo clock high to data valid 0.27 0.30 ns t cqdoh t cqhqx echo clock high to data invalid ?0.27 ? ?0.30 ? ns t cqh t cqhcql output clock (cq/cq ) high [25] 1.24 ? 1.55 ? ns t cqhcq h t cqhcq h cq clock rise to cq clock rise (rising edge to rising edge) [25] 1.24 ? 1.55 ? ns t chz t chqz clock (c and c ) rise to high-z (active to high-z) [26, 27] ?0.45?0.45ns t clz t chqx1 clock (c and c ) rise to low-z [26, 27] ?0.45 ? ?0.45 ? ns dll timing t kc var t kc var clock phase jitter ? 0.20 ? 0.20 ns t kc lock t kc lock dll lock time (k, c) 1024 ? 1024 ? cycles t kc reset t kc reset k static to dll reset 30 30 ns notes 23. when a part with a maximum frequency above 250 mhz is operating at a lower clock frequency, it requires the input timing of the frequency range in which it is being operated and outputs data with the output timings of that frequency range. 24. this part has a voltage regulator internally; t power is the time that the power must be supplied above v dd minimum initially before a read or write operation can be initiated. 25. these parameters are extrapolated from the input timing parameters (t khkh - 250 ps, where 250 ps is the internal jitter. an input jitter of 200 ps (t kc var ) ia already included in the t khkh ). these parameters are only guaranteed by design and are not tested in production 26. t chz , t clz , are specified with a load capaci tance of 5 pf as in (b) of ac test loads and waveforms . transition is measured 100 mv from steady-state voltage. 27. at any voltage and temperature t chz is less than t clz and t chz less than t co . [+] feedback
cy7c1311jv18/cy7c1911jv18 cy7c1313jv18/cy7c1315jv18 document number: 001-12562 rev. *d page 24 of 27 switching waveforms figure 5. read/write/deselect sequence [28, 29, 30] k 1 2 345 6 7 rps wps a q d c c read read write write nop nop dont care undefined cq cq k a0 a1 t kh t khkh t kl t cyc t t hc t sa t ha a2 sc tt hc sc a3 t khch t khch t cqd t clz doh t chz t t t kl t cyc t ccqo t ccqo t cqoh t cqoh khkh kh q00 q03 q01 q02 q20 q23 q21 q22 t co t cqdoh t t cqh t cqhcqh d10 d11 d12 d13 t sd t hd t sd t hd d30 d31 d32 d33 notes 28. q00 refers to output from address a0. q01 refers to output fr om the next internal burst address following a0, that is, a0+1. 29. outputs are disabled (high-z) one clock cycle after a nop. 30. in this example, if address a2 = a1, then data q20 = d10 and q21 = d11. write data is forwarded immediately as read results. this note applies to the whole diagram. [+] feedback
cy7c1311jv18/cy7c1911jv18 cy7c1313jv18/cy7c1315jv18 document number: 001-12562 rev. *d page 25 of 27 ordering information not all of the speed, package and temperature ranges are avai lable. please contact your local sales representative or visit www.cypress.com for actual products offered. speed (mhz) ordering code package diagram package type operating range 300 cy7c1311jv18-300bzc 51-85180 165-ball fine pitc h ball grid array (13 x 15 x 1.4 mm) commercial cy7c1911jv18-300bzc cy7c1313jv18-300bzc cy7c1315jv18-300bzc cy7c1311jv18-300bzxc 51-85180 165-ball fine pitch ball grid array (13 x 15 x 1.4 mm) pb-free cy7c1911jv18-300bzxc cy7c1313jv18-300bzxc cy7c1315jv18-300bzxc cy7c1311jv18-300bzi 51-85180 165-ball fine pitch ball grid array (13 x 15 x 1.4 mm) industrial cy7c1911jv18-300bzi cy7c1313jv18-300bzi cy7c1315jv18-300bzi cy7c1311jv18-300bzxi 51-85180 165-ball fine pitch ball grid array (13 x 15 x 1.4 mm) pb-free cy7c1911jv18-300bzxi cy7c1313jv18-300bzxi cy7c1315jv18-300bzxi 250 CY7C1311JV18-250BZC 51-85180 165-ball fine pitc h ball grid array (13 x 15 x 1.4 mm) commercial cy7c1911jv18-250bzc cy7c1313jv18-250bzc cy7c1315jv18-250bzc cy7c1311jv18-250bzxc 51-85180 165-ball fine pitch ball grid array (13 x 15 x 1.4 mm) pb-free cy7c1911jv18-250bzxc cy7c1313jv18-250bzxc cy7c1315jv18-250bzxc cy7c1311jv18-250bzi 51-85180 165-ball fine pitch ball grid array (13 x 15 x 1.4 mm) industrial cy7c1911jv18-250bzi cy7c1313jv18-250bzi cy7c1315jv18-250bzi cy7c1311jv18-250bzxi 51-85180 165-ball fine pitch ball grid array (13 x 15 x 1.4 mm) pb-free cy7c1911jv18-250bzxi cy7c1313jv18-250bzxi cy7c1315jv18-250bzxi [+] feedback
cy7c1311jv18/cy7c1911jv18 cy7c1313jv18/cy7c1315jv18 document number: 001-12562 rev. *d page 26 of 27 package diagram figure 6. 165-ball fbga (13 x 15 x 1.40 mm), 51-85180 51-85180 *b [+] feedback
document number: 001-12562 rev. *d revised august 04, 2009 page 27 of 27 qdr rams and quad data rate rams comprise a new family of products developed by cypress, idt, nec, renesas, and samsung. all pr oduct and company names mentioned in this document are the trademarks of their respective holders. cy7c1311jv18/cy7c1911jv18 cy7c1313jv18/cy7c1315jv18 ? cypress semiconductor corporation, 2007-2009. the information contained herein is subject to change without notice. cypress s emiconductor corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in a cypress product. nor does it convey or imply any license under patent or ot her rights. cypress products are not warranted nor intended to be used for medical, life support, life saving, critical control or safety applications, unless pursuant to an express written agreemen t with cypress. furthermore, cypress does not authorize its products for use as critical components in life-support syst ems where a malfunction or failure may reas onably be expected to result in significa nt injury to the user. the inclusion of cypress products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies cypress against all charges. any source code (software and/or firmware) is owned by cypress semiconductor corporation (cypress) and is protected by and subj ect to worldwide patent protection (united states and foreign), united states copyright laws and international treaty provisions . cypress hereby grants to licensee a personal, non-exclusive, non-transferable license to copy, use, modify, create derivative works of, and compile the cypress source code and derivative works for the sole purpose of creating custom software and or firmware in su pport of licensee product to be used only in conjunction with a cypress integrated circuit as specified in the applicable agreement. any reproduction, modification, translation, compilation, or repre sentation of this source code except as specified above is prohibited without the express written permission of cypress. disclaimer: cypress makes no warranty of any kind, express or impl ied, with regard to this material, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose. cypress re serves the right to make changes without further notice to t he materials described herein. cypress does not assume any liability arising out of the application or use of any product or circuit described herein. cypress does not authori ze its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. the inclusion of cypress? prod uct in a life-support systems applic ation implies that the manufacturer assumes all risk of such use and in doing so indemnifies cypress against all charges. use may be limited by and subject to the applicable cypress software license agreement. sales, solutions, and legal information worldwide sales and design support cypress maintains a worldwide network of offices, solution centers, manufacturer?s representatives, and distributors. to find t he office closest to you, visit us at cypress.com/sales. products psoc psoc.cypress.com clocks & buffers clocks.cypress.com wireless wireless.cypress.com memories memory.cypress.com image sensors image.cypress.com document history page document title: cy7c1311jv18/cy7c1911jv18/cy7c1313jv18/cy7c1315jv18, 18-mbit qdr ? ii sram 4-word burst architecture document number: 001-12562 revision ecn orig. of change submission date description of change ** 808457 vkn see ecn new data sheet *a 1423164 vkn/aesa see ecn converted from preliminary to final removed 250mhz and 200mhz updated i dd /i sb specs changed dll minimum operating frequency from 80mhz to 120mhz changed t cyc max spec to 8.4ns *b 2189567 vkn/aesa see ecn minor change-moved to the external web *c 2561974 vkn/pyrs 09/04/08 changed ambient temperature wi th power applied from ??10c to +85c? to ??55c to +125c? in the ?maximum ratings ? on page 21, updated power up sequence waveform and its description, added footnote #21 related to i dd , changed ja spec from 28.51 to 18.7, changed j c spec from 5.91 to 4.5, changed jtag id [31:29] from 001 to 000, added 250mhz speed bin. *d 2748221 njy 08/04/09 updated package diagram post to external web [+] feedback


▲Up To Search▲   

 
Price & Availability of CY7C1311JV18-250BZC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X