Part Number Hot Search : 
8800A F11NM ZMM5242 TFS141 CDRH6D28 150FC 29GL128 80C51
Product Description
Full Text Search
 

To Download BAT720 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bat7 2 0 350mw schottky diodes 40 volts features  very low forward voltage drop.  guard ring protected  untral small surface mount package  marking: l61  weight: 0.008 grams (approx.) maximum ratings symbol rating rating unit v r continuous reverse voltage 40 v v r(rms) rms reverse voltage 28 v i o average rectified current (1) 0.50 a i fsm non-repetitive peak forward surge current 8.3ms single half sine-wave superimposed on rated load(jedec method) 2.0 a p d power dissipation (1) 350 mw r ja thermal resistance junction to ambient air (1) 286 o c/w t j junction temperature 125 o c t stg storage temperature -55 to +150 o c electrical characteristics @ 25 o c unless otherwise specified symbol parameter min typ max units v f forward voltage (if=500madc ) (note 1) i r reverse current (note 2) (v r =35vdc) --- c t capacitance (v r =0, f=1.0mhz) 60 ---- 90 pf  
 omp onents 20736 marilla street chatsworth       
     mcc revision: a 2011/01/01 sot-23 suggested solder pad layout dimensions inches mm dim min max min max note a .110 .120 2.80 3.04 b .083 .098 2.10 2.64 c .047 .055 1.20 1.40 d .035 .041 .89 1.03 e .070 .081 1.78 2.05 f .018 .024 .45 .60 g .0005 .0039 .013 .100 h .035 .044 .89 1.12 j .003 .007 .085 .180 k .015 .020 .37 .51 a b c d e f g h j .079 2.000 inches mm .031 .800 .035 .900 .037 .950 .037 .950 tm micro commercial components --- 0.55 v 100 ua --- --- internal structure schematic diagram www. mccsemi .com 1 of 2 k mechanical data ? lead free finish/rohs compliant ("p" suffix designates rohs compliant. see ordering information) notes:1.part mounted on fr-4 pc board with recommended pad layout 2.short duration test pulse used to minimize self-heating effect. epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1
mcc revision: a 2011/01/01 tm micro commercial components www. mccsemi .com 2 of 2 device packing part number-tp tape&reel: 3 kpcs/reel ordering information : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s.


▲Up To Search▲   

 
Price & Availability of BAT720

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X