Part Number Hot Search : 
IRFP1405 AP358N MX7537CQ SMBG22A SP8902 CPT30230 MN3007 UVC3130
Product Description
Full Text Search
 

To Download AZ100EL01D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  az10el01 az100el01 ecl/pecl 4-input or/nor 1630 s. stapley dr., suite 127 ? mesa, arizona 85204 ? usa ? (480) 962-5881 ? fax (480) 890-2541 www.azmicrotek.com arizona microtek, inc. features ? 230ps propagation delay ? high bandwidth output transitions ? 75k internal input pulldown resistors ? direct replacement for on semiconductor mc10el01 & mc100el01 description the az10/100el01 is a 4-input or/nor gate. the device is functionally equivalent to the e101 device with higher performance capabilities. with propagation delays a nd output transition times significantly faster than the e101, the el01 is ideally suited for those applicati ons that require the ultimate in ac performance. note: specifications in ecl/pecl tables are valid when thermal equilibrium is established. logic diagram and pinout assignment pin description pin function d0 - d3 data inputs q, q data outputs v cc positive supply v ee negative supply 8 5 6 7 4 3 2 1 v cc q v ee d0 d1 d3 d2 q package availability package part number marking notes soic 8 az10el01d azm10el01 1,2 soic 8 AZ100EL01D azm100el01 1,2 tssop 8 az10el01t aztel01 1,2 tssop 8 az100el01t azhel01 1,2 1 add r1 at end of part number for 7 inch (1k parts), r2 for 13 inch (2.5k parts) tape & reel. 2 date code ?yww? on underside of part.
az10el01 az100el01 november 2006 * rev - 3 www.azmicrotek.com 2 absolute maximum ratings are those values beyond which device life may be impaired. symbol characteristic rating unit v cc pecl power supply (v ee = 0v) 0 to +8.0 vdc v i pecl input voltage (v ee = 0v) 0 to +6.0 vdc v ee ecl power supply (v cc = 0v) -8.0 to 0 vdc v i ecl input voltage (v cc = 0v) -6.0 to 0 vdc i out output current --- continuous --- surge 50 100 ma t a operating temperature range -40 to +85 c t stg storage temperature range -65 to +150 c 10k ecl dc characteristics (v ee = -4.75v to -5.5v, v cc = gnd) -40 c 0 c 25 c 85 c symbol characteristic min typ max min typ max min typ max min typ max unit v oh output high voltage 1 -1080 -890 -1020 -840 -980 -810 -910 -720 mv v ol output low voltage 1 -1950 -1650 -1950 -1630 -1950 -1630 -1950 -1595 mv v ih input high voltage -1230 -890 -1170 -840 -1130 -810 -1060 -720 mv v il input low voltage -1950 -1500 -1950 -1480 -1950 -1480 -1950 -1445 mv i ih input high current 150 150 150 150 a i il input low current 0.5 0.5 0.5 0.5 a i ee power supply current 14 17 14 17 14 17 14 17 ma 1. each output is terminated through a 50 resistor to v cc ? 2v. 10k pecl dc characteristics (v ee = gnd, v cc = +5.0v) -40 c 0 c 25 c 85 c symbol characteristic min t yp max min t yp max min t yp max min t yp max unit v oh output high voltage 1,2 3920 4110 3980 4160 4020 4190 4090 4280 mv v ol output low voltage 1,2 3050 3350 3050 3370 3050 3370 3050 3405 mv v ih input high voltage 1 3770 4110 3830 4160 3870 4190 3940 4280 mv v il input low voltage 1 3050 3500 3050 3520 3050 3520 3050 3555 mv i ih input high current 150 150 150 150 a i il input low current 0.5 0.5 0.5 0.5 a i ee power supply current 14 17 14 17 14 17 14 17 ma 1. for supply voltages other that 5.0v, use the ec l table values and add supply voltage value. 2. each output is terminated through a 50 resistor to v cc ? 2v. 100k ecl dc characteristics (v ee = -4.2v to -5.5v, v cc = gnd) -40 c 0 c 25 c 85 c symbol characteristic min typ max min typ max min typ max min typ max unit v oh output high voltage 1 -1085 -1005 -880 -1025 -955 -880 -1025 -955 -880 -1025 -955 -880 mv v ol output low voltage 1 -1830 -1695 -1555 -1810 -1705 -1620 -1810 -1705 -1620 -1810 -1705 -1620 mv v ih input high voltage -1165 -880 -1165 -880 -1165 -880 -1165 -880 mv v il input low voltage -1810 -1475 -1810 -1475 -1810 -1475 -1810 -1475 mv i ih input high current 150 150 150 150 a i il input low current 0.5 0.5 0.5 0.5 a i ee power supply current 14 17 14 17 14 17 16 20 ma 1. each output is terminated through a 50 resistor to v cc ? 2v. 100k pecl dc characteristics (v ee = gnd, v cc = +5.0v) -40 c 0 c 25 c 85 c symbol characteristic min t yp max min t yp max min t yp max min t yp max unit v oh output high voltage 1,2 3915 3995 4120 3975 4045 4120 3975 4045 4120 3975 4045 4120 mv v ol output low voltage 1,2 3170 3305 3445 3190 3295 3380 3190 3295 3380 3190 3295 3380 mv v ih input high voltage 1 3835 4120 3835 4120 3835 4120 3835 4120 mv v il input low voltage 1 3190 3525 3190 3525 3190 3525 3190 3525 mv v bb reference voltage 1 3620 3740 3620 3740 3620 3740 3620 3740 mv i ih input high current 150 150 150 150 a i il input low current 0.5 0.5 0.5 0.5 a i ee power supply current 14 17 14 17 14 17 16 20 ma 1. for supply voltages other that 5.0v, use the ec l table values and add supply voltage value. 2. each output is terminated through a 50 resistor to v cc ? 2v.
az10el01 az100el01 november 2006 * rev - 3 www.azmicrotek.com 3 ac characteristics (v ee =10e(-4.75v to -5.5v), 100e(-4.2v to -5.5v); v cc =gnd or v ee =gnd, v cc =10e(+4.75v to +5.5v), 100e(+4.2v to +5.5v)) -40 c 0 c 25 c 85 c symbol characteristic min typ max min typ max min typ max min typ max unit t plh / t phl propagation delay to output 70 220 370 120 220 320 130 230 330 150 250 350 ps t r / t f rise/fall time 20 ? 80% 100 350 100 350 100 350 100 350 ps
az10el01 az100el01 november 2006 * rev - 3 www.azmicrotek.com 4 millimeters inches dim min max min max a 1.75 0.069 a 1 0.10 0.25 0.004 0.010 a 2 1.25 1.45 0.049 0.057 a 3 0.25 0.01 b p 0.36 0.49 0.014 0.019 c 0.19 0.25 0.0075 0.0100 d 4.8 5.0 0.19 0.20 e 3.8 4.0 0.15 0.16 e 1.27 0.050 h e 5.80 6.20 0.228 0.244 l 1.05 0.041 l p 0.40 1.00 0.016 0.039 q 0.60 0.70 0.024 0.028 v 0.25 0.01 w 0.25 0.01 y 0.10 0.004 z 0.30 0.70 0.012 0.028 0 o 8 o 0 o 8 o notes: 1. dimensions d and e do not include mold protrusion. 2. maximum mold protrusion for d is 0.15mm. 3. maximum mold protrusion for e is 0.25mm. package diagram soic 8
az10el01 az100el01 november 2006 * rev - 3 www.azmicrotek.com 5 package diagram tssop 8 millimeters dim min max a 1.10 a 1 0.05 0.15 a 2 0.80 0.95 a 3 0.25 b p 0.25 0.45 c 0.15 0.28 d 2.90 3.10 e 2.90 3.10 e 0.65 h e 4.70 5.10 l 0.94 l p 0.40 0.70 v 0.10 w 0.10 y 0.10 z 0.35 0.70 0 o 6 o notes: 1. dimensions d and e do not include mold protrusion. 2. maximum mold protrusion for d is 0.15mm. 3. maximum mold protrusion for e is 0.25mm.
az10el01 az100el01 november 2006 * rev - 3 www.azmicrotek.com 6 arizona microtek, inc. reserves the right to change circuitry a nd specifications at any time without prior notice. arizona mic rotek, inc. makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does arizona mi crotek, inc. assume any liability arising out of the application or use of any pr oduct or circuit and specifically disclaims any and all liability, including without limitation special, consequential or incident al damages. arizona microtek, inc. doe s not convey any license rights nor the rig hts of others. arizona microtek, inc. products are not designed, intended or auth orized for use as components in systems intended to support o r sustain life, or for any other application in which the fa ilure of the arizona microtek, inc. product could create a situation where personal in jury or death may occur. should buyer purchase or use arizona microtek, inc. produc ts for any such unintended or unauthorized application, buyer shall indemnify and hold arizona microtek, inc. and its of ficers, employees, subsidiaries, affiliates, and distributors harmless against all cl aims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associ ated with such unintended or unauthorized use, even if such claim alleges that arizona microtek, inc. was negligent regarding the design or ma nufacture of the part.


▲Up To Search▲   

 
Price & Availability of AZ100EL01D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X