Part Number Hot Search : 
64001 IRF14 GCX1217 2N370006 74HC1 CY14B BAS20 468A106
Product Description
Full Text Search
 

To Download AS0612N3KTR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 avx square air core rf inductors, part of the wound air core inductor family, are ideal for rf circuits, broadband i/o filtering, frequency selection, or impedance matching. the unique square cross section of the air core inductor provides better performance, and offers manufacturing advantages over toroidal coils. general description as air core inductor (square cross section) 06 size size 06 = 0806 07 = 0807 08 = 0908 05n5 inductance 05n5 =5.5nh 06n0 = 6.0nh 12n3 = 12.3nh j tolerance g = 2% j = 5% k = 10% t termination t = sn/ag over cu (96.5% sn, 3% ag, 0.5% cu) r packaging r = 7 inch reel (2000 pieces per reel) how to order electrical specifications avx p/n turns inductance tolerance q test freq. dcr max srf ir max (nh) (%) min. (mhz) (m) (ghz) (a) as0605n5*tr 3 5.5 g, j, k 60 400 3.4 4.9 2.9 as0606n0*tr 3 6 g, j, k 64 400 6 5.2 2.9 as0608n9*tr 4 8.9 g, j, k 90 400 7 4.3 2.9 as0612n3*tr 5 12.3 g, j, k 90 400 8 4.8 2.9 as0615n7*tr 6 15.7 g, j, k 90 400 9 4.4 2.9 as0619n4*tr 7 19.4 g, j, k 90 400 10 4 2.9 as0706n9*tr 3 6.9 g, j, k 100 400 6 4.6 2.7 as0710n2*tr 4 10.2 g, j, k 100 400 7 4 2.7 as0711n2*tr 4 11.2 g, j, k 90 400 6.3 3.6 2.7 as0713n7*tr 5 13.7 g, j, k 100 400 8 4.3 2.7 as0717n0*tr 6 17 g, j, k 100 400 9 4 2.7 as0722n0*tr 7 22 g, j, k 100 400 10 3.5 2.7 as0808n1*tr 3 8.1 g, j, k 130 400 6 5.2 4.4 as0812n1*tr 4 12.1 g, j, k 130 400 7 4.3 4.4 as0814n7*tr 4 14.7 g, j, k 90 400 7.2 3 4.4 as0816n6*tr 5 16.6 g, j, k 130 400 8 3.4 4.4 as0821n5*tr 6 21.5 g, j, k 130 400 9 3.7 4.4 as0823n0*tr 6 23 g, j, k 130 400 10 2.6 4.4 as0825n0*tr 7 25 g, j, k 130 400 10 2.5 4.4 as0827n3*tr 7 27.3 g, j, k 130 400 10 3.2 4.4 note: 1. *tolerance: g=?%, j=?%, k=?0% 2. inductance & q measured on the hp4291b. with hp16193a test fixture. 3. srf measured using the hp8753e 4. operating temperature range: -40?c to +125?c 5. electrical specifications at 25?c 6. msl: level 1 square air core rf inductors as series features ?square cross section construction ?available in 0806, 0807, and 0908 sizes ?20 inducance values ranging from 5.5nh to 27.3nh ?high q ?high current ?excellent srf technical data all technical data related to an ambient temperature of +25?c inductance range 5.5nh to 27.3nh inductance tolerance 2%, 5%, 10% rated current 2.7a, 2.9a, 4.4a operating temperature -40?c to +125?c termination 96.5% tin/3% silver over 0.5% copper electrical specifications applications ?rf applications ?rf circuits ?broadband i/o filtering ?impedance matching
2 physical dimensions square air core rf inductors as series max. min. b a c e d f part number a b c d e f as0605n5*tr 1.346?.102 1.829?.254 1.397?.102 0.962 2.60 0.51 (0.053?.004) (0.072?.01) (0.055?.004) (0.038) (0.102) (0.020) as0606n0*tr 1.295?.102 1.829?.254 1.397?.102 0.99 2.60 0.51 (0.051?.004) (0.072?.01) (0.055?.004) (0.390) (0.102) (0.020) as0608n9*tr 1.626?.152 1.829?.254 1.397?.102 1.27 2.60 0.51 (0.640?.006) (0.072?.01) (0.055?.004) (0.050) (0.102) (0.020) as0612n3*tr 1.930?.152 1.829?.254 1.397?.102 1.63 2.60 0.51 (0.076?.006) (0.072?.01) (0.055?.004) (0.064) (0.102) (0.020) as0615n7*tr 2.286?.152 1.829?.254 1.397?.102 1.96 2.60 0.51 (0.09?.006) (0.072?.01) (0.055?.004) (0.070) (0.102) (0.020) as0619n4*tr 2.591?.152 1.829?.254 1.397?.102 2.29 2.60 0.51 (0.102?.006) (0.072?.01) (0.055?.004) (0.090) (0.102) (0.020) as0706n9*tr 1.295?.102 1.829?.254 1.524?.254 1.02 2.60 0.51 (0.051?.004) (0.072?.01) (0.060?.010) (0.040) (0.102) (0.020) as0710n2*tr 1.626?.152 1.829?.254 1.524?.254 1.32 2.60 0.51 (0.064?.006) (0.072?.01) (0.060?.010) (0.052) (0.102) (0.020) as0711n2*tr 1.549?.152 1.829?.254 1.524?.254 1.24 2.60 0.51 (0.061?.006) (0.072?.01) (0.060?.010) (0.049) (0.102) (0.020) as0713n7*tr 1.930?.152 1.829?.254 1.524?.254 1.57 2.60 0.51 (0.076?.006) (0.072?.01) (0.060?.010) (0.062) (0.102) (0.020) as0717n0*tr 2.286?.152 1.829?.254 1.524?.254 1.93 2.60 0.51 (0.09?.006) (0.072?.01) (0.060?.010) (0.076) (0.102) (0.020) as0722n0*tr 2.591?.152 1.829?.254 1.524?.254 2.29 2.60 0.51 (0.102?.006) (0.072?.01) (0.060?.010) (0.090) (0.102) (0.020) as0808n1*tr 1.473?.152 2.134?.152 1.829?.152 1.12 2.80 0.64 (0.058?.006) (0.084?.006) (0.072?.006) (0.044) (0.110) (0.025) as0812n0*tr 1.854?.152 2.134?.152 1.829?.152 1.45 2.80 0.64 (0.073?.006) (0.084?.006) (0.072?.006) (0.570) (0.110) (0.025) as0814n7*tr 1.549?.152 2.134?.152 1.829?.152 1.24 2.80 0.64 (0.061?.006) (0.084?.006) (0.072?.006) (0.049) (0.110) (0.025) as0816n6*tr 2.210?.152 2.134?.152 1.829?.152 1.83 2.80 0.64 (0.087?.006) (0.084?.006) (0.072?.006) (0.072) (0.110) (0.025) as0821n5*tr 2.565?.152 2.134?.152 1.829?.152 2.18 2.80 0.64 (0.101?.006) (0.084?.006) (0.072?.006) (0.086) (0.110) (0.025) as0823n0*tr 2.235?.152 2.134?.152 1.829?.152 1.90 2.80 0.64 (0.088?.006) (0.084?.006) (0.072?.006) (0.075) (0.110) (0.025) as0825n0*tr 2.972?.152 2.134?.152 1.829?.152 2.57 2.80 0.64 (0.117?.006) (0.084?.006) (0.072?.006) (0.101) (0.110) (0.025) as0827n3*tr 2.972?.152 2.134?.152 1.829?.152 2.57 2.80 0.64 (0.117?.006) (0.084?.006) (0.072?.006) (0.101) (0.110) (0.025) mm (inches)
3 performance specifications square air core rf inductors as series 500 450 400 350 300 250 200 150 100 50 0 10 100 1000 10000 frequency (mhz) q 80 75 70 65 60 55 50 45 40 35 30 25 20 15 10 5 0 10 100 1000 10000 frequency (mhz) inductance (nh) 27n3 16n6 12n1 08n1 inductance vs. frequency typical q vs. frequency 250 200 150 100 50 0 10 100 1000 10000 frequency (mhz) q 30 25 20 15 10 5 0 10 100 1000 10000 frequency (mhz) inductance (nh) 22n0 17n0 11n2 06n9 inductance vs. frequency typical q vs. frequency 160 140 120 100 80 60 40 20 0 10 100 1000 10000 frequency (mhz) q 30 25 20 15 10 5 0 10 100 1000 10000 frequency (mhz) inductance vs. frequency inductance (nh) 19n4 15n7 08n9 05n5 typical q vs. frequency as07 as08 as06
4 typical rohs reflow profile square air core rf inductors as series 300 250 217 200 150 100 50 0 0 30 60 90 120 150 180 210 240 270 300 time within 5? of peak temperature (30 seconds) time (seconds ) temperature (?) preheat / soak (60?20 seconds) re?w time above 217? (60?50 seconds) ramp-up 3?/sec max ramp-down 6?/sec max peak temperature 255?60?
5 packaging specifications square air core rf inductors as series thickness (t) 0.10 (.004) max embossed cavity embossed carrier user direction of feed no components 390 (15.354) min 160 (6.299) min 560 (22.047) max components cover tape no components ? the force for tearing off cover tape is 10 to 130 grams in the arrow direction top cover tape 165 to 180 base tape end start  c  c a b e t d1 p1 t e f w g n d0 p2 p0 5 carrier tape reels dimensions of carrier tape item a b c g n t w e f p1 p2 p0 d0 d1 t dim . 178 25 15 12.5 75 16.4 12.0 1.75 5.50 4.00 2.0 4.0 1.5 1.0 0.23 (7.008) (0.984) (0.591) (0.492) (2.953) (0.646) (0.472) (0.069) (0.217) (0.157) (0.079) (0.157) (0.059) (0.039) (0.009) tol . ?.0 ?.0 ?.5 +1.5 ?.0 +1.5 ?.2 ?.1 ?.1 ?.1 ?.1 ?.1 +0.1 ?.1 ?.05 (0.079) (0.039) (0.020) (0.059) (0.079) (0.059) (0.008) (0.004) (0.004) (0.004) (0.004) (0.004) (0.004) (0.004) (0.020) mm (inches)


▲Up To Search▲   

 
Price & Availability of AS0612N3KTR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X