Part Number Hot Search : 
N3811 4HC25 MC14077 4HC25 2SJ50 AS22CH 2N2769 RO2122A
Product Description
Full Text Search
 

To Download 74LVC00AM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1/8 february 2002 n 5v tolerant inputs n high speed: t pd = 4.3ns (max.) at v cc = 3v n power down protection on inputs and outputs n symmetrical output impedance: |i oh | = i ol = 24ma (min) at v cc = 3v n pci bus levels guaranteed at 24 ma n balanced propagation delays: t plh @ t phl n operating voltage range: v cc (opr) = 1.65v to 3.6v (1.2v data retention) n pin and function compatible with 74 series 00 n latch-up performance exceeds 500ma (jesd 17) n esd performance: hbm > 2000v (mil std 883 method 3015); mm > 200v description the 74lvc00a is a low voltage cmos quad 2-input nand gate fabricated with sub-micron silicon gate and double-layer metal wiring c 2 mos technology. it is ideal for 1.65 to 3.6 v cc operations and low power and low noise applications. it can be interfaced to 5v signal environment for inputs in mixed 3.3/5v system. it has more speed performance at 3.3v than 5v ac/act family, combined with a lower power consumption. all inputs and outputs are equipped with protection circuits against static discharge, giving them 2kv esd immunity and transient excess voltage. 74lvc00a low voltage cmos quad 2-input nand gate high performance pin connection and iec logic symbols order codes package tube t & r sop 74LVC00AM 74LVC00AMtr tssop 74lvc00attr tssop sop
74lvc00a 2/8 input and output equivalent circuit pin description truth table absolute maximum ratings absolute maximum ratings are those values beyond which damage to the device may occur. functional operation under these conditi ons is not implied 1) i o absolute maximum rating must be observed 2) v o < gnd pin no symbol name and function 1, 4, 9, 12 1a to 4a data inputs 2, 5, 10, 13 1b to 4b data inputs 3, 6, 8, 11 1y to 4y data outputs 7 gnd ground (0v) 14 v cc positive supply voltage aby llh lhh hlh hhl symbol parameter value unit v cc supply voltage -0.5 to +7.0 v v i dc input voltage -0.5 to +7.0 v v o dc output voltage (v cc = 0v) -0.5 to +7.0 v v o dc output voltage (high or low state) (note 1) -0.5 to v cc + 0.5 v i ik dc input diode current - 50 ma i ok dc output diode current (note 2) - 50 ma i o dc output current 50 ma i cc or i gnd dc v cc or ground current per supply pin 100 ma t stg storage temperature -65 to +150 c t l lead temperature (10 sec) 300 c
74lvc00a 3/8 recommended operating conditions 1) truth table guaranteed: 1.2v to 3.6v 2) v in from 0.8v to 2v at v cc = 3.0v dc specifications symbol parameter value unit v cc supply voltage (note 1) 1.65 to 3.6 v v i input voltage 0 to 5.5 v v o output voltage (v cc = 0v) 0 to 5.5 v v o output voltage (high or low state) 0 to v cc v i oh , i ol high or low level output current (v cc = 3.0 to 3.6v) 24 ma i oh , i ol high or low level output current (v cc = 2.7 to 3.0v) 12 ma i oh , i ol high or low level output current (v cc = 2.3 to 2.7v) 8ma i oh , i ol high or low level output current (v cc = 1.65 to 2.3v) 4ma t op operating temperature -55 to 125 c dt/dv input rise and fall time (note 2) 0 to 10 ns/v symbol parameter test condition value unit v cc (v) -40 to 85 c -55 to 125 c min. max. min. max. v ih high level input voltage 1.65 to 1.95 0.65v cc 0.65v cc v 2.3 to 2.7 1.7 1.7 2.7 to 3.6 2 2 v il low level input voltage 1.65 to 1.95 0.35v cc 0.35v cc v 2.3 to 2.7 0.7 0.7 2.7 to 3.6 0.8 0.8 v oh high level output voltage 1.65 to 3.6 i o =-100 m av cc -0.2 v cc -0.2 v 1.65 i o =-4 ma 1.2 1.2 2.3 i o =-8 ma 1.7 1.7 2.7 i o =-12 ma 2.2 2.2 3.0 i o =-18 ma 2.4 2.4 3.0 i o =-24 ma 2.2 2.2 v ol low level output voltage 1.65 to 3.6 i o =100 m a 0.2 0.2 v 1.65 i o =4 ma 0.45 0.45 2.3 i o =8 ma 0.7 0.7 2.7 i o =12 ma 0.4 0.4 3.0 i o =24 ma 0.55 0.55 i i input leakage current 3.6 v i = 0 to 5.5v 5 5 m a i off power off leakage current 0 v i or v o = 5.5v 10 10 m a i cc quiescent supply current 3.6 v i = v cc or gnd 10 10 m a v i or v o = 3.6 to 5.5v 10 10 d i cc i cc incr. per input 2.7 to 3.6 v ih = v cc -0.6v 500 500 m a
74lvc00a 4/8 dynamic switching characteristics 1) number of output defined as "n". measured with "n-1" outputs switching from high to low or low to high. the remaining output is measured in the low state. ac electrical characteristics 1) skew is defined as the absolute value of the difference between the actual propagation delay for any two outputs of the same device switch- ing in the same direction, either high or low (t oslh = | t plhm - t plhn |, t oshl = | t phlm - t phln | 2) parameter guaranteed by design capacitive characteristics 1) c pd is defined as the value of the ics internal equivalent capacitance which is calculated from the operating current consumption without load. (refer to test circuit). average operating current can be obtained by the following equation. i cc(opr) = c pd x v cc x f in + i cc /n (per circuit) symbol parameter test condition value unit v cc (v) t a = 25 c min. typ. max. v olp dynamic low level quiet output (note 1) 3.3 c l = 50pf v il = 0v, v ih = 3.3v 0.8 v v olv -0.8 symbol parameter test condition value unit v cc (v) c l (pf) r l ( w ) t s = t r (ns) -40 to 85 c -55 to 125 c min. max. min. max. t plh t phl propagation delay time 1.65 to 1.95 30 1000 2.0 9.0 12 ns 2.3 to 2.7 30 500 2.0 6.0 8.0 2.7 50 500 2.5 5.1 6.1 3.0 to 3.6 50 500 2.5 1 4.3 1 5.1 t oslh t oshl output to output skew time (note1, 2) 2.7 to 3.6 1 1 ns symbol parameter test condition value unit v cc (v) t a = 25 c min. typ. max. c in input capacitance 4pf c pd power dissipation capacitance (note 1) 1.8 f in = 10mhz 27 pf 2.5 30 3.3 33
74lvc00a 5/8 test circuit r t = z out of pulse generator (typically 50 w ) test circuit and waveform symbol value waveform: propagation delay (f=1mhz; 50% duty cycle) symbol v cc 1.65 to 1.95v 2.3 to 2.7v 2.7v 3.0 to 3.6v c l 30pf 30pf 50pf 50pf r l 1000 w 500 w 500 w 500 w v ih v cc v cc 2.7v 2.7v v m v cc /2 v cc /2 1.5v 1.5v v oh v cc v cc 3.0v 3.0v t r = t r <2.0ns <2.0ns <2.5ns <2.5ns
74lvc00a 6/8 dim. mm. inch min. typ max. min. typ. max. a 1.75 0.068 a1 0.1 0.2 0.003 0.007 a2 1.65 0.064 b 0.35 0.46 0.013 0.018 b1 0.19 0.25 0.007 0.010 c 0.5 0.019 c1 45 (typ.) d 8.55 8.75 0.336 0.344 e 5.8 6.2 0.228 0.244 e 1.27 0.050 e3 7.62 0.300 f 3.8 4.0 0.149 0.157 g 4.6 5.3 0.181 0.208 l 0.5 1.27 0.019 0.050 m 0.68 0.026 s8 (max.) so-14 mechanical data po13g
74lvc00a 7/8 dim. mm. inch min. typ max. min. typ. max. a 1.2 0.047 a1 0.05 0.15 0.002 0.004 0.006 a2 0.8 1 1.05 0.031 0.039 0.041 b 0.19 0.30 0.007 0.012 c 0.09 0.20 0.004 0.0089 d 4.9 5 5.1 0.193 0.197 0.201 e 6.2 6.4 6.6 0.244 0.252 0.260 e1 4.3 4.4 4.48 0.169 0.173 0.176 e 0.65 bsc 0.0256 bsc k0 80 8 l 0.45 0.60 0.75 0.018 0.024 0.030 tssop14 mechanical data c e b a2 a e1 d 1 pin 1 identification a1 l k e 0080337d
74lvc00a 8/8 information furnished is believed to be accurate and reliable. however, stmicroelectronics assumes no res ponsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result f rom its use. no license is granted by implication or otherwise under any patent or patent rights of stmicroelectronics. specificati ons mentioned in this publication are subject to change without notice. this publication supersedes and replaces all information previously supplied. stmicroelectronics products are not authorized for use as critical components in life support devi ces or systems without express written approval of stmicroelectronics. ? the st logo is a registered trademark of stmicroelectronics ? 2002 stmicroelectronics - printed in italy - all rights reserved stmicroelectronics group of companies australia - brazil - canada - china - finland - france - germany - hong kong - india - israel - italy - japan - malaysia - malt a - morocco singapore - spain - sweden - switzerland - united kingdom - united states. ? http://www.st.com


▲Up To Search▲   

 
Price & Availability of 74LVC00AM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X