Part Number Hot Search : 
KGL4205 TA7666 CA12240 MBR1535 CS4412A TA7666 IDP23E60 D1790
Product Description
Full Text Search
 

To Download 60-70MTKPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number: 94356 for technical ques tions, contact: ind-modules@vishay.com www.vishay.com revision: 29-apr-08 1 three phase bridge (power modules), 60/70 a 60-70mt..kpbf series vishay high power products features ? package fully compatible with the industry standard int-a-pak power modules series ? high thermal conductivity package, electrically insulated case ? excellent power volume ratio, outline for easy connections to power transistor and igbt modules ? 4000 v rms isolating voltage ? ul e78996 approved ? totally lead (pb)-free ? designed and qualified for industrial level description a range of extremely compact, encapsulated three phase bridge rectifiers offering efficient and reliable operation. they are intended for use in general purpose and heavy duty applications. electrical specifications product summary i o 60/70 a mtk rohs compliant major ratings and characteristics symbol characteristics 60mt.k 70mt.k units i o 60 (75) 70 (90) a t c 85 (61) 85 (57) c i fsm 50 hz 420 480 a 60 hz 440 500 i 2 t 50 hz 870 1150 ka 2 s 60 hz 790 1050 i 2 t 8700 11 500 ka 2 s v rrm range 800 to 1600 v t stg range - 40 to 150 c t j voltage ratings type number voltage code v rrm , maximum repetitive peak reverse voltage v v rsm , maximum non-repetitive peak reverse voltage v i rrm maximum at t j maximum ma 60-70mt..k 80 800 900 10 100 1000 1100 120 1200 1300 140 1400 1500 160 1600 1700
www.vishay.com for technical questi ons, contact: ind-modules@vishay.com document number: 94356 2 revision: 29-apr-08 60-70mt..kpbf series vishay high power products three phase bridge (power modules), 60/70 a forward conduction parameter symbol test conditions 60mt.k 70mt.k units maximum dc output current at case temperature i o 120 rect. conduction angle 60 (75) 70 (90) a 85 (61) 85 (57) c maximum peak, one-cycle forward, non-repetitive surge current i fsm t = 10 ms no voltage reapplied initial t j = t j maximum 420 480 a t = 8.3 ms 440 500 t = 10 ms 100 % v rrm reapplied 350 400 t = 8.3 ms 370 420 maximum i 2 t for fusing i 2 t t = 10 ms no voltage reapplied 870 1150 ka 2 s t = 8.3 ms 790 1050 t = 10 ms 100 % v rrm reapplied 610 800 t = 8.3 ms 560 730 maximum i 2 t for fusing i 2 t t = 0.1 to 10 ms, no voltage reapplied 8700 11 300 a 2 s low level value of threshold voltage v f(to)1 (16.7 % x x i f(av) < i < i f(av) ), t j maximum 0.85 0.86 v high level value of threshold voltage v f(to)2 (i > x i f(av) ), t j maximum 1.07 1.08 low level value of forward slope resistance r f1 (16.7 % x x i f(av) < i < i f(av) ), t j maximum 8.04 7.35 m high level value of forward slope resistance r f2 (i > x i f(av) ), t j maximum 7.08 6.53 maximum forward voltage drop v fm i pk = 100 a, t j = 25 c, t p = 400 s single junction 1.75 1.55 v rms isolation voltage v isol t j = 25 c, all terminal shorted f = 50 hz, t = 1 s 4000 thermal and mechanical specifications parameter symbol test conditions 60mt.k 70mt.k units maximum junction operating and storage temperature range t j , t stg - 40 to 150 c maximum thermal resistance, junction to case r thjc dc operation per module 0.37 0.29 k/w dc operation per junction 2.22 1.75 120 rect. conduction angle per module 0.40 0.34 120 rect. conduction angle per junction 2.42 2.01 maximum thermal resistance, case to heatsink per module r thcs mounting surface smooth, flat and greased 0.03 mounting torque 10 % to heatsink a mounting compound is recommended and the torque should be rechecked after a period of 3 hours to allow for the spread of the compound. lubricated threads. 4 to 6 nm to terminal 3 to 4 approximate weight 176 g
document number: 94356 for technical ques tions, contact: ind-modules@vishay.com www.vishay.com revision: 29-apr-08 3 60-70mt..kpbf series three phase bridge (power modules), 60/70 a vishay high power products fig. 1 - current ratings c haracteristics fig. 2 - forwar d voltage drop characteristics fig. 3 - total power loss characteristics fig. 4 - maximum non-repetitve surge current fig. 5 - maximum non-repetitive surge current 50 100 110 120 130 140 150 90 80 70 60 maximum allowable case temperature (c) total output current (a) 10 20 30 40 60 50 70 80 0 60mt..k series 120 (rect) + - ~ 1 100 10 1000 instantaneous forward current (a) instantaneous forward voltage (v) 1234 5 0 t j = 25 c 60mt..k series per junction t j = 150 c 0 175 200 225 250 150 125 100 75 50 25 maximum total power loss (w) total output current (a) 10 20 30 40 70 60 50 80 0 120 (rect) 60mt..k series t j = 150 c 0 175 200 225 250 150 125 100 75 50 25 maximum total power loss (w) maximum allowable ambient temperature (c) 25 50 75 100 125 150 0 r thsa = 0.058 k/w - r 0.12 k/w 0.2 k/w 0.3 k/w 0.5 k/w 0.7 k/w 1 k/w 1.5 k/w 350 400 300 250 200 150 100 peak half sine wave forward current (a) number of equal amplitude half cycle current pulses (n) 10 100 1 at 60 hz 0.0083 s at 50 hz 0.0100 s 60mt..k series at any rated load condition and with rated v rrm applied following surge. initial t j = 150 c 350 400 450 300 250 200 150 100 50 peak half sine wave forward current (a) pulse train duration (s) 0.01 0.1 1.0 maximum non-repetitive surge current versus pulse train duration. initial t j = 150 c no voltage reapplied rated v rrm reapplied 60mt..k series
www.vishay.com for technical questi ons, contact: ind-modules@vishay.com document number: 94356 4 revision: 29-apr-08 60-70mt..kpbf series vishay high power products three phase bridge (power modules), 60/70 a fig. 6 - current ratings characteristics fig . 7 - forward voltage drop characteristics fig. 8 - total power loss characteristics fig. 9 - maximum non-repetitive surge current fig. 10 - maximum non-repetitive surge current 120 130 140 150 110 100 90 80 70 60 50 maximum allowable case temperature (c) total output current (a) 20 40 60 80 100 0 120 (rect) 70mt..k series + - ~ 1 100 10 1000 instantaneous forward current (a) instantaneous forward voltage (v) 1234 5 0 t j = 25 c 70mt..k series per junction t j = 150 c 250 300 200 150 100 50 0 maximum total power loss (w) total output current (a) 10 20 30 40 60 50 70 80 90 0 120 (rect) 70mt..k series t j = 150 c 0 100 150 200 250 300 50 maximum total power loss (w) maximum allowable ambient temperature (c) 25 50 75 100 125 150 0 r thsa = 0 .05 k/w - r 0.1 k/w 0.2 k/w 0.3 k/w 0.5 k/w 0.7 k/w 1 k/w 1.5 k/w 450 400 350 300 250 200 150 100 peak half sine wave forward current (a) number of equal amplitude half cycle current pulses (n) 10 100 1 70mt..k series at 60 hz 0.0083 s at 50 hz 0.0100 s at any rated load condition and with rated v rrm applied following surge. initial t j = 150 c 400 500 450 350 300 250 200 150 100 peak half sine wave forward current (a) pulse train duration (s) 10 100 1 maximum non-repetitive surge current versus pulse train duration. 70mt..k series initial t j = 150 c no voltage reapplied rated v rrm reapplied
document number: 94356 for technical ques tions, contact: ind-modules@vishay.com www.vishay.com revision: 29-apr-08 5 60-70mt..kpbf series three phase bridge (power modules), 60/70 a vishay high power products fig. 11 - thermal impedance z thjc characteristics ordering information table note ? to order the optional hardware go to www.vishay.com/doc?95172 circuit configuration 0.01 0.1 1 10 0.001 0.01 0.1 1 square wave pulse duration (s) z thjc - transient thermal impedance (k/w) 10 70mt..k series 60mt..k series per junction steady state value r thjc = 2.22 k/w r thjc = 1.75 k/w (dc operation) 1 - current rating code: 6 = 60 a (average) 2 - three phase diodes bridge 3 - essential part number 4 - voltage code x 10 = v rrm (see voltage ratings table) 5 - pbf = lead (pb)-free 7 = 70 a (average) device code 5 13 24 6 7 0 mt 160 k pbf a b c d e f + - ~ links to related documents dimensions http://www.vishay.com/doc?95004
document number: 95004 for tec hnical questions, contact: indmodules@vishay.com www.vishay.com revision: 27-aug-07 1 mtk (with and without optional barrier) outline dimensions vishay semiconductors dimensions with optional barriers in millimeters (inches) 24 0.5 (0.94 0.02) 38 0.5 (1.5 0.02) 30 0.5 (1.17 0.02) 35 0.3 (1.38 0.01) 8.5 0.5 (0.34 0.02) fast-on tab 2.8 x 0.8 (type 110) screws m5 x 0.8 length 10 28 1 (1.11 0.04) 25.5 0.5 (1.004 0.02) 5 0.3 (0.2 0.01) 75 0.5 (2.95 0.02) 46 0.3 (1.81 0.01) 80 0.3 (3.15 0.01) 94 0.3 (3.7 0.01) ? 6.5 0.2 (? 0.26 0.01) 14 0.3 (0.55 0.01) 18 0.3 (0.71 0.01) 1 2 3 4 5 6 7 8 a b c f e d
www.vishay.com for technical questions, contact: indmodules@vishay.com document number: 95004 2 revision: 27-aug-07 outline dimensions vishay semiconductors mtk (with and withou t optional barrier) dimensions without optional barriers in millimeters (inches) 24 0.5 (0.94 0.02) 30 0.5 (1.17 0.02) 35 0.3 (1.38 0.01) 8.5 0.5 (0.34 0.02) fast-on tab 2.8 x 0.8 (type 110) screws m5 x 0.8 length 10 28 1 (1.11 0.04) 25.5 0.5 (1.004 0.02) 5 0.3 (0.2 0.01) 75 0.5 (2.95 0.02) 46 0.3 (1.81 0.01) 80 0.3 (3.15 0.01) 94 0.3 (3.7 0.01) ? 6.5 0.2 (? 0.26 0.01) 14 0.3 (0.55 0.01) 18 0.3 (0.71 0.01) 1 2 3 4 5 6 7 8 a b c f e d
legal disclaimer notice www.vishay.com vishay revision: 12-mar-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products no t expressly indicated for use in such applications do so at their own risk and agr ee to fully indemnify and hold vishay and it s distributors harmless from and against an y and all claims, liabilities, expenses and damages arising or resulting in connection with such use or sale , including attorneys fees, even if such claim alleges that vis hay or its distributor was negligent regarding th e design or manufacture of the part. please contact authorized vishay personnel t o obtain written terms and conditions regardin g products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu.


▲Up To Search▲   

 
Price & Availability of 60-70MTKPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X