Part Number Hot Search : 
FT245 SMFJ130A UPC1227V BRT11H 74HCT08 1N444 TLSE53T 36KCW
Product Description
Full Text Search
 

To Download 30C02MH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  30C02MH no. 7364-1/4 specifications of any and all sanyo semiconductor co.,ltd. products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer ' s products or equipment. to verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer ' s products or equipment. any and all sanyo semiconductor co.,ltd. products described or contained herein are, with regard to "standard application", intended for the use as general electronics equipment (home appliances, av equipment, communication device, office equipment, industrial equipment etc.). the products mentioned herein shall not be intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee thereof. if you should intend to use our products for applications outside the standard applications of our customer who is considering such use and/or outside the scope of our intended standard applications, please consult with us prior to the intended use. if there is no consultation or inquiry before the intended use, our customer shall be solely responsible for the use. applications ? low-frequency ampli er, high-speed switching, small motor drive. features ? large current capacitance. ? low collector-to-emitter saturation voltage (resistance) : r ce (sat) typ=330m [i c =0.7a, i b =35ma]. ? ultrasmall package facilitates miniaturization in end products. ? small on-resistance (ron). speci cations absolute maximum ratings at ta=25c parameter symbol conditions ratings unit collector-to-base voltage v cbo 40 v collector-to-emitter voltage v ceo 30 v emitter-to-base voltage v ebo 5v collector current i c 700 ma collector current (pulse) i cp 1.4 a collector dissipation p c when mounted on ceramic substrate (600mm 2 0.8mm) 600 mw junction temperature tj 150 c storage temperature tstg -55 to +150 c marking : cl ordering number : en7364a 60210ea tk im tc-00002359 / o2203 ts im ta-100141 sanyo semiconductors data sheet 30C02MH npn epitaxial planar silicon transistor low-frequency general-purpose ampli er applications http:// semicon.sanyo.com/en/network
30C02MH no. 7364-2/4 electrical characteristics at ta=25c parameter symbol conditions ratings unit min typ max collector cutoff current i cbo v cb =30v, i e =0a 100 na emitter cutoff current i ebo v eb =4v, i c =0a 100 na dc current gain h fe v ce =2v, i c =50ma 300 800 gain-bandwidth product f t v ce =10v, i c =50ma 540 mhz output capacitance cob v cb =10v, f=1mhz 3.3 pf collector-to-emitter saturation voltage v ce (sat) i c =200ma, i b =10ma 85 190 mv base-to-emitter saturation voltage v be (sat) i c =200ma, i b =10ma 0.9 1.2 v collector-to-base breakdown voltage v (br)cbo i c =10 a, i e =0a 40 v collector-to-emitter breakdown voltage v (br)ceo i c =1ma, r be = 30 v emitter-to-base breakdown voltage v (br)ebo i e =10 a, i c =0a 5 v turn-on time t on see speci ed test circuit. 35 ns storage time t stg see speci ed test circuit. 255 ns fall time t f see speci ed test circuit. 40 ns package dimensions switching time test circuit unit : mm (typ) 7019a-004 1 : base 2 : emitter 3 : collector sanyo : mcph3 0.25 0.25 0.07 2.1 1.6 2.0 0.65 0.3 0.85 0.15 12 3 0 to 0.02 v r r b v cc =12v v be = --5v + + 50 input output r l 220 f 470 f pw=20 s i b1 d.c. 1% i b2 i c =20i b1 = --20i b2 =300ma 0 0 500 400 300 700 600 200 200 100 0 300 400 200 800 700 600 500 100 500 1000 800 900 100 300 400 600 700 i c -- v ce it05082 0 0.2 0.4 0.6 0.8 1.0 i c -- v be it05083 i b =0a 200 a 400 a 1ma 2ma 3ma 5ma 7ma 10ma 50ma 15ma 30ma 20ma ta=75 c --25 c 25 c v ce =2v collector-to-emitter voltage, v ce -- mv collector current, i c -- ma base-to-emitter voltage, v be -- v collector current, i c -- ma
30C02MH no. 7364-3/4 it05089 f t -- i c 100 1000 7 3 5 2 10 1.0 100 23 57 23 57 1000 23 57 v ce =10v cob -- v cb it05088 2 10 1.0 7 3 5 1.0 10 23 5 23 5 7 f=1mhz v ce (sat) -- i c v be (sat) -- i c it05086 it05087 10 100 1000 7 5 3 2 7 5 3 2 1.0 23 5 10 100 1000 7 23 5 7 23 5 7 1.0 0.1 10 3 2 5 7 3 2 5 7 1.0 23 5 10 100 1000 7 23 5 7 23 5 7 i c / i b =50 i c / i b =20 25 c --25 c ta=75 c 75 c ta=--25 c 25 c collector current, i c -- ma output capacitance, cob -- pf collector-to-base voltage, v cb -- v gain-bandwidth product, f t -- mhz collector-to-emitter saturation voltage, v ce (sat) -- mv collector current, i c -- ma collector current, i c -- ma base-to-emitter saturation voltage, v be (sat) -- v p c -- ta it05092 0 700 500 600 400 200 300 100 0 20 40 60 80 100 120 140 160 collector dissipation, p c -- mw ambient temperature, ta -- c base current, i b -- ma ron -- i b on resistance, ron -- f=1mhz 0.1 0.1 it06793 10 7 5 3 2 7 5 3 2 1.0 3 2 57 3 2 57 1.0 10 out in 1k 1k i b 1.0 10 100 1000 3 2 57 3 2 57 3 2 57 1000 100 2 3 5 7 h fe -- i c it05084 v ce (sat) -- i c it05085 ta=75 c --25 c 25 c v ce =2v 2 3 5 7 2 3 5 7 10 1.0 100 2 3 5 7 1000 1.0 23 5 10 100 1000 7 23 5 7 23 5 7 25 c -- 2 5 c ta=75 c i c / i b =20 collector current, i c -- ma dc current gain, h fe collector current, i c -- ma collector-to-emitter saturation voltage, v ce (sat) -- mv when mounted on ceramic substrate (600mm 2 0.8mm)
30C02MH no. 7364-4/4 sanyo semiconductor co.,ltd. assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all sanyo semiconductor co.,ltd. products described or contained herein. sanyo semiconductor co.,ltd. strives to supply high-quality high-reliability products, however, any and all semiconductor products fail or malfunction with some probability. it is possible that these probabilistic failures or malfunction could give rise to accidents or events that could endanger human lives, trouble that could give rise to smoke or fire, or accidents that could cause damage to other property. when designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. upon using the technical information or products described herein, neither warranty nor license shall be granted with regard to intellectual property rights or any other rights of sanyo semiconductor co.,ltd. or any third party. sanyo semiconductor co.,ltd. shall not be liable for any claim or suits with regard to a third party's intellectual property rights which has resulted from the use of the technical information and products mentioned above. information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for volume production. any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. when designing equipment, refer to the "delivery specification" for the sanyo semiconductor co.,ltd. product that you intend to use. in the event that any or all sanyo semiconductor co.,ltd. products described or contained herein are controlled under any of applicable local export control laws and regulations, such products may require the export license from the authorities concerned in accordance with the above law. no part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written consent of sanyo semiconductor co.,ltd. ps this catalog provides information as of june, 2010. speci cations and information herein are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of 30C02MH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X