Part Number Hot Search : 
VCO55CL 84C640 AOZ102 M15KP48A 76P08 2SC313 AD830 5040E
Product Description
Full Text Search
 

To Download 2W04G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  micro commercial components corp. products end of life notification !!"#$%&'#($ !!"#$%&'#($ !!"#$%&'#($ !!"#$%&'#($)#* )#* )#* )#*+ ++ +, ,, ,,'- ,'- ,'- ,'-+ ++ +./ ././ ./,/ ,/,/ ,/$ $$ $ 012$345( 012$345( 012$345( 012$345($ $$ $/ // /.,, .,, .,, .,,,/ ,/,/ ,/$ $$ $ 2&!'$6"7$8&'#$($ 2&!'$6"7$8&'#$($ 2&!'$6"7$8&'#$($ 2&!'$6"7$8&'#$($39: 39: 39: 39:$ $$ $ 8#!;<=>'=4?$&?%$@"<>4!#( 8#!;<=>'=4?$&?%$@"<>4!#( 8#!;<=>'=4?$&?%$@"<>4!#( 8#!;<=>'=4?$&?%$@"<>4!#($ $$ $ abb$-&!$"?%#<4%";' !$g$&?% abb$-&!$"?%#<4%";' !$g$&?% abb$-&!$"?%#<4%";' !$g$&?% abb$-&!$"?%#<4%";' !$g$&?%$ $$ $ %#'#<4%";'!( i4e$><4%";'!( i4e$><4%";'!( i4e$><4%";'!($ $$ $ 8=!;4?'=?"#%$8#d=;#! 8=!;4?'=?"#%$8#d=;#! 8=!;4?'=?"#%$8#d=;#! 8=!;4?'=?"#%$8#d=;#! @4!!=*i#$j#>i&;#h#?'! @4!!=*i#$j#>i&;#h#?'! @4!!=*i#$j#>i&;#h#?'! @4!!=*i#$j#>i&;#h#?'! w005g~w10g n/a 2w005~2w10 n/a 2w005g~2w10g n/a tm micro commercial components m c c www. mccsemi .com
2w005g thru 2w10g 2 amp single phase bridge rectifier 50 to 1000 volts wol features ? low profile package ? glass passivated die ? silver plated copper leads ? surge overload rating of 60 amps dimensions inches mm dim min max min max note a --- .378 --- 9.60 b --- .291 --- 7.40 c 1.000 --- 25.40 --- d 1.098 --- 27.90 --- e .180 .220 4.60 5.60 maximum ratings ? operating temperature: -55 c to +125 c ? storage temperature: -55 c to +150 c ? typical thermal resistance of 40 c/w junction to ambient electrical characteristics @ 25 c unless otherwise specified average forward current i f(av) 2.0a t j = 25 c peak forward surge current i fsm 60a 8.3ms, half sine maximum forward voltage drop per element v f 1.1v i fm = 2.0a; t j = 25 c* maximum dc reverse current at rated dc blocking voltage i r 10 a 1ma t j = 25 c t j = 100 c *pulse test: pulse width 300 sec, duty cycle 2% e e ac ac + - a b c d f f .028 .032 0.71 0.81  
 omp onents 20736 marilla street chatsworth    !"# $
%    !"# m c c revision: 6 2006/05/28 mcc part number device marking maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage 2w005g 2w005g 50v 35v 50v 2w01g 2w01g 100v 70v 100v 2w02g 2w02g 200v 140v 200v 2W04G 2W04G 400v 280v 400v 2w06g 2w06g 600v 420v 600v 2w08g 2w08g 800v 560v 800v 2w10g 2w10g 1000v 700v 1000v ? ul recognized file # e165989 tm micro commercial components case material: molded plastic. ul flammability classification rating 94v-0 www. mccsemi .com 1 of 3
2w005g thru 2w10g figure 2 typical reverse characteristics instantaneous reverse leakage current - microampere s versus percent of rated peak reverse voltage - volts volts 4 6 20 10 amps 20 120 40 60 80 100 .01 .02 .04 .06 .1 .2 .4 .6 1 2 40 60 100 140 t j =25 c 1 100 4 0 10 20 30 8 figure 4 peak forward surge current peak forward surge current - amperes versus number of cycles at 60hz - cycles amps cycles 2 6 10 20 60 80 40 00 40 50 60 instantaneous forward current - amperes versus instantaneous forward voltage - volts figure 1 typical forward characteristics volts 4 6 20 10 amps .2 1.2 .4 .6 .8 1.0 .01 .02 .04 .06 .1 .2 .4 .6 1 2 t j =25 c 40 60 100 1.4 t a =100 c m c c revision: 6 2006/05/28 single phase, half wave 60hz resistive or inductive load 0 average forward rectified current - amperes versus case temperature - c figure 3 forward derating curve 25 50 100 125 150 0 0.5 1.0 1.5 amps 75 2.0 2.5 3.0 tm micro commercial components www. mccsemi .com 2 of 3
m c c revision: 6 2006/05/28 tm micro commercial components www. mccsemi .com 3 of 3 products are represented on our website, harmless against all damages. ***applications disclaimer*** ***important notice*** aerospace or military applications. products offer by micro commercial components corp . are not intended for use in medical, micro commercial components corp . reserve s the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . micro commercial components corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . the user of products in such applications shall assume all risks of such use and will agree to hold micro commercial components corp . and all the companies whose


▲Up To Search▲   

 
Price & Availability of 2W04G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X