Part Number Hot Search : 
DMBTA64 1N4002 TDA8010 IL78L05 GBJ6B TDA8010 MPF102RL TX1N5
Product Description
Full Text Search
 

To Download 2W04G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rev. a/ah 2008 - 01 - 22 2w005g ? 2w10g 2a glass passivated bridge rectifier taitron components incorporated www.taitroncomponents.com tel: (800) - taitron (800) - 824 - 8766 (661) - 257 - 6060 fax: ( 800 ) - taitfax ( 800 ) - 824 - 8329 ( 661 ) - 257 - 6415 page 1 of 4 2a glass passivated bridge rectifier features ? glass passivated chip junction ? high case dielectric strength ? typical i r less than 0.5a ? high surge current capability ? ideal for printed circuit boards ? high temperature soldering guaranteed: 260 ? c/10 seconds 0.375? (9.5mm) lead length at 5lbs.(2.3kg) tension ? this series is ul recognized under component index, file number e194718 ? rohs compliant mechanical data case: wog, epoxy meets ul 94v-0 flammability rating terminals: plated leads solderable per mil-std-750, method 2026 polarity: as marked on case weight: 0.04 ounce, 1.1 grams maximum ratings and elec trical characteristics (t amb =25 ? c) symbols parameter 2w 005g 2w 01g 2w 02g 2w 04g 2w 06g 2w 08g 2w 10g unit conditions v rrm maximum repetitive peak reverse voltage 50 100 200 400 600 800 1000 v v rms maximum rms voltage 35 70 140 280 420 560 700 v v dc maximum dc blocking voltage 50 100 200 400 600 800 1000 v i (av) maximum average forward rectified current at 0.375? (9.5mm) lead length 2.0 a i fsm peak forward surge current 60 a 8.3ms single sine-wave superimposed on rated load (jedec method) i2 t rating for fusing (t<8.3ms) 15 a2sec wog
rev. a/ah 2008 - 01 - 22 www.taitroncomponents.com page 2 of 5 2a glass passivated bridge rectifier 2w005g ? 2w10g fig.1- derating curve output rectified current ambient temperature (c) symbols parameter 2w 005g 2w 01g 2w 02g 2w 04g 2w 06g 2w 08g 2w 10g unit conditions v f maximum instantaneous forward voltage drop per leg 1.1 v i f =2.0a 5.0 t a =25c i r maximum dc reverse current at rated dc blocking voltage per leg 500 a t a =125c c j typical junction capacitance per leg 40 20 pf v r =4v, f=1mhz r ja 40 r jl typical thermal resistance per leg 15 ? c/w note 1 t j, t stg operating junction and storage temperature range -55 to 150 ? c note: 1. thermal resistance from junction to ambient and from junction to lead at 0.375? (9.5mm) lead length p.c.b. mounting. rating and characteristic curves fig.2-maximum non-repetitive peak forward surge current per leg number of cycles at 60 hz i fsm , peak forward surge current (a) i (av) , average forward output current (a)
rev. a/ah 2008 - 01 - 22 www.taitroncomponents.com page 3 of 5 2a glass passivated bridge rectifier 2w005g ? 2w10g fig.5-typical junction capacitance per leg v r, reverse voltage (v) c j , junction capacitance (pf) i f , instantaneous forward current (a) fig.3-typical forward characteristics per leg v f , instantaneous forward volta g e ( v ) fig.4-typical reverse leakage characteristics per leg percent of rated peak reverse voltage (%) i r , instantaneous reverse current (a)
rev. a/ah 2008 - 01 - 22 www.taitroncomponents.com page 4 of 5 2a glass passivated bridge rectifier 2w005g ? 2w10g dimensions in inch (mm) case style wog
rev. a/ah 2008 - 01 - 22 www.taitroncomponents.com page 5 of 5 2a glass passivated bridge rectifier 2w005g ? 2w10g how to contact us us headquarters 28040 west harrison parkway, valencia, ca 91355-4162 tel: (800) taitron (800) 247-2232 (661) 257-6060 fax: (800) taitfax (800) 824-8329 (661) 257-6415 email: taitron@taitroncomponents.com http:// www.taitroncomponents.com taitron components mexico, s.a .de c.v. boulevard central 5000 interior 5 parque industrial atitalaquia, hidalgo c.p. 42970 mexico tel: +52-55-5560-1519 fax: +52-55-5560-2190 taitron components incorporated representa??es do brasil ltda rua domingos de morais, 2777, 2.andar, sala 24 sade - s?o paulo-sp 04035-001 brazil tel: +55-11-5574-7949 fax: +55-11-5572-0052 taitron components incorporated, shanghai representative office metrobank plaza, 1160 west yan? an road, suite 1503, shanghai, 200052, china tel: +86-21-5424-9942 fax: +86-21-5424-9931


▲Up To Search▲   

 
Price & Availability of 2W04G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X