Part Number Hot Search : 
PIC18F8 LT0129 AX674AJN CFWS455B 1600C 2N4339 ECT25S32 SF2185A
Product Description
Full Text Search
 

To Download 29331 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  .005 .01 angle 3 place 2 place 29331 c 1 end page rev part number title specifications agency approval: n/a tolerances unless otherwise noted wayzata, mn 55391 corporation schott 1000 parkers lake road 8 5 2 1 3 4 7 6 ground only one end of shield .780 max (19.81) .780 max (19.81) .640 max (16.26) .197 .010 (5.0) sq. .024 (0.61) .591 .010 (15.0) .150 min (3.81) schott 29331 yyww 1 4 5 8 inches (mm) transformer hdsl 1168 kbps temp class 105c 1. inductance: (1-2-3-4) @ 10 khz, 0.1v = 2 mhy 3% 2. turns ratio: (1-2):(3-4):(5-8) = 1:1:1 2% 3. leakage inductance: (1-2-3-4) @ 100 khz, with (5-8) shorted < 40 hy 4. interwinding capacitance: (5-8) to (1-2-3-4) with the sheild grounded @ 100 khz < 75 pf 5. dc resistance: (5-8) = 1.00 ohms 10% (1-2),(3-4), = 1.25 ohms 10% 6. return loss: (1-2-3-4) 135 ohms ref, 32 ohms, .01 f load on (5-8) 40 - 200 khz > 17 db 7. longitudinal balance: 1-2-3-4 @ 135ohms 200 khz > 50 db 8. harmonic distorion: 135 ohms, 100 khz, 160madc, 5vp-p > -70 db 10. dielectric strength: 2500 ac (1-2-3-4) to (5-6) 11. insulation resistance: @ 500 vdc > 500 megohms designed for use with brooktree 8921/8952


▲Up To Search▲   

 
Price & Availability of 29331

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X