Part Number Hot Search : 
MC78L 22105 LTC4442 HCF4034 ON0519 F0805 LT397 REF19
Product Description
Full Text Search
 

To Download 180180-0001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  led array holders for bridgelux* es and rs arrays ? compression contacts to power array simplifes the led installation process by eliminating hand soldering or expensive surface mount technology (smt) equipment and reduces installation time ? double-ended wire-trap terminal to attach power source allows for wiring serial or parallel led sequences, ensuring ease of array assembly ? screw-mount attachment method for securing array to heat sink provides voltage isolation between led and heat sink ? releasable wire trap for rework or replacement allows for feld serviceability features and benefits molexs led array holder, ideal for oem light-fxture manufacturers, simplifes the led installation process for bridgelux energy-effcient es and rs arrays and reduces installation time with compression contacts that eliminate hand soldering led technology has been proven to reduce the amount of energy consumed and is becoming a more reliable, effcient and user-friendly way for accommodating general illumination requirements. using unmatched interconnect technology, molex provides a solderless solution to mounting led arrays into oem designs. led array holders simplify the led installation process by eliminating the need for hand or smt soldering and expensive smt equipment. the holders will allow customers to install led arrays quickly into fxtures, enable feld replacements and facilitate upgrades to current applications. for additional information visit: www.molex.com/link/holderbridgelux.html for information about additional solid state lighting (ssl) that complements bridgelux and other array products visit: www.molex/industry/solidstatelighting.com ? high-temperature thermoplastic housing supports high heat-generating environments ? overall array holder form factor is less than 50.00mm (1.96) in diameter for es arrays and 70.00 by 71.00mm (2.75 by 2.80) for rs arrays is ideal for lamp and small-fxture applications, including mr16 or track lighting ? clear led protective cover is available (es version only) with a snap-lock feature and the ip66 rated cover provides dust and impact protection; provides fexible design options ? snap-lock feature for optional optic provides aiming of light source, per application led array holder for bridgelux* es array reference information packaging: tray ul file no.: pending csa file no.: pending designed in: millimeters rohs: yes reach: no svhc electrical voltage (max.): 300v dc current (max.): 2.5a continuous; 3.5a max. contact resistance: 20 milliohms max. dielectric withstanding voltage: 300v dc insulation resistance: 5000 milliohms min. specifications mechanical wire insertion force: 5n (1.12lbf) max. wire pull out force: 25n (5.62 lbf) max. durability (min): 20 cycles physical overall diameter: es: 50.00mm (1.96) rs: 70.00 by 71.00mm (2.75 by 2.80) housing: pa66 nylon gf contact: copper (cu), nickel (ni) and silver (ag) plating: contact area silver (ag) solder tail area silver (ag) underplating nickel (ni) led array holder for bridgelux* rs array *bridgelux is a registered trademark of bridgelux inc.
applications led array holders for bridgelux* es and rs arrays www.molex.com/ link/holderbridgelux.html www.molex.com/ industry/solidstatelighting.html order no. 987650-5541 rev. 1 printed in usa/kc/2011.05 ? 2011, molex ? all general illumination applications - downlighting - track - pendants - linear - architectural - decorative ? area lighting - roadways - parking lots - wall packs recessed downlighting in residential and commercial buildings led array holder for bridgelux* rs arrays led array holder with optic for bridgelux* es arrays (optic sold separately from ledil) ordering information order no. holder version plating clear cover 180150-0000 es silver (ag) no 180150-0001 ye s 180180-0001 rs no *bridgelux is a registered trademark of bridgelux inc. bridgelux* es array bridgelux* rs array led array holder for bridgelux* es arrays led array holder mounted to heat sink for bridgelux* rs arrays (heat sink sold separately)


▲Up To Search▲   

 
Price & Availability of 180180-0001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X