this document was generated on 05/28/2010 please check www.molex.com for latest part information part number: 0760450003 status: active overview: sfp_stacked_multiport_connectors description: small form-factor pluggable plus (sfp+) stacked 2-by-2 multi-port connector with 2 outer lightpipe ports, emi metal gasket, 80 circuits, tin (sn)/lead(pb) tails documents: 3d model product specification ps-75310-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) application specification (pdf) agency certification csa lr19980 ul e29179 general product family i/o connectors series 76045 application module-to-board component type receptacle overview sfp_stacked_multiport_connectors product name sfp plus type n/a physical boot color n/a circuits (loaded) 80 circuits (maximum) 80 circuits detail 80 color - resin black, clear (blue tint) durability (mating cycles max) 100 flammability 94v-0 gender female keying to mating part none lock to mating part yes material - metal high performance alloy (hpa) material - plating mating gold material - plating termination tin-lead material - resin high temperature thermoplastic, polycarbonate number of rows 2 orientation right angle pc tail length (in) 0.081 in pc tail length (mm) 2.07 mm pcb locator yes pcb retention yes pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.57 mm packaging type tray panel mount no pitch - mating interface (in) 0.031 in pitch - mating interface (mm) 0.80 mm pitch - term. interface (in) 0.031 in pitch - term. interface (mm) 0.80 mm plating min: mating (in) 30.4 plating min: mating (m) 0.76 plating min: termination (in) 30.4 series image - reference only eu rohs china rohs rohs compliant by exemption reach svhc not reviewed halogen-free status halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 76045 series use with 0759510999 sfp dust plug, application tooling | faq tooling specifications and manuals are found by selecting the products below. crimp height specifications are then contained in the application tooling specification document. global description product # sfp stacked multi- port insertion tool, 2 by 2 0622029970 sfp stacked multi- port extraction tool, 2 by 2 0622029975
plating min: termination (m) 0.76 polarized to mating part yes polarized to pcb yes surface mount compatible (smc) no temperature range - operating -40c to +85c termination interface: style through hole - compliant pin waterproof / dustproof no electrical current - maximum per contact 0.5a grounding to panel none shield type emi gasket shielded yes voltage - maximum 120v ac (rms)/dc material info reference - drawing numbers application specification as-75310-001, as-76090-001 packaging specification pk-75714-001 product specification ps-75310-001 sales drawing sd-76045-001 test summary ts-75310-001 this document was generated on 05/28/2010 please check www.molex.com for latest part information
|