Part Number Hot Search : 
N6000 H220M 2SC306 HN2C10FT 03100 03100 220N03MS 5EFM1S
Product Description
Full Text Search
 

To Download 0685610018 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/25/2010 please check www.molex.com for latest part information part number: 0685610018 status: active overview: serial_ata_products description: 1.27mm (.050") pitch serial ata idt power latching adapter cable assembly, 0.152m (6.00") length, gold flash, 5v+12v, leadfree documents: drawing (pdf) rohs certificate of compliance (pdf) general product family cable assemblies series 68561 connector to connector serial ata-to-serial ata overview serial_ata_products product name serial ata physical cable length 0.152m (6.00") circuits (loaded) 15 gender male-female lock to mating part yes material - metal stainless steel material - plating mating gold material - plating termination tin packaging type bag pitch - mating interface (in) 0.050 in pitch - mating interface (mm) 1.27 mm plating min: mating (in) 2 plating min: mating (m) 0.05 plating min: termination (in) 75 plating min: termination (m) 1.875 single ended no termination interface: style idt or pierce wire insulation diameter n/a wire size awg 18 wire/cable type pvc electrical current - maximum per contact 1.5a impedance 100 ohms shielded no voltage - maximum 40v material info reference - drawing numbers sales drawing sd-68561-003 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 68561 series this document was generated on 05/25/2010 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 0685610018

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X